Part Number Hot Search : 
AD8306 2SC33 74HC2440 EW730 STC12C B2901 200100 HD6305
Product Description
Full Text Search
 

To Download TM7207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM7207
Features
! ! ! ! Output Power: +16 dBm Typical Low Noise Figure: 2 dB Typical Operating Temp. - 55 C to +85 C Environmental Screening Available
TYPICAL Ta= 25 C 10 - 300 MHz 18 +16 -22 <1.7:1 <1.7:1 2.0 +15 33 MIN/MAX Ta = -55 C to +85 C 10 - 200 MHz 17 Min. +15 Min. -21 Max. 2.0:1 Max. 2.0:1 Max. 3.0 Max. +15 40 Max.
Available as:
TM7207, 4 Pin TO-8 (T4) TN7207, 4 Pin Surface Mount (SM3) FP7207, 4 Pin Flatpack (FP4) BX7207,Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ....... +48 dBm (Typ.) Second Order Two Tone Intercept Point ........ +42 dBm (Typ.) Third Order Two Tone Intercept Point ............ +31 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) VSWR In Out Noise Figure (dB) Power Vdc mA
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
Gain (dB)
21 20 19 18 17
Start 10 MHz Stop 300 MHz
Reverse Isolation (dB)
0 - 10 -20 - 30 - 40
Start 10 MHz Stop 300 MHz
Noise Figure (dB)
5 4 3 2 1
Start 10 MHz Stop 300 MHz
1 dB Comp. (dBm)
+18 +17 +16 +15 +14
Start 10 MHz Stop 300 MHz
Input VSWR
2.0 1.5 1.0
Start 10 MHz Stop 300 MHz
2.0 1.5 1.0
Start 10 MHz
Output VSWR
Stop 300 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Linear S-Parameters Freq ----S11-------S21-------S12-------S22---MHz Mag Deg Mag Deg Mag Deg Mag Deg =================================================================
10 50 100 150 200 250 300 .21 .15 .16 .17 .19 .21 .22 -39 -29 -41 -59 -77 -98 -120 9.42 9.53 9.35 9.16 8.88 8.51 8.01 -172 167 150 134 118 102 87 .069 .069 .073 .077 .081 .085 .090 -171 165 148 132 119 104 92 .15 .05 .06 .08 .10 .12 .14 -56 -8 23 37 41 43 40
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
6/29/04
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM7207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X