Part Number Hot Search : 
SD336 TBAM7 TB1109A TA7643 SPLSI LA4476 STW4102 TB62707
Product Description
Full Text Search
 

To Download TIP140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
TIP140
DESCRIPTION *High DC Current Gain: hFE = 1000(Min)@ IC= 5A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 60V(Min) *Complement to Type TIP145 APPLICATIONS *Designed for general purpose amplifier and low frequency switching applications. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current- Continuous Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
VALUE 60 60 5 10 15 0.5 125 150 -65~150
UNIT V V V A A A W
PC Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance, Junction to Case Thermal Resistance,Junction to Ambient MAX 1.0 35.7 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat)-1 VCE(sat)-2 VBE(sat) VBE(on) ICBO ICEO IEBO hFE-1 hFE-2 PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff current Collector Cutoff current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= 30mA, IB= 0 IC= 5A ,IB= 10mA IC= 10A ,IB= 40mA IC= 10A ,IB= 40mA IC= 10A ; VCE= 4V VCB= 60V, IE= 0 VCE= 30V, IB= 0 VEB= 5V; IC= 0 IC= 5A ; VCE= 4V IC= 10A ; VCE= 4V 1000 500 MIN 60 TYP.
TIP140
MAX
UNIT V
2.0 3.0 3.5 3.0 1 2 2
V V V V mA mA mA
Switching Times td tr tstg tf Delay Time Rise Time Storage Time Fall Time VCC = 30 V, IC = 5.0 A, IB = 20 mA; Duty Cycle20% IB1 = IB2, RC & RB Varied, TJ = 25
B
0.15 0.55 2.5 2.5
s s s s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X