Part Number Hot Search : 
2N301 TDA9332 10V8X1 AS8202B BLU11SL C2000 EVH12390 30HB16
Product Description
Full Text Search
 

To Download TG1900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L U M I N IS
1 2
Ceiling mount
Specification
TANGERINE
TG1900 . TG1902
3
Ceiling pendant luminaire designed with a particular attention to details. Creating a model with peripheral illumination and visual light attraction. An array of optional attachments and accessories are available to customize, and adapt each luminaire to particular design scheme and lighting concept. Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. - Pulse rated porcelain socket or 75W/600V thermoplastic compact fluorescent socket. - High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent. 1- Heavy duty hang straight swivel, with 4 1/2" dia. (115) canopy and universal mounting plate. 2- 5/8" Dia.(16) X36" lg. (900) suspension stem. Precut factory stems are available on request (Specify option STM with desired length). (Options STM60 & STM80 for longer stems.) 3- Cast aluminum removable top cover for quick maintenance. 4- Extruded aluminum ballast housing module with a fine linear stria pattern. 5- Luminous intermediate ventilation housing. 7- Aluminum shade. Standard white enamel inner finish. Exterior as per selected color. 8- Frosted acrylic dome lens. TG1900: Open aluminum shade assembly. TG1902: Frosted acrylic dome lens with enclosed aluminum shade assembly.
4 5 6 7 8
36" (900)
Photometry
TG1902 18" (457)
90
TG1900
Separate updated technical specification sheets with related models and light sources with I.E.S formatted photometry are available on www.luminis.com.
19" (483)
Options
60
Certification
UL. Indoor use. (CE certification on request)
Mounting.
Max. weight: 16 lbs.(7.2). Installation: Mounts over a standard 4"(100) octagonal box with 3 1/2" (89) c/c mounting holes.
30
STC: STM60: STM80: STM: SW45: TCB: TCW: SPB: SPW:
Model#
Light source selection
Compact fluorescent CF (Gx24q) Single lamp Two lamps
Voltage
120 V Standard factory prewired (If no voltage is specified) For other voltages, please specify with catalog number. H.I.D. (ED17) 120 V 277 V 347 V
Finish
(Refer to color chart) Standard selection WHT:Snow white BKT: Jet black BZT: Bronze GRT: Titanium gray DGT: Gun metal CHT: Champagne MST: Matte silver Optional colors CS: Custom color RAL: RAL# color
Mounting Safety cable. 60"lg. (1525) Stem. 80"lg. (2030) Stem. Cut to size stem. 36" lg. stem with 45 hang straight swivel Black spiral power cord. White spiral power cord. 3/18 black straight power cord with aircraft cable. 3/18 white straight power cord with aircraft cable. Electrical 1x26w / 1x32w / 1x42w 120V Dimming ballast. 2x26W 120V Dimming ballast. 2x32w / 2x42w 1X57 / 1X70W 120V Dimming ballast. Dual switch 1 lamp. 1 lamp (26/32/42W) Integral Emergency battery back up. Quartz restrike standby relay. Quartz lamp socket for external emergency power.
TG1900
TG1902
F132 F142 F157 F170 F185 H.I.D
F232 F242 Applicable to TG1900 only
DM1: DM2: DM3: DS1: EM42: QRS: QS:
MH (ED17) INC. (A21) M70 M100 M150 A150 COMP. FLUO. Smart ballast 120/277 347 V (To specify)
TG1900 TG1902
(Lamps: By others) (Open rated lamps only.)
Refer to pages 16 .17 . 18 for details on listed options.
Luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com.
Sept. 2006 Rev.Jan.2008
Page
14
L U M IN I S
Emergency battery back-up EM42
One lamp:
Electrical controls
OPTIONS
BLK WHT AC ballast
EM242
Two lamp:
HOT
26w: 450 Lmns.. 26w / 32w 32w: 575 Lmns. 750 Lmns. 42w: 750 Lmns. Time: 90 Mnts -120/277V / T 0 C Note: *Unless otherwise specified, test switch and indicator light are installed with luminaires at all times. * Standard factory prewiring for Unswitched luminaire.
EM Ballast wiring diagram for 120V factory connection.
COM
WHT
EM ballast
If remote test switch is required, please add -S to option
Black/120V (Factory wired) Orange/277V (Cap unused lead.)
Single pole test switch (Breaking the connection)
Optional:
luminaire * EM42S Switchedwall switch wired for external control. * EM242S To be specified if required. For 57w & 70w: (Remote installation only) Consult factory Note: Overall luminaire height will increase by 2" (50) to accommodate battery back-up
Electronic dimming ballast Dimming specification Specifying option 120V 277V N0. of lamps
Quartz lamp restrike Option: QRS
Quartz restrike standby lamp kit. When power failure is restored, it will energize temporary Quartz lamp with progressive dimming until full H.I.D light output is produced. max.100w DC bayonet type. (Lamp is not included.) Not Applicable with CFL lamps.
DM1-120 DM1-277 1X26/32/42W DM2-120 DM2-277 2X26W 2DM2-120 2DM2-277 4X26W DM3-120 DM3-277 2X32/42W DM3-120 DM3-277 1X57/70W DM4-120 DM4-277 2X57/70W 2DM3-120 2DM3-277 4X32/42W 3DM3-120 3DM3-277 6X32/42W DM5-120 DM5-277 4X57/70W Standard dimming ballast MARK X 60HZ / EOL protection Dimming;5-100% Min. start. temp. 10C (50F) Burn lamps 100 hrs at full light output before dimming.
Quartz lamp emergency socket Note: Add suffix PS to selected lamp wattage. Option: QS
Quartz lamp socket for external 120V emergency power input. Separate 120V dedicated wiring is included. max.100 W DC bayonet type. (Lamp is not included.) Not Applicable with CFL lamps.
Pulse start ballast
Use of pulse start lamp and ballast combination requires a lens enclosure with the luminaire. Please check with compatible luminaire lens option. Note: Some pulse start lamps may be available as protected lamp version to eliminate the lens enclosure. If required, please contact factory to verify availability and compatibility.
Dual switching
Luminaires ballasts are wired for external switching control. DS1: Luminaires with 2 lamps individually externally controlled. DS2: Luminaires with 4 lamps or more are externally controlled by set of 2 lamps.(for other lamp groupings, please consult factory)
DS1 + + + + +
DS2 + + +
-
-
DS2: Luminaire ballast housing length and stem size may be increased to accomodate required number of ballasts.
DS1-26: DS2-26: DS1-42: DS2-42: DS1-70: DS2-70: DS1-120: DS2-120: DS2-642: DS2-842: DS2-657:
Dual single lamp switching 26W Dual lamp switching by pair 2x26W Dual single lamp switching 32W or 42W Dual lamp switching by pair 2x32W or 2X42W Dual single lamp switching 57W or 70W Dual lamp switching by pair 2x57W or 2X70W Dual single lamp switching 85W or 120W Dual lamp switching by pair 2x85W or 2x120W Dual lamp switching by pair 2x32W or 2X42W Dual lamp switching by pair 2x32W or 2X42W Dual lamp switching by pair 2x57W or 2X70W
Luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com.
Sept. 2006 Rev.Feb.2007
Page
16
L U M IN I S
Slope ceiling adaptor
Mounting and accessories
Option: SW45
45 hang straight ball swivel for 5/8" dia. suspension stem.
OPTIONS
Option
STM60 STM80 *STA36: 36" lg.X5/8" O.D. suspension stem. *STA60: 60" lg.X5/8" O.D. suspension stem. *STA80: 80" lg. X5/8" O.D. suspension stem.
Longer suspension stem *STA option for:
AR115 AR117-AR119 AR121 only. Stems can be cut on site and re-threaded externally (Tap size 1/4-18)
Option: SB45 SW45 SB45
45 hang straight ball swivel for 5/8" dia. suspension stem. with adaptor plate for AR115 AR117 - AR119 - AR121 series
For other factory cut to size length add suffix -STM with desired length to catalog# max.120"
Suspension power cord
Note: cable size and type may change at factory discretion upon availability, to accomodate required wiring.
Spiral suspension power cord Option: SPW (White) SPB (Black)
3/18 X 36"lg. power cord with adjustable aircraft cable. SPB Black power cable only with options EM42 / EM42S EM242 / EM242S QS / DS/ DS2
Option: TCW (White) TCB (Black)
3/18 Spiral power cord Max. 277V Standard extended length: 3ft. Not applicable when using options EM42 / EM42S EM242 / EM242S QS / DS/ DS2
Safety suspension cable Option: STC
Safety aircraft suspension cable, for applications with earthquake regulations. Cables extends 18" beyond canopy. (Secured to building structure)
Ceiling surface mounting. Ceiling surface mount conversion kit.
Mounts with a Standard 4" octagonal electrical box.(by others)
Option: CK12 CK16 Conduit adaptor
Max. watts: C.F.L: 2x42w H.I.D: 100w Max. watts: C.F.L: 2x70w H.I.D: 100w
Optional lens:
Luminous blue edge lens Option: 15" Dia. Kronos replacement LBL
g ion swivel. ith 45 wivel. l
r to page 16
Frosted
frosted lens with luminous blue clear edging.
3/4" NPT Female Threaded adaptor (Electrical conduit and other support hardware by others)
Option: TA
Option: L18F:
Clear or Frosted Frosted acrylic full lens enclosure. (Kronos KR series)
Cross guard ring L11: L12: L16:
Clear lens (Prisma Nova 12)
Option: CLA: Satin anodized.
/1x42w ballast. ballast. 42W) ency p. ocket wer.
Clear lens (Prisma 12) Clear lens (Prisma 16) Clear lens (Prisma Nova 16) Clear lens (Prisma Nova 24) 3/16" thick aluminum cross guard ring. Available with Kronos series only.
Clear
L17: L21: L22:
Cross blade louver
Clear lens (Prisma 24)
2" Deep aluminum satin anodized cross blade louver.
Optional damp location conversion kit: DA:
Option:
Damp location converter glass cover
LB12: Satin anodized 12" LB16: Satin anodized 16" LB22: Satin anodized 21"
Luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com.
Sept. 2006 Rev.Feb.2007
Page
17
L U M IN I S
Wire Guard
Mounting and accessories
OPTIONS
Option: GL16 Prisma 16 series GL22 Prisma 22 series
Galvanized wire guard with concentric rings
Clear prismatic conical drop lens Option: D12: Clear lens (Prisma 12) D16: Clear lens (Prisma 16) D22: Clear lens (Prisma 22) D12T: Clear lens (Prisma Nova 12) D16T: Clear lens (Prisma Nova 16) D22T: Clear lens (Prisma Nova 22) Alternate inner diffuser
Alternate inner diffuser for PR1630 series.
Diffuser trim
Option:
Aluminum diffuser trim 12" x 3 1/2" high BA12 Satin anodized aluminum trim. BC12 Painted aluminum trim same color as luminaire. Aluminum diffuser trim 16" x 5 1/2" high BA16 Satin anodized aluminum trim. BC16 Painted aluminum trim. Aluminum diffuser trim 21" x 61/2" high BA22 Satin anodized aluminum trim. BC22 Painted aluminum trim.
Option: CR12:
12" dia. inner vibrant red diffuser.
CY12:
12" dia. vibrant yellow inner diffuser.
Alternate Up light reflector finish (Aramis AR101 series) RD1:
RD1
Reflector finish
Option:
Inside reflector: Semi-specular Outside reflector: Same color as luminaire
White enamel indirect reflector. All other visible metal parts as per specified color.
RP2 RP6 RP8 RP9
Prisma 12 & Prisma Nova 12 Prisma 16 & Prisma Nova 16 Prisma 22 & Prisma Nova 22 Kronos & Torx
Non compatible options Frosted prismatic diffuser Option: W12
Frosted 12" dia. prismatic lens diffuser.
- (DS1/DS2) Dual switching with (DM) Dimming ballast - (DS1/DS2) Dual switching with (EM) Emergency battery - (DM) Dimming ballast (EM) Emergency battery - QS or QRS option with compact fluo. lamps.
W16
Frosted 16" dia. prismatic lens diffuser.
W22
Frosted 21" dia. prismatic lens diffuser. Lamp Watts Lamp base
Lamps & ballast compatibility
Ballast Volts
Lamp watts
Lamp base & Type
ANSI Code
26W 32W 42W 57W 70W 85W
G24Xq3 120/277 G24Xq3 120/277 G24Xq4 120/277 G24Xq5 120/277 G24Xq6 120/277 2G8-1 120
39W 39W 50W 70W 70W 70W 100W 150W 175W 250W 400W
T6 ED17 ED17 T6 ED17 ED17 ED17 ED28 ED37
Enclosed rated (G12 base)M130 M130 M110/M148 M198/M143 M198/M143 M90/M140 M102/M142 M58 M59
Web: www.luminis.com.
Sept. 2006 Rev. July 2007
PAR20 Open rated (Med.base) Open rated (Med.base) Open rated (Med.base) Open rated (Med.base) Open rated (Med.base) Open rated (Mog.base) Open rated (Mog.base) PAR30L Open rated (Med.base)
Enclosed rated (G12 base) M139
120W 2G8-1 120 Note: Requires lens Enclosed rated lamps require a lens enclosure option protection with the luminaire. Enclosed rated lamps will not fit with open rated sockets. LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Enclosed rated (Med.base) M57
Luminaires may be altered for design improvements or discontinued without prior notice. Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Page
18


▲Up To Search▲   

 
Price & Availability of TG1900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X