Part Number Hot Search : 
TAPE35 16512 RS202 1N1189 51164 MUR815G MBP20 CXA1814
Product Description
Full Text Search
 

To Download SSL40N03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSL40N03
Elektronische Bauelemente 40A, 30V,RDS(ON)17 m[ N-Channel Enhancement Mode Power Mos.FET
RoHS Compliant Product
Description
The SSL40N03 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-263 is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications
such as DC/DC converters and high efficiency switching circuit.
Features
* Fast Switching
* Simple Drive Requirement
* Dynamic dv/dt Rating * Repetitive Avalanche Rated
D
REF. A b L4 c L3 L1 E
G
Millimeter Min. Max. 4.40 4.80 0.76 1.00 0.00 0.30 0.36 0.5 1.50 REF. 2.29 2.79 9.80 10.4
REF. c2 b2 D e L L2
Millimeter Min. Max. 1.25 1.45 1.17 1.47 8.6 9.0 2.54 REF. 14.6 15.8 o o 0 8 1.27 REF.
S
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current,VGS@10V Continuous Drain Current,VGS@10V Pulsed Drain Current
1
Symbol
VDS VGS ID@TC=25 C ID@TC=100C IDM PD@TC=25 C
o o o
Ratings
30
20 40 30 169 50 0.4
Unit
V V A A A W
W/ C
o o
Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Thermal Resistance Junction-case Thermal Resistance Junction-ambient
Symbol Max. Max.
Rthj-c Rthj-a
Ratings
2.5 62
o o
Unit
C /W C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 5
SSL40N03
Elektronische Bauelemente 40A, 30V,RDS(ON)17 m[ N-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C ) Drain-Source Leakage Current(Tj=150C) Static Drain-Source On-Resistance
o o
o
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
30
_
Typ.
_
Max.
_
Unit
V V/ C V nA uA uA
o
Test Condition
VGS=0V, ID=250uA Reference to 25 C, ID=1mA VDS=VGS, ID=250uA VGS=20V VDS=30V,VGS=0 VDS=24V,VGS=0 VGS=10V, ID=20A VGS=4.5V, ID=16A
o
0.037
_ _ _ _
_
1.0
_ _ _ _
3.0
100
25 250 17 24
_ _ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
14 22
_ _ _ _ _ _ _ _ _ _ _
m [
Total Gate Charge2 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
17 3 10 7.2 60 22.5 10 800 380 133 26
nC
ID=20A VDS=24V VGS= 4.5V
_
_ _ _ _ _ _
VDD=15V ID=20A nS VGS=10V RG=3.3[ RD=0.75[
pF
VGS=0V VDS=25V f=1.0MHz
_
_
S
VDS=10V, ID=20A
Source-Drain Diode
Parameter
Forward On Voltage 2 Continuous Source Current(Body Diode)
Pulsed Source Current(Body Diode)
1
Symbol
VSD IS
Min.
_ _
Typ.
_ _ _
Max.
1.3
Unit
V A A
Test Condition
IS=40 A, VGS=0V.Tj=25C VD=VG=0V,VS=1.3 V
o
40
169
ISM
_
Notes: 1.Pulse width limited by safe operating area. 300us, dutycycleO2%. 2.Pulse widthO
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 5
SSL40N03
Elektronische Bauelemente 40A, 30V,RDS(ON)17 m[ N-Channel Enhancement Mode Power Mos.FET
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
http://www.SeCoSGmbH.com/
Fig 5. Maximum Drain Current v.s. Case Temperature
Fig 6. Type Power Dissipation
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 5
SSL40N03
Elektronische Bauelemente 40A, 30V,RDS(ON)17 m[ N-Channel Enhancement Mode Power Mos.FET
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristics of Reverse Diode
http://www.SeCoSGmbH.com/
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 5
SSL40N03
Elektronische Bauelemente 40A, 30V,RDS(ON)17 m[ N-Channel Enhancement Mode Power Mos.FET
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of SSL40N03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X