Part Number Hot Search : 
FJY4010R 1N6408 0S172 2SK3301 107M0 2SD60 20B5T LA1867NM
Product Description
Full Text Search
 

To Download SSG4913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSG4913
Elektronische Bauelemente P-Ch Enhancement Mode Power MOSFET -3.5 A, -20 V, RDS(ON) 130 m
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
DESCRIPTIONS & FEATURES
The SSG4913 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. Simple Drive Requirement Lower On-resistance Fast Switching Performance
SOP-8
B
L
D M
PACKAGE INFORMATION
Weight: 0.07936g
A
C N J
K
MARKING CODE
D1 D1 D2 D2
H
G
Millimeter Min. Max. 5.80 6.20 4.80 5.00 3.80 4.00 0 8 0.40 0.90 0.19 0.25 1.27 TYP. REF. H J K L M N
F
Millimeter
E
Drain1
78
Drain2
56
REF. A B C D E F G
4913SS
1 S1 G1 S2 G2
= Date Code
2
Gate1
4
Gate2
1
Source1
3
Source2
Min. Max. 0.35 0.49 0.375 REF. 45 1.35 1.75 0.10 0.25 0.25 REF.
ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current3 Continuous Drain Current3 Pulsed Drain Current1,2 Total Power Dissipation Symbol Ratings -20 8 -3.5 -2.8 -18 2 -55 ~ +150 0.02 Unit V V A A A W W/
VDS VGS ID @TA=25 ID @TA=70 IDM PD @TA=25 Operating Junction and Storage Temperature Range TJ, TSTG Linear Derating Factor
THERMAL DATA
Parameter Thermal Resistance Junction-ambient3 Max Symbol RJ-AMB Value 62.5 Unit /W
01-December-2008 Rev. A
Page 1 of 4
SSG4913
Elektronische Bauelemente P-Ch Enhancement Mode Power MOSFET -3.5 A, -20 V, RDS(ON) 130 m
ELECTRICAL CHARACTERISTICS (Tj = 25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Symbol BVDSS BVDSS /TJ VGS(th)
Min. -20 -0.4 -
Typ. -0.028 6.5 6 0.8 1.3 6.5 20 31 21 405 170 45
Max. -1.0 100 -1 -25 130 180 8.5 -
Unit V V / C V S nA uA uA m nC
Test Conditions VGS = 0, ID = -250 uA
Reference to 25C, ID = -250 A
Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current
Drain-Source Leakage Current(Tj=25) Drain-Source Leakage Current(Tj=70)
gfs
IGSS IDSS RDS(ON) Qg Qgs Qgd Td(on) Tr Td(off) Tf Ciss Coss Crss
Static Drain-Source On-Resistance Total Gate Charge2 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
VDS = VGS, ID = -250 A VDS = -5 V, ID = -3.5 A VGS = 8 V VDS = -16 V, VGS = 0 VDS = -12 V, VGS = 0 VGS = -4.5 V, ID = -3.5 A VGS = -2.5 V, ID = -3.0 A ID = -3.5 A VDS = -5 V VGS = -4.5 V VDD = -5 V ID = -1 A VGS = -4.5 V RG = 6 VGS = 0 V VDS = -10 V f = 1.0 MHz
ns
pF
SOURCE-DRAIN DIODE
Parameter Forward On Voltage Continuous Source Current (Body Diode)
Notes:
2
Symbol VSD IS
Min. -
Typ. -
Max. -1.2 -2.1
Unit V A
Test Conditions IS= -2.1 A, VGS=0V VD = VG = 0 V, VS = -1.2 V
1. Pulse width limited by Max. junction temperature. 2. Pulse width300us, duty cycle2%.
01-December-2008 Rev. A
Page 2 of 4
SSG4913
Elektronische Bauelemente P-Ch Enhancement Mode Power MOSFET -3.5 A, -20 V, RDS(ON) 130 m
CHARACTERISTIC CURVE
01-December-2008 Rev. A
Page 3 of 4
SSG4913
Elektronische Bauelemente P-Ch Enhancement Mode Power MOSFET -3.5 A, -20 V, RDS(ON) 130 m
CHARACTERISTIC CURVES (cont'd)
01-December-2008 Rev. A
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SSG4913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X