|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SSC3000 Series Temperature compensated silicon stainless steel pressure sensors FEATURES * 0...1 bar to 0...16 bar absolute or gage * For corrosive pressure media * Excellent low temperature drift * All welded stainless steel diaphragm construction * For hostile environments SERVICE Media wetted parts: any liquid or vapor that is compatible with stainless steel 316 (1.4401) Scale: 1 cm 1 inch SPECIFICATIONS Maximum ratings Supply current Temperature limits Storage Operating Compensated Vibration (20 to 2000 Hz) Mechanical shock (11 ms) Proof pressure1 SSC3001... SSC3002... SSC3005... SSC3016... 1.5 mA -40 to 125C -40 to 125C 0 to 70C 10 gRMS 100 g ELECTRICAL CONNECTION 4 +Vs -Vout 1 +Vout 2 3 SSC3000...A -Vs SSC3000...H or J 2 bar 4 bar 13 bar 32 bar 12 3 4 1234 September 2004 / 029 1/3 www.sensortechnics.com SSC3000 Series Temperature compensated silicon stainless steel pressure sensors PERFORMANCE CHARACTERISTICS (unless otherwise noted, IS = 1 mA, tamb = 25C) Characteristics Operating pressure SSC3001... SSC3002... SSC3005... SSC3016... SSC3001.../SSC3002... SSC3005... SSC3016... -2 70 50 65 1 100 70 95 0.1 0.01 0.2 0.2 0.1 4.0 5.0 0.1 0.1 40 Min. Typ. Max. 1 2 5 16 2 130 90 120 0.25 0.05 1.0 1.0 0.2 4.8 6.0 Unit bar Zero pressure offset Full scale output2 mV Non-linearity (BSL)3 Hysteresis and repeatability Thermal effects (0 to 70C)4 Offset Full scale output Hysteresis Input impedance Output impedance Long term stability5 Offset Span Power consumption %FSO 2.9 4.0 k %FSO mW Specification notes (for all devices): 1. 2. 3. 4. 5. 6. Proof pressure is the max. pressure which may be applied without causing damage to the sensing element. Full scale measurement at maximum operating pressure. Non-linearity - the maximum deviation of measured output at constant temperature, from "Best Straight Line" through three points (offset pressure, full scale pressure and half scale pressure). Temperature tested and guaranteed from at 70C relative to 25C. All specs. are shown relative to 25C. Change in output after 1 year. Recommended o-ring 17 x 1 mm #674-70. ORDERING INFORMATION Operating pressure 0 - 1 bar absolute 0 - 2 bar absolute 0 - 5 bar absolute 0 - 16 bar absolute 0 - 1 bar gage 0 - 2 bar gage 0 - 5 bar gage 0 - 16 bar gage O-ring, 17 x 1 mm flush mount SSC3001AA SSC3002AA SSC3005AA SSC3016AA SSC3001GA SSC3002GA SSC3005GA SSC3016GA SSCAI-SEAL Package version 1/4" - 18 NPT thread SSC3001AH SSC3002AH SSC3005AH SSC3016AH SSC3001GH SSC3002GH SSC3005GH SSC3016GH --1/8" - 27 NPT thread SSC3001AJ SSC3002AJ SSC3005AJ SSC3016AJ SSC3001GJ SSC3002GJ SSC3005GJ SSC3016GJ --- 2/3 September 2004 / 029 www.sensortechnics.com SSC3000 Series Temperature compensated silicon stainless steel pressure sensors OUTLINE DRAWING SSC3000...A o-ring area 6 1.4 17.3 diam. 12 3 4 5.1 3.1 12.7 18.9 diam. 4 places solder pads Do not touch diaphragm mass: 10 g dimensions in mm SSC3000...H or J NOM 50 21.3 12.7 19 123 4 7/8" 22.2 mass: 45 g SSC...H-...: 1/4"-18NPT SSC...J-...: 1/8"-27NPT dimensions in mm Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. September 2004 / 029 3/3 www.sensortechnics.com |
Price & Availability of SSC3002AA |