Part Number Hot Search : 
TCS3414 XXXSP 16011 0512E SM4001A 210A0 3238E 1SV216
Product Description
Full Text Search
 

To Download SMBJ28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ Series
TRANSIENT VOLTAGE SUPPRESSORS
Features * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * 600 W peak pulse power capability * Excellent clamping capability
Mechanical Data * Case: DO-214AA (SMB) molded plastic * Terminals: Solder plated * Polarity: For unidirectional types the color band denotes the cathode (except for bidirectional types) * Mounting Position: Any
Description * Devices for bidirectional applications * For bidirectional use C or CA suffix for types SMBJ5.0 thru types SMBJ170A (e.g. SMBJ5.0C, SMBJ170CA) * Electrical characteristics apply in both directions
Absolute Maximum Ratings (Ta = 25 OC unless otherwise specified)
Parameter Peak Pulse Power Dissipation Peak Pulse Current
1) 2) 3) 1)
Symbol PPPM IPPM PPK IFSM VF TJ, TStg
Value Min. 600 See Next Table 2 100 3.5 / 5 - 55 to + 150
Unit W A W A V
O
Steady State Power Dissipation
Peak Forward Surge Current, Unidirectional only Maximum Instantaneous Forward Voltage 4) at 50 A, Unidirectional only
Operating Junction and Storage Temperature Range
1) 2)
C
Pulse with a 10 / 1000 s waveform. Mounted on a 5 X 5 X 0.013 mm Copper pads to each terminal. 3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. For uni-directional devices only. 4) VF: 3.5 V Max. for types SMBJ5.0~SMBJ90, VF: 5 V Max. for types SMBJ100~SMBJ170
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 11/11/2008 FD
SMBJ Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Uni-directional / Bi-directional Type 3) SMBJ5.0 / C SMBJ5.0A / CA SMBJ6.0 / C SMBJ6.0A / CA SMBJ6.5 / C SMBJ6.5A / CA SMBJ7.0 / C SMBJ7.0A / CA SMBJ7.5 / C SMBJ7.5A / CA SMBJ8.0 / C SMBJ8.0A / CA SMBJ8.5 / C SMBJ8.5A / CA SMBJ9.0 / C SMBJ9.0A / CA SMBJ10 / C SMBJ10A / CA SMBJ11 / C SMBJ11A / CA SMBJ12 / C SMBJ12A / CA SMBJ13 / C SMBJ13A / CA SMBJ14 / C SMBJ14A / CA SMBJ15 / C SMBJ15A / CA SMBJ16 / C SMBJ16A / CA SMBJ17 / C SMBJ17A / CA SMBJ18 / C SMBJ18A / CA SMBJ20 / C SMBJ20A / CA SMBJ22 / C SMBJ22A / CA SMBJ24 / C SMBJ24A / CA SMBJ26 / C SMBJ26A / CA SMBJ28 / C SMBJ28A / CA SMBJ30 / C SMBJ30A / CA SMBJ33 / C SMBJ33A / CA Stand-off Voltage VWM (V) 5 5 6 6 6.5 6.5 7 7 7.5 7.5 8 8 8.5 8.5 9 9 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 Breakdown Voltage 1) VBR (V) Min. at IT 6.4 6.4 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10 10 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20 20 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 VBR (V) Max. at IT 7.3 7 8.15 7.37 8.82 7.98 9.51 8.6 10.3 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38 34.4 40.7 36.8 44.9 40.6 Test Current IT (mA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Maximum Clamping Voltage VC (V) at IPPM 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12 14.3 12.9 15 13.6 15.9 14.4 16.9 15.4 18.8 17 20.1 18.2 22 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43 38.9 46.6 42.1 50 45.4 53.5 48.4 59 53.3 Maximum Peak Pulse Current IPPM (A) 65 68 55 61 51 56 47 52 44 48 42 46 39 43 37 40 33 37 31 34 28 31 26 29 24.4 27 23.1 25.1 21.8 24.2 20 22.8 19.5 21.5 17.6 19.4 15 17.7 14.6 16 13.5 14.9 12.6 13.8 11.7 13 10.6 11.8 Maximum Reverse Leakage 2) ID (A) at VWM 800 800 800 800 500 500 200 200 100 100 50 50 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 11/11/2008 FD
SMBJ Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Maximum Maximum Peak Pulse Clamping VBR (V) VBR (V) Voltage Current IPPM (A) VC (V) at IPPM Min. at IT Max. at IT SMBJ36 / C 36 40 48.9 1 64.3 9.8 SMBJ36A / CA 36 40 44.2 1 58.1 10.8 SMBJ40 / C 40 44.4 54.3 1 71.4 8.8 SMBJ40A / CA 40 44.4 49.1 1 64.5 9.7 SMBJ43 / C 43 47.8 58.4 1 76.7 8.2 SMBJ43A / CA 43 47.8 52.8 1 69.4 9 SMBJ45 / C 45 50 61.1 1 80.3 7.8 SMBJ45A / CA 45 50 55.3 1 72.7 8.6 SMBJ48 / C 48 53.3 65.1 1 85.5 7.3 SMBJ48A / CA 48 53.3 58.9 1 77.4 8.1 SMBJ51 / C 51 56.7 69.3 1 91.1 6.9 SMBJ51A / CA 51 56.7 62.7 1 82.4 7.6 SMBJ54 / C 54 60 73.3 1 96.3 6.5 SMBJ54A / CA 54 60 66.3 1 87.1 7.2 SMBJ58 / C 58 64.4 78.7 1 103 6.1 SMBJ58A / CA 58 64.4 71.2 1 93.6 6.7 SMBJ60 / C 60 66.7 81.5 1 107 5.8 SMBJ60A / CA 60 66.7 73.7 1 96.8 6.5 SMBJ64 / C 64 71.1 86.9 1 114 5.5 SMBJ64A / CA 64 71.1 78.6 1 103 6.1 SMBJ70 / C 70 77.8 95.1 1 125 5 SMBJ70A / CA 70 77.8 86 1 113 5.5 SMBJ75 / C 75 83.3 102 1 134 4.7 SMBJ75A / CA 75 83.3 92.1 1 121 5.2 SMBJ78 / C 78 86.7 106 1 139 4.5 SMBJ78A / CA 78 86.7 95.8 1 126 5 SMBJ85 / C 85 94.4 115 1 151 4.1 SMBJ85A / CA 85 94.4 104 1 137 4.6 SMBJ90 / C 90 100 122 1 160 3.9 SMBJ90A / CA 90 100 111 1 146 4.3 SMBJ100 / C 100 111 136 1 179 3.5 SMBJ100A / CA 100 111 123 1 162 3.8 SMBJ110 / C 110 122 149 1 196 3.2 SMBJ110A / CA 110 122 135 1 177 3.5 SMBJ120 / C 120 133 163 1 214 2.9 SMBJ120A / CA 120 133 147 1 193 3.2 SMBJ130 / C 130 144 176 1 231 2.7 SMBJ130A / CA 130 144 159 1 209 3 SMBJ150 / C 150 167 204 1 268 2.3 SMBJ150A / CA 150 167 185 1 243 2.5 SMBJ160 / C 160 178 218 1 287 2.2 SMBJ160A / CA 160 178 197 1 259 2.4 SMBJ170 / C 170 189 231 1 304 2 SMBJ170A / CA 170 189 209 1 275 2.2 1) VBR measured after IT applied for 300 s square wave pulse or equivalent. 2) For bidirectional types having VRWM of 10 V and less, the ID limit is doubled. 3) For bidirectional use C or CA suffix types, the electrical characteristics apply in both directions. Uni-directional / Bi-directional Type 3) Stand-off Voltage VWM (V) Breakdown Voltage 1) Test Current IT (mA) Maximum Reverse 2) Leakage ID (A) at VWM 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 11/11/2008 FD


▲Up To Search▲   

 
Price & Availability of SMBJ28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X