Part Number Hot Search : 
TLMK3210 PSMN1R EUR2600M 155TM7 25LC640 PS7200 LM3S8971 ZVN0540A
Product Description
Full Text Search
 

To Download SM09195-45LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM09195-45LD
917-950 MHz 30 Watt Linear Power Amplifier FOR GSM APPLICATIONS
The SM09195-45LD is a solid state LDMOS amplifier designed for the Cellular/GSM telephony market. It is one of the smallest amplifiers in the industry to deliver a P1dB of 30 watts. The operating frequency is 917-950 MHz, and the linear gain is 50 dB with a gain flatness of 0.5 dB across the band. The unit operates off a single positive supply voltage of +24V, and draws less than 6.6 A of current. The amplifier is available in modular form (standard), or as a 19" rack mount unit. Features * * * * * Mis-Match Protected Single Power Supply Level Control Over/Reverse Voltage Protection Thermal Protection with Auto Reset
Parameter Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Specification 917 - 950 MHz + 45 dBm + 55 dBm 50 dB 1 dB
Options * * * * Forward/Reverse Power Detection Harmonic Filter Logic On/Off Control Integral Heatsink
Gain Flatness over .5 dB Full Band .5 dB Gain Change over Temperature Input/Output Return Loss -13 dB / -13 dB DC Supply Level Control + 24 Volts @ 6.6 Amperes (4.8 Amps Quiescent) 32 dB - 55 dBc 7.5 x 3.7 x 2.2 inches SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level
Configurations * * Module 19" Rack
Harmonic Filter (Optional) Mechanical Dimensions With Heatsink RF Connectors Operating Temperature Operating Humidity Operating Altitude
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM09195-45LD
917-950 MHz 30 Watt Linear Power Amplifier FOR GSM APPLICATIONS
DIMENSIONS IN INCHES
Pin RF Input RF Output GND REV FWD +24VDC On/Off Level
Description Input Connector (SMA Female) Output Connector (SMA Female) Ground Turret Reverse Power Detector Forward Power Detector DC Input Voltage TTL Logic On/Off Voltage Variable Attenuator (VVA)
Values - 4 dBm, typical + 45 dBm -- VSWR @ + 45 dBm + 5 Volts + 45 dBm Output Power + 5 Volts + 24 Volts @ 6.6 Amperes (4.8 Amperes Quiescent) 0 Volts = Off, + 5 Volts = On 0 Volts = 0 dBr, + 5 Volts - 32 dBr
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM09195-45LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X