Part Number Hot Search : 
EL5228 SBL4R01J 1N3880 M29LV 1N4150 N105B FDN302P AT91S
Product Description
Full Text Search
 

To Download SM02932-58LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM02932-58LD
290-320 MHz 200 Watt Avg. Power Amplifier FOR DEFENSE COMMUNICATIONS
The SM02932-58 is an LDMOS amplifier designed for applications such as defense and satellite communications. The unit operates from 290 to 320 MHz. Average 2 tone performance is +50 dBm per tone, with harmonics and IM products @ <-30 dBc. The amplifier operates from a single supply voltage of +28 VDC and 8.6 Amps of quiescent current. Features: * * * * * * Single DC Supply: +18 to +36V regulated input Over/Reverse Voltage Protection Reverse VSWR protection Thermal Protection with Auto Reset Digital Attenuator Control: 0 to 15dB attenuation per input Integral Heatsink
Parameter Frequency Range Pout Linear Gain Gain Flatness over Full Band Gain Change over Temperature Input/Output Return Loss DC Supply RF Connectors Operating Temperature Operating Humidity Operating Altitude Dimensions
Specification 290 - 320 MHz 200W (avg.) 53 dB 1 dB 0.5 dB 1.0 dB -20 / -18 dB + 28 Volts @ 8.6 Amps (Quiescent) Female SMA 0 to +60C 95% Non-condensing Up to 20,000 feet above Sea Level 12 x 9.75 x 3.3 inches (with heatsink)
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM02932-58LD
290-320 MHz 200 Watt Avg. Power Amplifier FOR DEFENSE COMMUNICATIONS
DIMENSIONS IN INCHES
CONNECTOR DETAIL ON NEXT PAGE
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM02932-58LD
290-320 MHz 200 Watt Avg. Power Amplifier FOR DEFENSE COMMUNICATIONS
J3 OUT
Made in USA
Label J1 J2 J3 J4 J5
Description Input Connector (Female SMA) Input Connector (Female SMA) Output Connector (Female SMA) DC Power Input Connector Attenuator Control
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
WARRANTY J4 POWER VOID IF BROKEN
Model: Options: SM02932-58 S/N: Lot: 2078 03-053
J1 IN-1
J5 ATTEN.
J2 IN-2
VOID
Values +10 dBm, max +10 dBm, max + 53 dBm, typical + 28 Volts @ 8.6 Amps (Quiescent) 0 - 15 dB attenuation per input


▲Up To Search▲   

 
Price & Availability of SM02932-58LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X