Part Number Hot Search : 
420508 2N5680 22N50 F0805 2N5401 2SC438 LBN14055 SMAJ51A
Product Description
Full Text Search
 

To Download SKY77189 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCE DATA SHEET
SKY77189 Power Amplifier Module for WCDMA / HSDPA Band VIII (880-915 MHz)
Applications
* WCDMA handsets * HSDPA The SKY77189 Power Amplifier Module (PAM) is a fully matched 10-pad surface mount module developed for Wideband Code Division Multiple Access (WCDMA) applications. This small and efficient module packs full 880-915 MHz bandwidth coverage into a single compact package. Because of high efficiencies attained throughout the entire power range, the SKY77189 delivers unsurpassed talk-time advantages. The SKY77189 meets the stringent spectral linearity requirements of High Speed Downlink Packet Access (HSDPA) data transmission with high power added efficiency. A directional coupler is integrated into the module thus eliminating the need for any external coupler. The single Gallium Arsenide (GaAs) Microwave Monolithic Integrated Circuit (MMIC) contains all active circuitry in the module. The MMIC contains on-board bias circuitry, as well as input and interstage matching circuits. Output match into a 50-ohm load is realized off-chip within the module package to optimize efficiency and power performance. The SKY77189 PAM is manufactured with Skyworks' InGaP GaAs Heterojunction Bipolar Transistor (HBT) BiFET process that provides for all positive voltage DC supply operation while maintaining high efficiency and good linearity. Primary bias to the SKY77189 is supplied directly from any three-cell Ni-Cd, a single-cell Li-Ion, or other suitable battery with an output in the 3.2 to 4.2 volt range. No VREF voltage is required. Power down is accomplished by setting the voltage on VENABLE to zero volts. No external supply side switch is needed as typical "off" leakage is a few microamperes with full primary voltage supplied from the battery.
Features
* Low voltage positive bias supply 3.2 V to 4.2 V * Good linearity * High efficiency - 40% @ 28.75 dBm * Large dynamic range * 10-pad package - 3 x 3 x 0.85 mm * Power down control * InGaP * Supports low collector voltage operation * Digital Enable * No VREF required * CMOS compatible control signals * Integrated Directional Coupler
Figure 1. Functional Block Diagram
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200887E * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * February 3, 2009
1
ADVANCE DATA SHEET
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA BAND VIII (880-915 MHz)
Electrical Specifications
The following tables list the electrical characteristics of the SKY77189 Power Amplifier. Table 1 lists the absolute maximum ratings, while Table 2 shows the recommended operating conditions to achieve WCDMA and HSDPA performance characteristics listed in Table 4. Table 3 presents a truth table for the power settings. Table 5 and Table 6 provide the standard test configurations for WCDMA (STC1) and HSDPA (STC2), respectively.
Table 1. Absolute Maximum Ratings 1
Parameter RF Input Power Supply Voltage Enable Control Voltage Mode Control Voltage PIN VCC1, VCC2 VEN VMODE_0 VMODE_1 Case Temperature 2 Operating Storage TCASE TSTG Symbol Minimum -- -- -- -- -- -30 -55 Nominal 0 3.4 1.8 1.8 1.8 25 -- Maximum 10 6.0 4.2 4.2 4.2 +110 +125 C Unit dBm Volts Volts Volts
1 No damage assuming only one parameter is set at limit at a time with all other parameters set at nominal value. 2 Case Operating Temperature (TCASE) refers to the temperature of the GROUND PAD at the underside of the package.
Table 2. Recommended Operating Conditions
Parameter RF Output Power 1 WCDMA HSDPA Operating Frequency Supply Voltage Enable Control Voltage Low High Mode Control Voltage Low Symbol PO_MAX PO_MAX FO VCC1, VCC2 VEN_L VEN_H VMODE_0 VMODE_1 Medium VMODE_0 VMODE_1 High VMODE_0 VMODE_1 Case Operating Temperature
1 For VCC < 3.4 V, output power back-off = 0.5 dB. 2 Recommended minimum VCC for maximum power output is indicated. VCC2 down to 0.5 V may be used for backed-off power when using DC/DC converter to conserve battery current.
Minimum -- -- 880.0 3.2 2 0.0 1.35 1.35 1.35 1.35 0.0 0.0 0.0 -20
Nominal -- -- 897.5 3.4 0.0 1.8 1.8 1.8 1.8 0.0 0.0 0.0 +25
Maximum 28.75 27.75 915.0 4.2 0.5 3.1 3.1 3.1 3.1 0.5 0.5 0.5 +85
Unit dBm
MHz Volts Volts
Volts
TCASE
C
Table 3. Modes of Operation
Power Setting Power Down Mode Standby Mode High Power Mode (17.0 dBm POUT 28.75 dBm Medium Power Mode (7.0 dBm POUT 17.0 dBm) Low Power Mode (POUT 7.0 dBm) Optional Lower VCC Mode (POUT 7.0 dBm) ENABLE Low Low High High High High VMODE_0 Low -- Low High High Low VMODE_1 Low -- Low Low High Low VCC On On On On On 1.5 V
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
February 3, 2009 * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * 200887E
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA BAND VIII (880-915 MHz) Table 4. Electrical Specifications for Nominal Operating Conditions 1
Characteristics Gain Symbol GLOW GMID GHIGH Rx Band Gain RxG RxG_GPS RxG_ISM Power Added Efficiency PAELOW PAEMID PAEHIGH Total Supply Current ICC_LOW ICC_MID ICC_HIGH Quiescent Current Enable Control Current Mode Control Current Total Supply Current in Power Down Mode IQ_LOW IQ_MED IEN IMODE_0 IMODE_1 IPD Condition PO = 7.0 dBm PO = 17.0 dBm PO = 28.75 dBm -- -- -- PO = 7.0 dBm PO = 17.0 dBm PO = 28.75 dBm PO = 7.0 dBm PO = 17.0 dBm PO = 28.75 dBm Low Power Mode Medium Power Mode -- -- -- VCC = 3.4 V VEN = Low VMODE_0 = Low VMODE_1 = Low PO = 7.0 dBm PO = 17.0 dBm PO = 28.75 dBm 10 MHz offset ACLR10 PO = 7.0 dBm PO = 17.0 dBm PO = 28.75 dBm Harmonic Suppression Tx Noise in Rx Bands Second Third Rx GPS Rx ISM Rx Input Voltage Standing Wave Ratio EVM Rise / Fall Time DC VSWR EVM1 EVM2 TONDC TOFFDC RF TONRF TOFFRF Coupling Factor Stability (Spurious output) Ruggedness - no damage 3 CPL S Ru PO = PMAX PO = PMAX - 3 -- -- -- -- PO = 28.75 dBm 5:1 VSWR All phases PO 28.75 dBm f02 f03 925 MHz-960 MHz 1574 MHz-1577 MHz 2400 MHz-2483.5 MHz -- PO 28.75 dBm Minimum 8.0 13.0 24.5 -- -- -- -- -- 40.0 -- -- -- -- -- -- -- -- -- Typical 12.0 18.0 27.0 -- -14.0 -20.0 9.0 16.5 -- 7.5 40.0 -- 2.5 10.0 0.01 0.05 0.05 --
ADVANCE DATA SHEET
Maximum 16.0 24.0 29.5 -0.5 -3.0 -6.0 -- -- -- -- -- 550 -- -- 0.1 0.1 0.1 10
Unit dB
dB
%
mA
mA mA mA A
Adjacent Channel Leakage power Ratio 2
5 MHz offset
ACLR5
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10:1
-42 -46 -40 -65 -60 -55 -45 -50 -138 -142 -145 1.5:1 -- -- -- -- -- -- -18 -- --
-36 -36 -36 -46 -46 -46 -35 -35 -136 -140 -143 1.8:1 3.35 2.50 20 20 6 6 -- -70 --
dBc
dBc dBm/Hz
-- % s
dB dBc VSWR
1 Per Table 2 over dynamic range up to 28.75 dBm output power, unless specified otherwise. 2 ACLR is expressed as a ratio of total adjacent power to WCDMA modulated in-band, both measured in 3.84 MHz bandwidth at specified offsets. 3 All phases, time = 10 seconds.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200887E * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * February 3, 2009
3
ADVANCE DATA SHEET
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA BAND VIII (880-915 MHz)
Table 5. Standard Test Configuration - STC1 WCDMA Mode
Parameter DPCCH DPDCH Level 15 kbps 60 kbps Spread Code Spread Factor 0 16 256 64 Q I I/Q 8/15 -- c -- 15/15 d -- -- hs -- -- ec -- -- ed Relative Power (dB) -6.547 -1.087
Table 6. Standard Test Configuration - STC2 HSDPA Mode
Parameter DPCCH DPDCH HS-DPCCH Level 15 kbps 60 kbps 15 kbps Spread Code 0 16 64 Spread Factor 256 64 256 Q I Q I/Q c 12/15 -- -- -- 15/15 -- d -- -- 24/15 hs -- -- -- ec -- -- -- ed Relative Power (dB) -7.095 -5.157 -3.012
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
February 3, 2009 * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * 200887E
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA BAND VIII (880-915 MHz)
ADVANCE DATA SHEET
Evaluation Board Description
The evaluation board is a platform for testing and interfacing design circuitry. To accommodate the interface testing of the SKY77189, the evaluation board schematic and assembly diagrams are included for preliminary analysis and design. Figure 2 shows the basic schematic of the board for the 880 MHz to 915MHz range.
Figure 2. Evaluation Board Schematic
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200887E * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * February 3, 2009
5
ADVANCE DATA SHEET
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA BAND VIII (880-915 MHz)
Figure 3. Evaluation Board Assembly Diagram
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 6
February 3, 2009 * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * 200887E
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA BAND VIII (880-915 MHz)
ADVANCE DATA SHEET
Package Dimensions
The SKY77189 is a multi-layer laminate base, overmold encapsulated modular package designed for surface mount solder attachment to a printed circuit board. Figure 4 is a mechanical drawing of the pad layout for this package. Figure 5 provides a recommended phone board layout footprint for the PAM to help the designer attain optimum thermal conductivity, good grounding, and minimum RF discontinuity for the 50-ohm terminals.
Figure 4. Dimensional Diagram for 3 mm x 3 mm x 0.85 mm Package - SKY77189 Specific
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200887E * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * February 3, 2009
7
ADVANCE DATA SHEET
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA (880-915 MHz)
Figure 5. Phone PCB Layout Diagram - 3 mm x 3 mm, 10-Pad Package - SKY77189
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 8
February 3, 2009 * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * 200887C
SKY77189 POWER AMPLIFIER MODULE FOR WCDMA / HSDPA BAND VIII (880-915 MHz)
ADVANCE DATA SHEET
Package Description
Figure 6 shows the pad functions and the pad numbering convention, which starts with pad 1 in the upper left and increments counter-clockwise around the package. Typical case markings are illustrated in Figure 7.
Package Handling Information
Because of its sensitivity to moisture absorption, this device package is baked and vacuum-packed prior to shipment. Instructions on the shipping container label must be followed regarding exposure to moisture after the container seal is broken, otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. The SKY77189 is capable of withstanding an MSL3/260 C solder reflow. Care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. If the part is attached in a reflow oven, the temperature ramp rate should not exceed 3 C per second; maximum temperature should not exceed 260 C. If the part is manually attached, precaution should be taken to insure that the part is not subjected to temperatures exceeding 260 C for more than 10 seconds. For details on attachment techniques, precautions, and handling procedures recommended by Skyworks, please refer to Skyworks Application Note: PCB Design and SMT Assembly/Rework, Document Number 101752. Additional information on standard SMT reflow profiles can also be found in the JEDEC Standard J-STD-020. Production quantities of this product are shipped in the standard tape-and-reel format. For packaging details, refer to Skyworks Application Note: Tape and Reel Information - RF Modules, Document Number 101568.
Figure 6. SKY77189 Pad Names and Configuration (Top View)
Electrostatic Discharge Sensitivity (ESD)
To avoid ESD damage, both latent and visible, it is very important that the product assembly and test areas follow the Class 1 ESD handling precautions listed below. * Personnel Grounding - Wrist Straps - Conductive Smocks, Gloves and Finger Cots - Antistatic ID Badges * Protective Workstation - Dissipative Table Top - Protective Test Equipment (Properly Grounded) - Grounded Tip Soldering Irons - Solder Conductive Suckers - Static Sensors * Facility - Relative Humidity Control and Air Ionizers - Dissipative Floors (less than 109 to GND) * Protective Packaging and Transportation - Bags and Pouches (Faraday Shield) - Protective Tote Boxes (Conductive Static Shielding) - Protective Trays - Grounded Carts - Protective Work Order Holders
Figure 7. Typical Case Markings
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200887E * Skyworks Proprietary and Confidential Information. * Products and product information are subject to change without notice. * February 3, 2009
9
Ordering Information
Model Number SKY77189 Manufacturing Part Number SKY77189 Product Revision Package MCM 3 x 3 x 0.85 mm Operating Temperature -20 C to +85 C
Revision History
Revision A B C D E April 4, 2008 April 23, 2008 May 20, 2008 November 13, 2008 February 3, 2009 Date Initial Release - Advance Information Revise: Tables 1-4; Figures 1-3, 6; Tx freq. to 880-915; Rx freq. to 925-960 Revise: Features list (p1); Tables 1, 2, 4, 5; Figures 2-5; Add: Skyworks Green tag (p1) Revise: Features list (p1); Figure 3; Tables 1-4; ESD section Add: Tables 5, 6 Revise: Order Information table, Package column Description
References
Skyworks Application Note: PCB Design and SMT Assembly/Rework, Document Number 101752. Skyworks Application Note: Tape and Reel Information - RF Modules, Document Number 101568 Standard SMT Reflow Profiles: JEDEC Standard J-STD-020
Copyright (c) 2008, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products. These materials are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials. Skyworks may make changes to its documentation, products, specifications and product descriptions at any time, without notice. Skyworks makes no commitment to update the information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from future changes to its documentation, products, specifications and product descriptions. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by or under this document. Except as may be provided in Skyworks' Terms and Conditions of Sale for such products, Skyworks assumes no liability whatsoever in association with its documentation, products, specifications and product descriptions. THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED OR OTHERWISE, RELATING TO SALE AND/OR USE OF SKYWORKS PRODUCTS INCLUDING WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. SKYWORKS FURTHER DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING SPECIAL, INDIRECT, INCIDENTAL, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THESE MATERIALS WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications. Skyworks' customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. The following are trademarks of Skyworks Solutions, Inc.: Skyworks(R), the Skyworks logo(R), and Breakthrough Simplicity(R). Product names or services listed in this publication are for identification purposes only, and may be trademarks of Skyworks or other third parties. Third-party brands and names are the property of their respective owners. Additional information, posted at www.skyworksinc.com, is incorporated by reference.


▲Up To Search▲   

 
Price & Availability of SKY77189

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X