Part Number Hot Search : 
1SMA2 LM358 2SC4177W Q6270 RJP60 XA2C128 3CD6D LM7806C
Product Description
Full Text Search
 

To Download SIR440DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
SIR440DP
Vishay Siliconix
N-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V) 20 RDS(on) () 0.00155 at VGS = 10 V 0.002 at VGS = 4.5 V ID (A)a 60 60 Qg (Typ.) 43.5 nC
FEATURES
* * * * Halogen-free TrenchFET(R) Gen III Power MOSFET 100 % Rg Tested 100 % UIS Tested
RoHS
COMPLIANT
PowerPAK(R) SO-8
APPLICATIONS
* Fixed Telecom * High Current dc-to-dc * OR-ing
6.15 mm
S 1 2 3 S S
5.15 mm
D
G 4
D 8 7 6 5 D D D
G
Bottom View Ordering Information: SIR440DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage TC = 25 C TC = 70 C TA = 25 C TA = 70 C TC = 25 C TA = 25 C L = 0.1 mH TC = 25 C TC = 70 C TA = 25 C TA = 70 C Symbol VDS VGS ID Limit 20 20 60a 60a 47b, c 37b, c 100 60a 5.6b, c 50 125 104 66.6 6.25b, c 4.0b, c - 55 to 150 260 Unit V
Continuous Drain Current (TJ = 150 C)
Pulsed Drain Current Continuous Source-Drain Diode Current Single Pulse Avalanche Current Single Pulse Avalanche Energy
IDM IS IAS EAS PD
A
mJ
Maximum Power Dissipation
W
Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature)d, e
TJ, Tstg
C
THERMAL RESISTANCE RATINGS
Parameter
b, f
Maximum Junction-to-Ambient C/W RthJC Maximum Junction-to-Case (Drain) Notes: a. Package limited. b. Surface Mounted on 1" x 1" FR4 board. c. t = 10 s. d. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. f. Maximum under Steady State conditions is 54 C/W. Document Number: 68761 S-81711-Rev. A, 04-Aug-08 www.vishay.com 1
t 10 s Steady State
Symbol RthJA
Typical 15 0.9
Maximum 20 1.2
Unit
New Product
SIR440DP
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage VDS Temperature Coefficient VGS(th) Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulse Diode Forward Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Reverse Recovery Fall Time Reverse Recovery Rise Time Currenta IS ISM VSD trr Qrr ta tb IF = 10 A, dI/dt = 100 A/s, TJ = 25 C IS = 5 A 0.72 43 40 21 22 TC = 25 C 60 100 1.1 80 80 A V ns nC ns Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf td(on) tr td(off) tf VDD = 10 V, RL = 1.0 ID 10 A, VGEN = 4.5 V, Rg = 1 VDD = 10 V, RL = 1.0 ID 10 A, VGEN = 10 V, Rg = 1 f = 1 MHz 0.2 VDS = 10 V, VGS = 10 V, ID = 20 A VDS = 10 V, VGS = 4.5 V, ID = 20 A VDS = 10 V, VGS = 0 V, f = 1 MHz 6000 1720 720 100 43.5 13.5 12.5 1.0 19 8 52 9 45 29 81 48 2 35 16 100 18 90 55 150 90 ns 150 66 nC pF VDS VDS/TJ VGS(th)/TJ VGS(th) IGSS IDSS ID(on) RDS(on) gfs VGS = 0 V, ID = 250 A ID = 250 A VDS = VGS, ID = 250 A VDS = 0 V, VGS = 20 V VDS = 20 V, VGS = 0 V VDS = 20 V, VGS = 0 V, TJ = 55 C VDS 5 V, VGS = 10 V VGS = 10 V, ID = 20 A VGS = 4.5 V, ID = 20 A VDS = 10 V, ID = 20 A 30 0.00125 0.00155 0.00165 110 0.0020 1.0 20 19 - 6.3 2.5 100 1 10 V mV/C V nA A A S Symbol Test Conditions Min. Typ. Max. Unit
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 2
Document Number: 68761 S-81711-Rev. A, 04-Aug-08
New Product
SIR440DP
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
80 VGS = 10 thru 4 V 64 I D - Drain Current (A) I D - Drain Current (A) 8 10
48
6 TC = 25 C 4 TC = 125 C 2 TC = - 55 C
32 VGS = 3 V 16
0 0.0
0 0.5 1.0 1.5 2.0 2.5 0 1 2 3 4 5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
0.0020 7500
Transfer Characteristics
Ciss R DS(on) - On-Resistance () 0.0018 C - Capacitance (pF) VGS = 4.5 V 0.0016 6000
4500
0.0014 VGS = 10 V 0.0012
3000 Coss 1500 Crss
0.0010 0 16 32 48 64 80
0 0 4 8 12 16 20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
On-Resistance vs. Drain Current and Gate Voltage
10 ID = 10 A VGS - Gate-to-Source Voltage (V) 8 VDS = 5 V 6 VDS = 10 V 4 VDS = 15 V R DS(on) - On-Resistance (Normalized) 1.5 1.7 ID = 20 A
Capacitance
VGS = 10 V
1.3
1.1 VGS = 4.5 V 0.9
2
0 0 21 42 63 84 105
0.7 - 50
- 25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (C)
Gate Charge
On-Resistance vs. Junction Temperature
Document Number: 68761 S-81711-Rev. A, 04-Aug-08
www.vishay.com 3
New Product
SIR440DP
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100 0.005 ID = 20 A R DS(on) - On-Resistance () 10 I S - Source Current (A) TJ = 150 C 1 TJ = 25 C 0.004
0.003 TJ = 125 C 0.002
0.1
0.01
0.001 TJ = 25 C
0.001 0.0
0.000 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Source-Drain Diode Forward Voltage
0.5 200
On-Resistance vs. Gate-to-Source Voltage
0.2 VGS(th) Variance (V)
160
- 0.1 ID = 5 mA - 0.4 ID = 250 A - 0.7
Power (W)
120
80
40
- 1.0 - 50
0 - 25 0 25 50 75 100 125 150 0.001 0.01 0.1 Time (s) 1 10 TJ - Temperature (C)
Threshold Voltage
100 Limited by RDS(on)*
Single Pulse Power, Junction-to-Ambient
1 ms
10 I D - Drain Current (A) 10 ms 100 ms 1 1s 10 s 0.1 TA = 25 C Single Pulse 0.01 0.01 BVDSS Limited DC
0.1 1 10 VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which RDS(on) is specified
100
Safe Operating Area, Junction-to-Ambient
www.vishay.com 4
Document Number: 68761 S-81711-Rev. A, 04-Aug-08
New Product
SIR440DP
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
210
168 I D - Drain Current (A)
126
84 Package Limited 42
0 0 25 50 75 100 125 150
TC - Case Temperature (C)
Current Derating*
125 3.0
100
2.4
Power (W)
75
Power (W) 0 25 50 75 100 125 150
1.8
50
1.2
25
0.6
0
0.0 0 25 50 75 100 125 150
TC - Case Temperature (C)
TA - Ambient Temperature (C)
Power, Junction-to-Case
Power, Junction-to-Ambient
* The power dissipation PD is based on TJ(max) = 150 C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
Document Number: 68761 S-81711-Rev. A, 04-Aug-08
www.vishay.com 5
New Product
SIR440DP
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05
PDM t1
Notes:
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 54 C/W
t1 t2
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (s) 10
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
100
1000
Normalized Thermal Transient Impedance, Junction-to-Ambient
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.05 0.02 Single Pulse
0.1
0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (s) 1 10
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?68761.
www.vishay.com 6
Document Number: 68761 S-81711-Rev. A, 04-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SIR440DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X