|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
S/MON/SC867100/B/13/04/2006 22,5mm Relais statique de puissance 22,5mm Power Solid State Relay * Relais synchrone adapte a la plupart des charges * Sortie thyristors technologie TSM2 permettant une longue duree de vie: 24 a 600Vac 75A. * Solid state relay designed for most of loads * Back to back thyristors on output for a long lifetime expectancy: 24 to 600Vac 75A. page 1 /3 F/GB SIP867100 5-30VDC control 75A/600VAC output M3 M4 Dimensions/Size 29,4 21,4 18 Application typique/ Typical application Mains 24-600VAC protection reseau line protection 80 (14) 16,5 34,3 15,2 4,5 22,4 A2control A1 Entree control 5-30VDC + 4-30VDC 2T1 1L1 10 == + 70 a 75 * 1-2 peuvent etre inversees/ 1 -2 can be changed * le relais doit etre monte sur dissipateur thermique / SSR must be mounted on a heatsink CHARGE/ LOAD Caracteristiques de commande (a 20C) / Control characteristics (at 20C) Parametre / Parameter Tension de commande / Control voltage Courant de commande / Control current (@ Uc ) Tension de relachement/Release voltage Resistance interne / Input internal resistor fig.1 Tension inverse / Reverse voltage Symbol Uc Ic Uc off Rc Urv Min 5 5 1 DC Nom Max 30 30 Unit V mA V V VRMS VRMS V 7 fig. 1 :Caracteristique d'entree / Control characteristic fig1 : Caracteristique d'entree / Control characteristic 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 1000 30 Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Isolement entree-sortie/Input-output isolation @500m Ui 4000 Isolement sortie-semelle/Output-case isolation @500m Ui 4000 Tension assignee isolement/rated impulse voltage Uimp 4000 Caracteristiques generales / General characteristics Parametre / Parameter Poids/Weight Plage de temperature de stockage / Storage temperature range Plage de temperature de fonctionnement/Operating temperature range Ic (mA) Uc (V) Conditions Symbol Typ. 90 -40 / +100 -40 / +100 Unit g C C Proud to serve you All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis. celduc r e l a i s S/MON/SC867100/B/13/04/2006 page 2 / 3 F/GB Caracteristiques de sortie(a 20C) / Output characteristics (at 20C) Parametre / Parameter Tension de charge / Load voltage Plage tension de fonctionnement / Operating range Tension crete / Peak voltage Niveau de synchonisation / Synchronizing level Tension d'amorcage / Latching voltage Courant nominal AC-51/ AC-51 nominal current Courant nominal AC-55b/ AC-55b nominal current Courant de surcharge non repetitif /Non repetitive overload current Chute tension directe crete/ On state voltage drop Courant de fuite etat bloque/ Off state leakage current Courant de charge minimum / Minimum load current Temps de fermeture/ Turn on time Temps d'ouverture/ Turn off time Plage de frequence / Operating frequency range dv/dt etat bloque / Off state dv/dt dI/dt maximum non repetitif/ Maximum di/dt non repetitive I2t (<10ms) EMC Test d'immunite conduite / Conducted immunity level EMC Test d'immunite conduite / Conducted immunity level Conformite / Conformity 110 100 90 80 Symbol Typ. Unit Ue 400 V rms Uemin-max 24-600 V rms Up 1200 V Usync 12 V Ie nom Ua 8 V ( see Fig. 2 ) Ie AC-51 75 A rms see surge current curve (fig 3) with no repetitive current tp=10ms (Fig. 3) Itsm 1000 A @ Ie nom Vd 1,3 V @Ue, 50Hz Ilk <1 mA Ie min 5 mA Uc nom DC ,f=50Hz ton max 10 ms Uc nom DC ,f=50Hz toff max 10 ms f 0,1-440 Hz dv/dt 500 V/s di/dt 50 A/s (*) I2t 5000 A2s IEC 1000-4-4 (burst) 2kV criterion A IEC 1000-4-5(schocks) 2kV crit.A with external VDR EN60947-4-x UL pending 110 100 Conditions Full on-state 0,75K/W 0,55K/W Fig. 2 Courbes thermiques / Thermal characteristics 0,95K/W 70 % duty 1,6K/W 90 80 70 Total wasted power (W) 70 60 50 40 30 20 50 % duty 60 50 40 (*) :minimum value : typically : 7200A2s 2,2K/W 30 % duty 30 20 10 0 0 10 20 30 40 50 60 70 RMS load current (A) 80 90 0 without heatsink 10 0 10 20 30 40 50 60 70 80 90 100 Ambient temperature (C) Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 75A(Itsm=1000A) / Surge current : Itsm (Apeak) = f(t) for 75A models with Itsm =1000A 1500 Itsm (Apeak) 1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. No repetitive Itsm is given without voltage reapplied for the determination of the protection. 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). La repetition de ces surcharges de courant diminue la duree de vie du Relais. Repetitive Itsm is given for inrush current with initial Tj = 70C. The repetition of the surge current decrease the lifetime SSR's . 1000 Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied. Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied. 500 0 0,01 0,1 t (s) 1 10 Precautions : Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. Cautions : Semiconductor relays don't provide any galvanic insulation between the load and the mains. celduc r e l a i s www.celduc.com Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19 S/MON/SC867100/B/13/04/2006 page 3 / 3 F/GB Exemple d'application en 3 x 22,5mm . Typical application with 3x22,5mm Load 1 Phase Load 2 Load PCB monted on control terminals 22,5mm only celduc r e l a i s www.celduc.com Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19 |
Price & Availability of SIP867100 |