Part Number Hot Search : 
MIC61150 KBPC101 KN4A4M MMBZ5235 WT5081 DB104G CX209 BD675
Product Description
Full Text Search
 

To Download SFH6318T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFH6318T/SFH6319T
Vishay Semiconductors
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
FEATURES * Industry Standard SOIC-8 Surface Mountable Package * High Current Transfer Ratio, 800 % * Low Input Current, 0.5 mA * High Output Current, 60 mA * Isolation Test Voltage, 4000 VRMS * TTL Compatible Output, VOL = 0.1 V * Adjustable Bandwidth-Access to Base * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
NC 1 A C 2 3
8 7 6 5
VCC VB V0 GND
NC 4
i179070
DESCRIPTION Very high current ratio together with 4000 VRMS isolation are achieved by coupling an LED with an integrated high gain photo detector in a SOIC-8 package. Separate pins for the photo diode and output stage enable TTL compatible saturation voltages with high speed operation. Photodarlington operation is achieved by tying the VCC and VO terminals together. Access to the base terminal allows adjustment to the gain bandwidth. The SFH6318T is ideal for TTL applications since the 300 % minimum current transfer ratio with an LED current of 1.6 mA enables operation with one unit loadin and one unit load-out with a 2.2 k pull-up resistor. The SFH6319T is best suited for low power logic applications involving CMOS and low power TTL. A 400 % current transfer ratio with only 0.5 mA of LED current is guaranteed from 0 C to 70 C. Caution: Due to the small geometries of this device, it should be handled with Electrostatic Discharge (ESD) precautions. Proper grounding would prevent damage further and/or degradation which may be induced by ESD. ORDER INFORMATION
PART SFH6318T SFH6319T
AGENCY APPROVALS * UL1577, File No. E52744 System Code H or J, Double Protection * DIN EN 60747-5-2 (VDE0884) Available with Option 1 * CSA 93751 APPLICATIONS * Logic Ground Isolation -TTL/TTL, TTL/CMOS, CMOS/CMOS, CMOS/TTL * EIA RS 232C Line Receiver * Low Input Current Line Receiver Long Lines, Party Lines * Telephone Ring Detector * 117 VAC Line Voltage Status Indication - Low Input Power Dissipation * Low Power Systems - Ground Isolation
REMARKS CTR 1600 (300 - 2600) %, SOIC-8 CTR 2000 (400 - 3500) %, SOIC-8
Note: For additional information on the available options refer to Option Information. Product is available only on tape and reel.
Document Number 83678 Rev. 1.6, 20-Apr-07
For technical support, please contact: optocoupler.answers@vishay.com
www.vishay.com 1
SFH6318T/SFH6319T
Vishay Semiconductors
ABSOLUTE MAXIMUM RATINGS1)
PARAMETER INPUT Reverse input voltage Supply and output voltage Input power dissipation Derate linearly above Free air temperature Average input current Peak input current Peak transient input current OUTPUT Output current (pin 6) Emitter-base reverse current (pin 5 - 7) Output power dissipation Derate linearly from 25 C COUPLER Isolation test voltage between emitter and detector Storage temperature Lead soldering temperature Junction temperature Ambient temperature range Pollution degree (DIN VDE 0110) Creepage distance Clearance Comparative tracking index per DIN IEC 112/VDE 0303, part 1 Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO t = 10 s VISO Tstg Tsld Tj Tamb 4000 - 55 to + 125 260 100 - 55 to + 100 2 4.0 4.0 175 1012 1011 mm mm VRMS C C C C Pdiss IO 60 0.5 150 2.0 mA V mW mW/C 50 % duty cycle-1.0 ms pulse width tp 1.0 s, 300 pps IF(AVG) IFRM IFSM VCC (pin 8-5), VO (pin 6-5) SFH6318T SFH6319T VR VCC, VO VCC, VO Pdiss 3.0 - 0.5 to 7.0 - 0.5 to 18 35 50 0.7 20 40 1.0 V V V mW C mW/C mA mA A TEST CONDITION PART SYMBOL VALUE UNIT
Note: Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
1)
www.vishay.com 2
For technical support, please contact: optocoupler.answers@vishay.com
Document Number 83678 Rev. 1.6, 20-Apr-07
SFH6318T/SFH6319T
Vishay Semiconductors
ELECTRICAL CHARACTERISTICS1)
PARAMETER INPUT2) Input forward voltage Temperature coefficient, forward voltage OUTPUT2) IF = 1.6 mA, IO = 4.8 mA, VCC = 4.5 V Logic low output voltage, (Note 3) IF = 1.6 mA, IO = 8.0 mA, VCC = 4.5 V IF = 5.0 mA, IO = 15 mA, VCC = 4.5 V IF = 12 mA, IO = 24 mA, VCC = 4.5 V Logic high output current, (Note 3) Logic low supply current, (Note 3) Logic high supply current, (Note 3) COUPLER2) Capacitance (input-output), (Note 4) Input capacitance Resistance (input-output), (Note 4) f = 1.0 MHz f = 1.0 MHz, VF = 0 VIO = 500 VDC, Tamb = 25 C VIO = 500 VDC, Tamb = 100 C CIO CIN RIO RIO 0.6 25 1012 10
11
TEST CONDITION IF = 1.6 mA IF = 1.6 mA
PART
SYMBOL VF VF/ Tamb
MIN
TYP. 1.4 - 1.8
MAX 1.7
UNIT V mV/C
VOL VOL VOL VOL IIO IIO ICCL ICCH
0.1 0.1 0.15 0.25 0.1 0.05 0.2 0.01
0.4 0.4 0.4 0.4 250 100 1.5 10
V V V V A A mA A
IF = 0 mA, VO = VCC = 7.0 V IF = 0 mA, VO = VCC = 18 V IF = 1.6 mA, VO = OPEN, VCC = 18 V IF = 0 mA, VO = OPEN, VCC = 18 V
pF pF
Note: 1) Tamb = 25 C unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements. 2) Tamb = 0 C to 70 C. Typical values are specified at Tamb = 25 C. 3) Pin 7 open. 4) Device considered a two-terminal device: pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7 and 8 shorted together.
CURRENT TRANSFER RATIO1)
PARAMETER Current Transfer Ratio, (Notes 2 and 3) TEST CONDITION IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V IF = 0.5 mA, VO = 0.4 V, VCC = 4.5 V IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V PART SFH6318T SFH6319T SFH6319T SYMBOL CTR CTR CTR MIN 300 400 500 TYP. 1600 2000 1600 MAX 2600 3500 2600 UNIT % % %
Note: 1) Tamb = 0 C to 70 C. Typical values are specified at Tamb = 25 C. 2) DC current transfer ratio is defined as the ratio of output collector current, I , to the forward LED input current, I times 100 %. O F 3) Pin 7 open.
Document Number 83678 Rev. 1.6, 20-Apr-07
For technical support, please contact: optocoupler.answers@vishay.com
www.vishay.com 3
SFH6318T/SFH6319T
Vishay Semiconductors
SWITCHING CHARACTERISTICS1)
PARAMETER Propagation delay time to logic low at output Propagation delay time to logic low at output, (Notes 2 and 3) Propagation delay time to logic low at output Propagation delay time to logic high at output Propagation delay time to logic high at output, (Notes 2 and 3) Propagation delay time to logic high at output
1)
TEST CONDITION IF = 1.6 mA, RL = 2.2 k IF = 0.5 mA, RL = 4.7 k IF = 12 mA, RL = 270 IF = 1.6 mA, RL = 2.2 k IF = 0.5 mA, RL = 4.7 k IF = 12 mA, RL = 270
PART SFH6318T SFH6319T SFH6319T SFH6318T SFH6319T SFH6319T
SYMBOL tPHL tPHL tPHL tPLH tPLH tPLH
MIN
TYP. 2.0 6.0 0.6 2.0 4.0 1.5
MAX 10 25 1.0 35 60 7.0
UNIT s s s s s s
Note: Tamb = 25 C, unless otherwise specified. 2) Pin 7 open. 3) Using a resistor between pin 5 and 7 will decrease gain and delay time.
I 10 % Duty Cycl 1/f < 100 s 1 Pulse Generator ZO = 50 tr = 5 ns IF 2 8 7 RL 3 IF = Monitor 4 Rm 6 0.1 F 5 VO t PHL C L=15pF VO (Non-Saturated Response) 90 % 10 % tf +5V V (Saturated Response) 1.5 V t PLH 90 % 10 % tr 5V 1.5 V VOL 0 5V
iSFH6318T_01
Figure 1. Switching Test Circuit
COMMON MODE TRANSIENT IMMUNITY
PARAMETER Common mode transient immunity at logic high level output, (Notes 1 and 2) Common mode transient immunity at logic low level output, (Notes 1 and 2) TEST CONDITION IF = 0 mA, RL = 2.2 k, VCM = 10 VP-P IF = 1.6 mA, RL = 2.2 k, VCM = 10 VP-P PART SYMBOL ICMHI MIN TYP. 1K MAX UNIT V/s
ICMLI
1K
V/s
Note: 1) Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the common mode pulse, VCM, to assure that the output will remain in a logic high state (i.e. VO > 2.0 V) common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e.VO < 0.8 V). 2) In applications where dv/dt may exceed 50,000 V/s (such as state discharge) a series resistor, R CC should be included to protect IC from destructively high surge currents. The recommended value is Refer to Figure 2. RCC [(IV)/0.15 IF (mA)] k.
www.vishay.com 4
For technical support, please contact: optocoupler.answers@vishay.com
Document Number 83678 Rev. 1.6, 20-Apr-07
SFH6318T/SFH6319T
Vishay Semiconductors
RCC (see Note 6) 1 IF 2 7 8 220 0.1 F RL A B 4 VCC VCM +
iSFH6318T_02
+5V
VCM 0 V 10 %
90 % tr
90 % 10 % tf
3
6 5
VO VO
t f + t f =16 ns 5V Switch at A: IF = 0 mA
-
VO Switch at B: IF = 1.6 mA
VOL
Pulse Generator
Figure 2. Test Circuit for Transient Immunity and Typical Waveforms
SAFETY AND INSULATION RATINGS1)
PARAMETER Climatic classification (according to IEC 68 part 1) Comparative tracking index VIOTM VIORM PSO ISI TSI Creepage Clearance Insulation thickness, reinforced rated per IEC60950 2.10.5.1 4 4 0.2 CTI 175 6000 560 350 150 165 TEST CONDITION SYMBOL MIN TYP. 55/100/ 21 399 V V mW mA C mm mm mm MAX UNIT
Note: 1) As per IEC60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits.
PACKAGE DIMENSIONS in inches (millimeters)
0.120 0.005 (3.05 0.13)
R 0.010 (0.13)
0.240 (6.10)
C L0.154 0.005 0.050 (1.27) (3.91 0.13) 0.170 (4.32)
0.014 (0.36) 0.036 (0.91)
Pin One ID 0.192 0.005 (4.88 0.13) 0.004 (0.10) 0.008 (0.20)
0.016 (0.41) 0.260 (6.6) 0.015 0.002 (0.38 0.05) 0.008 (0.20) 5 max. 0.050 (1.27) typ. 0.020 0.004 (0.51 0.10) 2 Plcs. R 0.010 (0.25) max. 40
0.045 (1.14) 7 0.058 0.005 (1.49 0.13) 0.125 0.005 (3.18 0.13) Lead coplanarity 0.0015 (0.04) max.
ISO Method A
0.021 (0.53)
i178003
Document Number 83678 Rev. 1.6, 20-Apr-07
For technical support, please contact: optocoupler.answers@vishay.com
www.vishay.com 5
SFH6318T/SFH6319T
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 6
For technical support, please contact: optocoupler.answers@vishay.com
Document Number 83678 Rev. 1.6, 20-Apr-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SFH6318T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X