Part Number Hot Search : 
RFHA1000 TGC1430H SCL4070 C2220FBD 08226 374342 A31AD EGP20A07
Product Description
Full Text Search
 

To Download SDS511G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rh
Semiconductor
SDS511G
Switching Diode
Features
* * * * Ultra high speed switching application Low forward voltage : VF=0.9V(Typ.) Fast reverse recovery time : trr=1.6 (Typ.) Small total capacitance : CT=2.2 (Typ.)
Ordering Information
Type No. SDS511G Marking 1G Package Code SOD-123
Outline Dimensions
unit : mm
3.30~3.70 0.99 Max.
2.60~2.80
1.50~1.70
CATHODE MARK
0.70~0.80
KSD-D6B004-000
0.22 Max.
PIN Connections 1. Anode 2. Cathode
1
SDS511G
Absolute Maximum Ratings
Characteristic
Peak reverse voltage Reverse voltage Peak forward current Average forward current Peak forward surge current (Non-repetitive 60Hz sine wave) Power dissipation (*Note1) Junction temperature Storage temperature range *Note1: Device mounted on glass epoxy board
(Ta=25C)
Symbol
VRM VR IFM IO IFSM PD Tj Tstg
Rating
85 80 300 100 2 350 150 -55 ~ 150
Unit
V V

A
C C
Electrical Characteristics
Characteristic
Forward voltage
(Ta=25C)
Test Condition
IF=1 IF=10 IF=100 VR=80V VR=0, f=1 IF=10 (Fig. 5)
Symbol
VF(1) VF(2) VF(3) IR CT
Min. Typ. Max.
0.6 0.7 0.9 2.2 1.6 1.2 0.5 4.0 4.0
Unit
V
Reverse current Total capacitance Reverse recovery time

trr
Recommend PCB solder land (Unit : mm)
KSD-D6B004-000
2
SDS511G
Electrical Characteristic Curves
Fig. 1 IF-VF Fig. 2 IR-VR
Fig. 3 CT-VR
Fig. 4 trr-IF

Fig. 5 Reverse recovery time(trr) test circuit
x
KSD-D6B004-000
3
SDS511G
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-D6B004-000
4


▲Up To Search▲   

 
Price & Availability of SDS511G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X