Part Number Hot Search : 
CX3HCSM1 6043468 4740A DLO7135 LV100 NX6301SH 00190 R5110615
Product Description
Full Text Search
 

To Download SD103AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103AWS...SD103CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features * Low Forward Voltage
PINNING PIN 1 2
1
DESCRIPTION Cathode Anode
2
Top View Marking Code: SD103AWS: "S4" SD103BWS: "S5" SD103CWS: "S6" Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Repetitive Reverse Voltage Average Forward Rectified Current Non-Repetitive Peak Forward Surge Current at t 1 s Power Dissipation Operating and Storage Temperature Range SD103AWS SD103BWS SD103CWS
Symbol VRRM IF(AV) IFSM Ptot Tj,Ts
Value 40 30 20 350 2 200 - 65 to + 125
Unit V mA A mW
O
C
Characteristics at Ta = 25 OC
Parameter Reverse Breakdown Voltage at IR = 10 A Reverse Leakage Current at VR = 30 V at VR = 20 V at VR = 10 V Forward Voltage at IF = 20 mA at IF = 200 mA Total Capacitance at VR = 0 V, f = 1 MHz Reverse Recovery Time at IF = IR = 50 mA to 200 mA , Recover to 0.1 IR SD103AWS SD103BWS SD103CWS SD103AWS SD103BWS SD103CWS Symbol V(BR)R Min. 40 30 20 Typ. 50 10 Max. 5 5 5 0.37 0.6 Unit V
IR
A
VF CT trr
V pF ns
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 17/11/2006
SD103AWS...SD103CWS
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 17/11/2006
SD103AWS...SD103CWS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
A c
HE D A
E
bp
UNIT mm
A 1.10 0.80
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 17/11/2006


▲Up To Search▲   

 
Price & Availability of SD103AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X