Part Number Hot Search : 
BA6144 BA6197FP TLE4290G 2180Q1 253PN COM4215A 24064 SR220
Product Description
Full Text Search
 

To Download SD103AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103AWS
Elektronische Baue lemente
THRU SD103CWS
VOLTAGE 20V ~ 40V
0.35 AMP Surf ace Moun t Schottky Barrier Rectifiers
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
SOD -323
.106 (2.70)
.091 (2.30)
.076 (1.95)
. Negligible reverse recovery time . Low reverse capacitance
transient protection
.065 (1.65)
. Low forward voltage drop . Guard ring construction for
FEATURES
.012 (0.3)
Cathode Band
Top View
Dimensions in inches and (millimeters)
. Case: SOD-323, Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Metallurgically bonded construction . Polarity: Color band denotes cathode end . Mounting position: Any
Device Marking: SD103AWS:S4 SD103BWS:S5 SD103CWS:S6
MECHANICAL DATA
.010 (0.25) min.
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Peak Repetitive Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note1) Non-Repetitive Peak Forward Surge Current @ t 1.0s Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note1) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRWM VR VR(RMS) IFM IFSM Pd RJA Tj TSTG SD103AWS 40 40 40 28 SD103BWS 30 30 30 21 350 1.5 200 625 -65 ~ +125 -65 ~ +125 J SD103CWS 20 20 20 14 UNIT V mA A mW /W J J
MAXIMUM RATINGS
http://www.SeCoSGmbH .com /
01-Jun-2002 Rev. A
Any chang ing of specification will not be i nformed indivi dual
Page 1 of 2
.006 (0.15) max.
.004 (0.1) max.
.043 (1.1)
.039 (1.00) max.
.059 (1.5)
SD103AWS
Elektronische Bauelemente
THRU SD103CWS
VOLTAGE 20V ~ 40V
0.35 AMP Surf ace Moun t Schottky Barrier Rectifiers
ELECTRICAL CHARACTERISTICS
TYPE NUMBER SD103AWS Reverse Forward Voltage SD103BWS (Note2) SD103CWS Forward Voltage Drop Peak Reverse Current Junction Capacitance Reverse Recovery Time SD103AWS SD103BWS SD103CWS SYMBOL V(BR)R VFM IRM Cj trr TEST CONDITION IR=10A IF=20mA IF=200mA VR=30V VR=20V VR=10V VR=0V, f=1.0MHz IF=IR=200mA, Irr=0.1xIR, RL=100 Min. 40 30 20 Typ. 50 10 Max. 0.37 0.60 5.0 UNIT V V A pF ns
Note: 1. Valid provided that leads are kept at ambient temperature. 2. Test period < 3000 s.
RATING AND CHARACTERISTIC CURVES (SD103AWS THRU SD103CWS)
1000
100
IF, FORWARD CURRENT (mA)
100
Cj, CAPACITANCE (pF)
0 0.5 VF, FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 1.0
10
10
1.0
1.0
0.10
0.01
0.1 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 2 Typ. Junction Capacitance vs Reverse Voltage
http://www.SeCoSGmbH .com /
01-Jun-2002 Rev. A
Any chang ing of specification will not be i nformed indivi dual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SD103AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X