![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SCDS106 Elektronische Bauelemente VOLTAGE 800V 1.0 AMP Glass Passivated Super Fast Recovery Rectifier A suffix of "-C" indicates halogen-free & RoHS Compliant 1206 (SOD-123) FEATURES 0.083 (2.10) Classification 94V-0 Low profile package Built-in strain relief Metal to silicon rectifier , majority carrier conduction Low power loss , High efficiency High current capability High surge capacity RoHS Compliant Product 0.067 (1.70) 0.063 (1.60) Plastic package has Underwriters Laboratory Flammability 0.142 (3.60) 0.126 (3.20) 0.002 (0.05) 6 (0 .40) 01 R0. 0.035 (0.90) 0.020 (0.50) 0.035 (0.90) 0.020 (0.50) MECHANICAL DATA Case : Packed with FRP substrate and epoxy underfilled Terminals : Solder plated , solderable per MIL-STD-750, Method 2026 Polarity : Laser marking Weight : 0.02 gram 0.034 (0.85) 0.046(1.16) Dimensions in inches and (millimeters) Rating 25ae ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25ae at Rated DC Blocking Voltage Ta=125ae Maximum reverse recovery time Typical Junction Capacitance (Note 1.) Operating Temperature Range Storage Temperature Range NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts. 2. Marking: 187Z MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS SYMBOLS V RRM V RMS V DC I (AV) IFSM VF SCDS106 800 800 800 1 25 2.5 5 50 35 10 -50 ~ +125 -65 ~ +150 UNIT V V V A A V uA nS pF IR Trr Cj TJ T STG ae ae http://www.SeCoSGmbH.com/ 01-May-2006 Rev. B Any changing of specification will not be informed individual Page 1 of 2 SCDS106 Elektronische Bauelemente VOLTAGE 800V 1.0 AMP Glass Passivated Super Fast Recovery Rectifier FIG.1 - FORWARD CURRENT DERATING CURVE 1.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 30 PEAK FORWARD SURGE CURRENT, AMPERES 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) RESISTIVE OR INDUCTIVE LOAD 25 20 15 10 5 0 0.5 0 0 50 75 100 125 150 o 175 200 1 10 NUMBER OF CYCLES AT 60Hz 100 LEAD TEMPERATURE, C FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES PULSE WIDTH=300uS 1% DUTY CYCLE FIG.4 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES TJ=150 C o 1.00 10 TJ=125 C o 0.10 1 TJ=25 C o 0.01 0.4 0.8 1.2 1.6 2.0 2.4 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 0.1 0 20 40 60 80 100 110 PERCENT OF RATED PEAK REVERSE VOLTAGE,% FIG.5 - TYPICAL JUNCTION CAPACITANCE 200 JUNCTION CAPACITANCE, pF 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 TJ=25 C o REVERSE VOLTAGE, VOLTS http://www .SeCoSGmbH.com/ 01-May-2006 Rev. B Any changing of specification will not be informed individual Page 2 of 2 |
Price & Availability of SCDS106
![]() |