Part Number Hot Search : 
1KAB05E EL4393CM BC547BBU CSC2313F MC33172 BB419 00050 DSA3A1
Product Description
Full Text Search
 

To Download S5ELM2576 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S5ELM2576
Simple Switcher
Elektronische Bauelemente
3A Step-Down Voltage Regulator
Description
The S5ELM2576 series of regulators are monolithic integrated circuits that provide all active functions for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltage of 3.3V,5V,12V,15V and an adjustable output version. Requiring a min. rumber of external components, these regulators are simple to use and include internal frequency components and a fixed-frequency oscillator. The S5ELM2576 series offers a highefficiency replacement for popular three-terminal linear regulators. If substantially reduces the size of the heat sink, and in some cases no heat sink is required. A standard series if inductors optimized for use with the S5ELM2576 are available from several different manufactures. The feature greatly simplifies the design of switching-mode power supplies. Other feature include a guaranteed 4% to tolerance on output voltage within specified input voltages and output load condition, and 10% on the oscillator frequency. External shutdown is included, featuring 50uA(Typ.) standby current. The output switch includes cycle-bycycle current limiting, as well as thermal shutdown for full protection under fault condition.
REF. A b c D E L4
Features
* High Efficiency
Millimeter Min. Max. 4.40 4.80 0.76 1.00 0.36 0.50 8.60 9.00 9.80 10.4 14.7 15.3
REF. c1 b1 L e L1 O
Millimeter Min. Max. 1.25 1.45 1.17 1.47 13.25 14.25 2.54 REF. 2.60 2.89 3.71 3.96
* Wide Input Voltage Range * 52KHz Fixed Frequency Oscillator * 3.3V,5V,12V,15V and Adjustable Output Versions * Uses Readily Available Standard Inductors * TTL Shutdown Capability, Low Power Standby Mode
* Thermal Shutdown And Current Limit Protection
* Guaranteed 3A Output Current * Efficient Per-regulator For Linear Regulators * Requires Only 4 Extermal Components * Adjustable Version Output Voltage Range, 1.23V to 37V 4% Max. Over Line And Load Conditions
Applications
* Positive To Negative Converter (Buck-Boost)
* Simple High-Effciency Step-Down (Buck) Regulator * One-Card Switching Regulators
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 8
S5ELM2576
Elektronische Bauelemente
Simple Switcher 3A Step-Down Voltage Regulator
Typical Application (Fixed Output Voltage Version)
GND Description
Typically a large storage capacitor is connected from this pin to ground to insure that the input 1.3V
S5ELM2576-5.0
or open= output enable. tage does not sag below the minimum dropout voltage during the load V higher than Vout in order for the device to
NC
Block Diagram
3.3V, R2=17k 5.0V, R2=3.1k 12V, R2=8.84k 15V, R2=11.3k For Adjustable version, R1=open, R2=0
Absolute Maximum Ratings (Note1)
Maximum Supply Voltage
Parameter
ON/OFF pin input Voltage Output Voltage to ground (steady state) Power dissipation Storage Temperature Maximum junction temperature Minimum ESD rating (C=100pF, R=1.5k ) Lead temperature (soldering, 10seconds)
Ratings 45 -0.3 V +VIN -1 Internally Limited -65 ~ +150 +150 2k +260
Ratings -40 TJ +125 40
Unit V V V
: : V : Unit : V
Operating Ratings
Temperature range Supply Voltage
Parameter
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 8
S5ELM2576
Elektronische Bauelemente
Simple Switcher 3A Step-Down Voltage Regulator
S5ELM2576-3.3 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter Symbol Conditions System Parameters (Note3) Test Circuit Figure 2 VIN=12V, ILOAD=0.5A Output Voltage VOUT Circuit of Figure 2 6V VIN 40V, 0.5A ILOAD 3A Output Voltage VOUT Circuit of Figure 2 Efficiency VIN=12V, ILOAD=3A
Min 3.234 3.168/3.135
Typ 3.3 3.3 75
Max 3.366 3.432/3.465
Unit V V %
S5ELM2576-5.0 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter Symbol Conditions System Parameters (Note3) Test Circuit Figure 2 VIN=12V, ILOAD=0.5A Output Voltage VOUT Circuit of Figure 2 Output Voltage Efficiency VOUT 8V VIN 40V, 0.5A ILOAD 3A Circuit of Figure 2 VIN=12V, ILOAD=3A
Min 4.9 4.80/4.75
Typ 5.0 5.0 77
Max 5.1 5.20/5.25
Unit V V %
S5ELM2576-12 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter Symbol Conditions Min System Parameters (Note3) Test Circuit Figure 2 VIN=25V, ILOAD=0.5A Output Voltage VOUT 11.76 Circuit of Figure 2 15V VIN 40V, 0.5A ILOAD 3A 11.52/11.40 Output Voltage VOUT Circuit of Figure 2 Efficiency VIN=15V, ILOAD=3A
Typ 12 12 88
Max 12.24 12.48/12.60
Unit V V %
S5ELM2576-15 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter Symbol Conditions Min System Parameters (Note3) Test Circuit Figure 2 VIN=25V, ILOAD=0.5A Output Voltage VOUT 14.70 Circuit of Figure 2 18V VIN 40V, 0.5A ILOAD 3A 14.40/14.25 Output Voltage VOUT Circuit of Figure 2 Efficiency VIN=18V, ILOAD=3A
Typ 15 15 88
Max 15.30 15.60/15.75
Unit V V %
S5ELM2576 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter Symbol Conditions System Parameters (Note3) Test Circuit Figure 2 VIN=12V, ILOAD=0.5A, VOUT=5V Output Voltage VOUT Circuit of Figure 2 8V VIN 40V, 0.5A ILOAD 3A Output Voltage VOUT VOUT=5V, Circuit of Figure 2 Efficiency VIN=12V, ILOAD=3A, VOUT=5V
h tp://www.SeCoSGmbH.com/
Min 1.217 1.193/1.180
Typ 1.230 1.230 77
Max 1.243 1.267/1.280
Unit V V %
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 8
S5ELM2576
Elektronische Bauelemente
Simple Switcher 3A Step-Down Voltage Regulator
All Output Voltage Version Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range. Unless otherwise specified, VIN=12V for the 3.3V, 5.0V and Adjustable versions, VIN=25V for 12V version, and VIN=30V for 15V version. ILOAD=0.5A
Parameter Feedback bias current Oscillator frequency Saturation voltage Maximum duty cycle (ON) Current limit Output leakage current Quiescent current Standby quiescent current ON/OFF Control ON/OFF pin logic input level ON/OFF pin input current
Symbol
Conditions VOUT=5V (adjustable version only) (Note 8) ILOAD=3A (Note 4) (Note 5) (Note 4, 8) (Note 6, 7) Output=0V Output=-1V (Note 6)
Ib
fO VSAT DC
Min 47/42 93 4.2/3.5 2.2/2.4 -
Typ 50 52 1.4 98 5.8 7.5 5 50 1.4 1.2 12 0
Max 100/500 58/63 1.8/2.0
Unit nA kHz V %
ICL IL IQ
6.9/7.5 2 30 10 200 1.0/0.8 30 10
A mA mA uA
ISTBY ON/OFF pin=5V (OFF)
VIH VIL VOUT=0V VOUT=Nominal output voltage ON/OFF pin=5V (OFF) ON/OFF pin=0V (ON)
V uA
IIH IIL
Note 1: Absolute Maximum Rating indicate limits beyond which damage to the device may occur. Operating Rating indicate conditions for which the device is intended to be functional, but do not guaranteed specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. Note 2: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). Note 3: External component such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the G5ELM2576 is used as shutdown in the Figure 2 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics. Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output. Note 5: Feedback pin removed from output and connected to 0V. Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V and 5V versions, and +25V for the 12V and 15V versions, to force the output transistor OFF. Note 7: VIN=40V. Note 8: The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an overload which causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 8
S5ELM2576
Elektronische Bauelemente
Simple Switcher 3A Step-Down Voltage Regulator
Typical Performance Characteristics (circuit of Figure 1)
Normalized Output Voltage
Line Regulator
Dropout Voltage
Standby Quiescent Current
Quiescent Current
Current Limit
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 5 of 8
S5ELM2576
Elektronische Bauelemente
Simple Switcher 3A Step-Down Voltage Regulator
GND
Description
Typically a large storage capacitor is connected from this pin to ground to insure that the input 1.3V or open= output enable.
NC
tage does not sag below the minimum dropout voltage during the load V higher than Vout in order for the device to
Switch Saturation Voltage
Efficiency
Oscillator Frequency
Minimum Operating voltage
Quiescent Current vs Duty Cycle
Feedback Voltage vs Duty Cycle
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 6 of 8
S5ELM2576
Elektronische Bauelemente
Simple Switcher 3A Step-Down Voltage Regulator
Minimum Power Dissipation
Feedback Pin Current
Output Voltage Change
Load Current
Switching Waveforms
VOUT=15V A: Output Pin Voltage, 50V/div B: Output Pin Current, 2A/div C: Inductor Current, 2A/div D: Output Ripple Voltage, 50mV/div AC Coupled Horizontal Time Base: 5us/div
Load Transient Response
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 7 of 8
S5ELM2576
Elektronische Bauelemente
Simple Switcher 3A Step-Down Voltage Regulator
Test Circuit and layout Guidelines
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage transients which can cause problems. For minimal inductance and ground loops, the length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as indicated) or ground plane construction should be used for best results. When using the Adjustable version, physically locate the programming resistors near the regulator, to keep the sensitive feedback wiring short.
S5ELM2576
Cin-- 100uF, 75V, Aluminum Electrolytic Cout-- 1000uF, 25V Aluminum Electrolytic D1-- Schottky, MBR360 L1-- 100uH, Pulse Eng, PE92108 R1-- 2k, 0.1% R1-- 6.12k, 0.1%
S5ELM2576
Vout=VREF*(1+R2/R1) R2=R1*(Vout/VREF-1) Where VREF=1.23V, R1 between 1k and 5k
Figure 1
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of S5ELM2576

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X