|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RFMA5880-0.5W-Q7 UPDATED: 04/24/2008 5.8 - 8.0 GHz High Gain Surface-Mounted PA FEATURES * * * * * * * 5.8 - 8.0GHz Operating Frequency Range 27.0dBm Output Power @1dB Compression 34.0dB Typical Power Gain @1dB Compression -41dBc OIMD3 @Pout 17dBm/tone 7X7mm QFN Package Point-to-point and point-to-multipoint radio Military Radar Systems PARAMETER/TEST CONDITIONS Operating Frequency Range Output Power @1dB Gain Compression Gain @1dB Gain Compression Output 3 Order Intermodulation Distortion @f=10MHz, Pout = 17dBm/tone Input Return Loss Output Return Loss Drain Current1 Drain Current1 Drain Voltage Gate Voltage Thermal Resistance2 Operating Base Plate Temperature -30 -2.5 13 +80 rd APPLICATIONS ELECTRICAL CHARACTERISTICS (TB=25 C) SYMBOL F P1dB G1dB OIMD3 Input RL Output RL ID1 ID2 VD1, VD2 VG1, VG2 Rth Tb MIN 5.8 26.0 30.0 27.0 34.0 -41 -10 -5 200 400 7 230 460 8 -0.25 o TYP MAX 8.0 UNITS GHz dBm dB -38 -8 dBc dB dB mA mA V V C/W o C 1. Recommended to bias each amplifier stage separately using a gate voltage range, starting from -2.5 to -0.3V to achieve typical current levels. 2. Rth is mounting dependent. Measured result when used with Excelics recommended evaluation board. 3,4 MAXIMUM RATINGS AT 25C SYMBOL VD1, VD2 VG1, VG2 ID1, ID2 PIN TCH TSTG PT Drain to Source Voltage Gate to Source Voltage Drain Current Input Power Channel Temperature Storage Temperature Total Power Dissipation CHARACTERISTIC ABSOLUTE 12V -5V Idss 20dBm 175C -65/175C 8.8W CONTINOUS 8V -2.5 V 230, 460mA @ 3dB compression 150C -65/150C 7.4W 3. Operation beyond absolute or continuous ratings may result in permanent damage or reduction of MTTF respectively. 4. Bias conditions must also satisfy the following equation VDS*IDS < (TCH -TB)/RTH; where TB = Temperature of Base Plate Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com page 1 of 3 Revised May 2008 RFMA5880-0.5W-Q7 UPDATED: 04/24/2008 5.8 - 8.0 GHz High Gain Surface-Mounted PA Top View Bottom View 0.2760.002 22 28 Package Dimension and Pin Assignment 0.2760.002 EXCELICS RFMA5880 -0.5W-Q7 0 REF 0.2760.002 0.049 MAX 0.008 0 REF 0 REF 0.240 21 1 0.038 0.036 0.013 0 REF 15 14 8 7 0.0120.002 0.0320.002 * All measurements in inches Additional Notes: 1) Ground Plane must be soldered to PCB RF ground 2) All dimensions are in inches 3) Refer to Excelics application notes on QFNs for further guidelines 4) Pin Assignment: Top View Vda Vdb Vdc Vdd Bottom View Vdd Vdc 22 Vdb Vda 28 RFin EXCELICS RFMA5880 -0.5W-Q7 Vg1 Vg2 21 1 RFout RFout RFin 15 14 8 7 Vg2 Vg1 Pin 1, 2, 3, 5, 6, 7, 8, 10, 11, 12, 14 4 9 13 15, 16, 17, 19, 20, 21, 22, 24, 25, 26, 28 18 22, 23 27, 28 Assignment NC RFin Vg1 Vg2 NC RFout Vdd, Vdc Vdb, Vda Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com page 2 of 3 Revised May 2008 RFMA5880-0.5W-Q7 UPDATED: 04/24/2008 5.8 - 8.0 GHz High Gain Surface-Mounted PA Recommended Circuit Schematic: Vd1 22uF 0.1uF 0.1uF Vd2 22uF 0.1uF 0.1uF VdaVdb NC NC NC NC NC NC Vdc Vdd NC NC NC RFin NC NC NC EXCELICS RFMA5880 -0.5W-Q7 NC RFout NC NC NC Vg1 NC NC NC Vg2 NC Vg1 22uF 0.1uF 0.1uF 22uF Vg2 Notes: 1) External bypass capacitors should be placed as close to the package as possible. 2) Dual biasing sequence required: a. Turn-on Sequence: Apply Vg1 = -2.5V, Vg2 = -2.5V, followed by Vd1 = Vd2 = 7V, lastly increase Vg1 & Vg2 in sequence until required Id1 and Id2 is obtained. b. Turn-off Sequence: Turn off Vd1 & Vd2, followed by Vg1 & Vg2 3) Demonstration board available upon request. Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com page 3 of 3 Revised May 2008 |
Price & Availability of RFMA5880-05W-Q7 |