Part Number Hot Search : 
CMD6392 1KOHM IRF1404 FS20054 05100 38410 12HCC D77C20AC
Product Description
Full Text Search
 

To Download R8800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RDC(R)
R8800
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
16-BIT RISC MICROCONTROLLER
R8800 Brief Sheet
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 1 of 5 REV 1.0 Oct.26 2006
RDC(R)
1. Features
l CPU Core
R8800
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
external interrupts and 1 non-maskable external interrupt l Programmable Chip-select Logic - Programmable chip-select logic for memory or I/O bus cycle decoder l Programmable Wait-state Generator l Counter/Timers - 3 independent 16-bit timers and Timer 1 can be programmed as a watchdog timer l Software compatible with the 80C188 microprocessor l Operating Voltage Range - Core voltage: 5V 5% - I/O voltage: 5V 10% l Ambient Temperature: 0 ~ +70C l Package Type - 100-pin PQFP - 100-pin LQFP l A Green Product
- RDC's proprietary RISC architecture - Five-stage pipeline - CPU clock speed up to 40 MHz - Supports CPU ID - Supports 32 PIO pins - Static & synthesizable design l Bus Interface - A multiplexed address and data bus which is compatible with the 80C188 microprocessor - Supports a non-multiplexed address bus A[19:0] l ROM/RAM Controller and Addressing Space - 1M-byte memory address space - 64K-byte I/O space l PSRAM Interface - PSRAM (Pseudo static RAM) interface with auto-refresh control l Two Independent DMA Channels l Asynchronous Serial Channel - Supports one asynchronous serial channel with one synchronous serial channel l Interrupt Controller - The Interrupt controller with five maskable
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 2 of 5 REV 1.0 Oct.26 2006
RDC(R)
R8800
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
2. Block Diagram
INT2/INTA0 INT1/SELECT CLKOUTA INT3/INTA1/IRQ CLKOUTB INT4 INT0 NMI TMROUT0 TMROUT1 TMRIN0 TMRIN1 DRQ0 DRQ1
X1
VCC GND
X2 Clock and Power Management
Interrupt Control Unit
Timer Control Unit
DMA Unit
RST
LCS/ONCE0 MCS3/RFSH MCS2-MCS0 UCS/ONCE1 PCS3-PCS0 PCS5/A1 PCS6/A2
Chip Select Unit PSRAM Control Unit
Instruction Queue (64bits) Instruction Decoder
Control Signal
Micro ROM
PIO Unit
PIO31~0
ARDY SRDY S2~S0 DT/R DEN
Refresh Control Unit
Register File General, Segment, Eflag Register
EA / LA Address Asynchronous Serial Port
TXD RXD
HOLD HLDA S6/CLKDIV2 UZI
Bus Interface Unit
ALU
(Special, Logic, Adder, BSF)
Execution Unit
Synchronous Serial Interface
SCLK A19~A0 AD15~AD0 ALE RD WHB WLB
SDATA SDEN0 SDEN1
WR BHE/ADEN
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 3 of 5 REV 1.0 Oct.26 2006
RDC(R)
3.
R8800
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
Package Information
PQFP 100 pins
D 23.20 0.20 0.10
D1 20.00 "A"
0.10 E1 14.00 SEATING PLANE "A" 0.65 BSC
E
17.20
0.20
0.10
c 0.25~0.38
3.40 Max.
DETAIL A
1.60 REF L1 A2 2.85 0.12 L 0.88 0.15 0.25 DETAIL A
15 TYP
7 TYP
UNIT:mm
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 4 of 5 REV 1.0 Oct.26 2006
0.25 MIN A1
RDC(R)
R8800
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
LQFP 100 pins
16.00 14.00 0.15 0.10
100
76
1
75
0.10 14.00
25 51 26 50
0.127(TYP)
0.50(TYP) Sealing Plane
0.22
0.05
"A"
0.08(MAX)
1.60(MAX)
0.05
0~7
0.05
0.60 1.00(REF)
0.10
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 5 of 5 REV 1.0 Oct.26 2006
0.2S(TYP) GAUGE PLANE
1.40
0.15
UNIT:mm
16.00
0.15


▲Up To Search▲   

 
Price & Availability of R8800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X