Part Number Hot Search : 
12BDL TC58NV 0MXXRSP BAT721S TC58NV 4A7V5J 1H681 PC25005
Product Description
Full Text Search
 

To Download QBH-2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL QBH-2003
Features
! High Power: +18 dBm Typical ! Environmental Screening Available
Available as: QBH-2003, SM (E52-Gen2SMT)
Maximum Ratings
Ambient Operating Temperature ................ -40C to + 85 C Storage Temperature ............................... -65C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 16 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: Specifications are guaranteed when tested in a 50 Ohm system. Specifications indicated as typical are not guaranteed.
Specifications
CHARACTERISTIC TYPICAL MIN MAX
Ta= 25 C Frequency Gain (dB) Gain vs. Temperature Gain Flatness Reverse Isolation (dB) VSWR In Out 1 dB Compression (dBm) Output Intercept point 3rd Order 2nd Order Noise Figure (dB) Power Vdc mA 800 MHz 20 +/-0.5 1.5:1 1.5:1 +18 +30 1.0 5 66 960 MHz
Legend
+ 25 C
+ 85 C - - - - - - -40 C
Typical Performance Data
25 24 23 22 21 20 19 800 23 22 21 20 19 18 17 800 840 880 MHz 920 960
Gain (dB)
-10 -20 -30 -40 -50 -60 -70 800 2.2 2.0 1.8 1.6 1.4 1.2 1.0 800
- - S11- - dB Ang
Reverse Isolation (dB)
6.0 5.0 4.0 3.0 2.0 1.0 0.0 800 36 35 34 33 32 31 960 30 800 840
Noise Figure (dB)
840
880
MHz 920
960
840
880
MHz
920
960
840
880
MHz 920
960
1 dB Comp. (dBm)
Input/Output VSWR +25 C
3rd order intermodulation distortion (dBm)
Input Output
840
880 MHz 920
880 MHz 920
960
Linear S-Parameters Data
=================================================================== 800 -14.7 130.0 21.7 21.2 -26.7 -24.7 -92.2 -89.0 830 -16.1 115.6 21.7 12.7 -26.6 -26.3 -109.5 -98.5 850 -17.2 103.0 21.6 7.0 -26.5 -103.0 -27.5 -123.5 870 -18.2 21.6 86.6 1.3 -26.4 -106.7 -28.1 -137.7 890 -19.0 21.5 -4.5 64.2 -26.4 -11.4 -27.9 -153.0 910 -19.2 21.4 -10.3 36.1 -26.4 -115.0 -26.9 -167.7 930 -18.6 21.4 -16.1 7.7 -26.4 -119.7 -25.8 177.8 950 -17.2 -15.4 21.3 -21.9 -26.5 -124.1 -24.6 164.7 960 -16.6 -24.5 21.2 -24.8 -26.4 -126.4 -24.0 158.0
FREQ. MHz - - S21- - dB Ang - - S12- - dB Ang - - S22- - dB Ang
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 03/11/05
www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of QBH-2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X