Part Number Hot Search : 
BX6667 1N2999B C0402C AC541 SF305 BX6667 M2039TNG 2415S
Product Description
Full Text Search
 

To Download MWM2-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MWM SERIES
RoHS
Term.W is RoHS compliant & 260C compatible
Widest selection in the industry! Tolerance to 0.01%, T.C. to 5ppm/C Available on exclusive SWIFT TM delivery program!
OPTIONS Option X: Non-inductive (refer to application note below) Option P: Increased Pulse Capability Option M: Power metal film element Option L: Low profile non-inductive metal plate design Option E: Low thermal EMF design Special marking, high current, flame retardant, fusible, temp.sensitive, hi-rel screening/burn-in, fusible, SnPb, etc.
A D G .010" MWM2 & 3S, .050" MWM3 & 5 F
Exceptional perfomance and reliability is achieved via highest grade materials and processing. An all-welded wirewound construction is standard, featuring premium-grade wire for superior stability and surge capability. Opt. L low profile models feature a non-inductive metal plate element. The power film version (Opt.M) achieves values as high as 1M and is inherently low inductance thereby enabling stable operation at high frequencies.
PERFORMANCE (Typ) Load Life (1000 hrs) Moisture Resistance Temperature Cycling Short Time Overload Temp. Coefficient R0005-R024 R025-R049 R050-R099 R100-R990 1R00-9R90 10R0 & above Dielectric Strength 1 Solderability 2 Operating Temp. Available Resis. Tol.
1
C B
------
E
------
H
SUGGESTED PAD LAYOUT
WW & Opt. L Metal Plate 1% (MWM2S,3S,27=2%) 0.25% 0.2% 5 x rated W for 5 Sec Standard Optional 400ppm 100, 200 300ppm 100, 200 200ppm 50, 100 90ppm 20,30,50 50ppm 10,20,30 30ppm 5,10,20 500V Min.1, 1KV avail. 95% coverage -55 to +175C(+275 avail) 0.01% to 10%
2
Opt. M Film Element 1% 0.5% 0.5% 5 x rated W for .5 Sec Standard Optional n/a n/a n/a n/a n/a n/a 350ppm 200 200ppm 100 100ppm 25,50 500V Min. (1KV avail.) 95% coverage -55C to +175C 0.5% to 5%
Dielectric strength for low profile Opt. L is 100V ( 300V avail)
Tested within .032" [.8mm] of pcb surface
RCD TYPE MWM1/2 MWM1 MWM2 MWM2S MWM27 MWM3S MWM3 MWM5
Wattage Rating 0.5W 1W 2W 2W 2.7W 3W 3.5W 5W
Max Voltage* [Current] 33V [10A] 58V [20A] 120V [30A] 80V [25A] 180V [30A] 200V [30A] 250V [30A] 300V [32A]
Std Resis Range .01 - 2K .001-10K .002-25K .1- 200 .005 -20K .005 -25K .005 -50K .005-100K
Opt M Opt M Resis Max. Range Voltage 5 - 1M .1 - 1M .1 - 1M 1 - 1M 1 - 1M 1 - 1M 1 - 1M n/a
DIMENSIONS Inch [mm] B (Max) .111 [2.82] .125 [3.17] .208 [5.28] .165 [4.19] .230 [5.84] .270 [6.86] .295 [7.49] .295 [7.49] C .125 .01 [3.2 .25] .150 .015 [3.8 .4] .225 .015 [5.7 .4] .150 .015 [3.8 .4] .228 .016 [5.8 .4] .275 .015 [7 .38] .273 .02 [6.9 .5] .273 .02 [6.9 .5] D (Min) .025 [.63] .032 [0.8] .060 [1.5] .044 [1.1] .05 [1.27] .05 [1.27] .063 [1.6] .063 [1.6] E .045 .015 [1.14 .4] .060 .015 [1.50 .4] .070 .020 [1.78 .5] .050 .016 [1.27 .4] .070 .020 [1.78 .5] .085 .016 [2.16 .4] .102 .028 [2.6 .7] .102 .028 [2.6 .7] F .080 [2.0] .100 [2.5] .160 [4.0] .100 [2.5] .160 [4.0] .160 [4.0] .200 [5.0] .250 [6.4] G .100 [2.5] .125 [3.2] .157 [4.0] .125 [3.2] .18 [4.57] .175 [4.5] .200 [5.0] .250 [6.4] H .08 [2] .12 [3] .20 [5] .14 [3.6] .20 [5] .40 [10] .60 [15] .60 [15]
A 200V* .204 .02 [5.2 .5] 200V* .258 .02 [6.55 .5] 250V* .449 .032 [11.4 .8] 250V* .297 .020 [7.5 .5] 250V* .480 .032 [12.2 .8] 300V* .625 .032 [15.9 .8] 350V* .811 .020 [20.6 .5] n/a .811 .020 [20.6 .5]
LOW PROFILE METAL PLATE MODELS MWM1/2L 0.5W (PR) [12A] .003-.05 n/a MWM1L 1W (PR) [25A] .001-0.1 n/a MWM2L 2W (PR) [30A] .002-0.2 n/a MWM2LS 2W (PR) [45A] .0005 -.005 n/a
n/a n/a n/a n/a
.200 .012 [5.1 .3] .053 [1.35] .250 .012 [6.3 .3] .057 [1.45] .330 .012 [8.38 .3] .057 [1.45] .250 .012 [6.3 .3] .079 [2.0]
.100 .01 [2.54 .25] .126 .012 [3.2 .3] .157 .012 [4.0 .3] .126 .012 [3.2 .3]
.025 [.63] .025 [.63] .032 [0.8] .032 [0.8]
.060 [1.5] min .070 [1.8] min .100 [2.5] min .080[.20] min
.080 [2.0] .150 [3.8] .197 [5.0] .150[3.8]
RC D 10 M 0 W M 1% 2
.100 [2.5] .125 [3.2] .157 [4.0] .125[3.2] .08 [2] .120 [3] .157 [4] .120[.3]
SM POWER RESISTORS, 1/2W - 5W, .0005 - 1M WIREWOUND, FILM, & METAL PLATE
RESISTORS CAPACITORS COILS DELAY LINES
*Voltage determined by E = PR , E not to exceed maximum voltage rating. Increased ratings available. Multiply by 0.7 for Opt. X
APPLICATION NOTES:
1. Power Rating: Resistors may be operated up to full rated power with consideration of mounting density, pad & trace geometery, PCB material, and ambient temperature. Standard parts should be derated (W&V) by .67%/C when ambient exceeds 25C, low profile parts by 1%/ C above 70 C 2. Inductance: Standard wound parts are 1 - 20uH typ. For "non-inductive" design, specify Opt.X (0.2uH max 50, .37uH >50, 50nH avail). Opt. L (metal plate element) and Opt.M (power film element) are inherently low inductance (1 to 10nH typ). Consult factory for assistance. 3. Pulse Capability: standard MWM (wirewound) and Opt. L (metal plate) offer excellent overload capability greatly exceeding that of film resistors. The overload level can often be economically enhanced by a factor of 50% or more via special processing (Opt.P). Pulse capability is highly dependent on size & resistance (available up to 50 joules). Consult factory for assistance.
P/N DESIGNATION:
MWM2
- 1001 - F T
W
RCD Type Options: X,P,M,L,F,E (leave blank if std) Resis.Code .01%-1%: 3 signif. figures & multiplier, e.g. R010=0.01, R100=0.1, 1R00=1, 1000=100, 1001=1K. Resis.Code 2%-10%: 2 signif. figures & multiplier, R01=0.01, R10=0.1, 1R0=1, 100=10, 101=100, 102=1K. Use extra digits as needed: R005, R0075, R012, etc. Tolerance Code: K=10%, J=5%, H=3%, G=2%, F=1%, D=0.5%, C=0.25%, B=0.1%, A=0.05%, Q=0.02%, T=0.01% Packaging: B = Bulk, T = Tape & Reel TC (leave blank if standard): 5 = 5ppm, 10 = 10ppm, 20=20ppm, 30=30ppm,50=50ppm, 101=100ppm, 201=200ppm, 301=300ppm Termination: W= Lead-free, Q= Tin/Lead. Leave blank if either is acceptable (RCD will select based on lowest price and quickest delivery).
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA015J Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
23


▲Up To Search▲   

 
Price & Availability of MWM2-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X