Part Number Hot Search : 
1215Z SIS43 VIPER50B P4KE47 2N6796 34907 UZ15BSA EW6018
Product Description
Full Text Search
 

To Download MMBTA55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Driver Transistors MMBTA55,MMBTA56
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
+0.1 2.4-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
SOT-23 package
+0.1 1.3-0.1
Features
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Total Device Dissipation FR-5 Board(* 1) Derate above 25 Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (* 2) Derate above 25 Thermal Resistance, Junction-to-Ambient Junction temperature Storage temperature * 1. FR-5 = 1.0 X 0.75 X 0.062 in. * 2. Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina. Symbol VCEO VCBO VEBO IC PD ReJA PD ReJA Tj Tstg MMBTA55 -60 -60 -4.0 -500 225 1.8 556 300 2.4 417 150 -55 to +150 MMBTA56 -80 -80 Unit V V V mA mW mW/ /W mW mW/ /W
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
MMBTA55,MMBTA56
Electrical Characteristics Ta = 25
Parameter Collector-emitter breakdown voltage* MMBTA55 MMBTA56 Emitter-base breakdown voltage Base cutoff current Collector cutoff current MMBTA55 MMBTA56 DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Current-gain-bandwidth product * Pulse test: pulse width 300 is, duty cycle HFE VCE(sat) VBE(on) fT 2.0%. V(BR)EBO ICES ICBO IE = -100 iA, IC = 0 VCE = -60 V, IB = 0 VCB = -60 V, IE = 0 VCB = -80 V, IE = 0 IC = -10 mA, VCE = -1.0 V IC = -100 mA, VCE = -1.0 V IC = -100 mA, IB = -10 mA IC = -100 mA, VCE = -1.0 V IC = -100 mA, VCE = -1.0 V, f = 100 MHz Symbol V(BR)CEO Testconditons IC = -1.0 mA, IB = 0
Transistors IC
Min -60 -80 -4.0
Typ
Max
Unit V V V
-0.1 -0.1 -0.1 100 100 -0.25 -1.2 50
iA iA iA
V V MHz
hFE Classification
TYPE Marking MMBTA55 2H MMBTA56 2G
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of MMBTA55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X