Part Number Hot Search : 
24A01 TT2200 463U01 F2040 LC758 LM2901DT DCR15 6202P502
Product Description
Full Text Search
 

To Download MMBT2222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2222 / MMBT2222A
NPN Silicon Epitaxial Planar Medium Power Transistor for switching and amplifier applications
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Range Symbol MMBT2222 VCBO VCEO VEBO IC Ptot Tj TS 60 30 5 600 200 150 -55 to +150 Value MMBT2222A 75 40 6 V V V mA mW
O
Unit
C C
O
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 15/03/2006
MMBT2222 / MMBT2222A
Characteristics at Ta = 25 OC Parameter DC Current Gain at VCE = 10 V, IC = 0.1 mA at VCE = 10 V, IC = 1 mA at VCE = 10 V, IC = 10 mA at VCE = 1 V, IC = 150 mA at VCE = 10 V, IC = 150 mA at VCE = 10 V, IC = 500 mA Collector Base Voltage at IC = 10 A Collector Emitter Voltage at IC = 10 mA Emitter Base Voltage at IE = 10 A Collector Base Cutoff Current at VCB = 50 V at VCB = 60 V Emitter Base Cutoff Current at VEB = 3 V Collector Emitter Saturation Voltage at IC = 150 mA, IB = 15 mA at IC = 500 mA, IB = 50 mA Base Emitter Saturation Voltage at IC = 150 mA, IB = 15 mA at IC = 500 mA, IB = 50 mA MMBT2222 MMBT2222A MMBT2222 MMBT2222A MMBT2222 MMBT2222A MMBT2222 MMBT2222A MMBT2222 MMBT2222A hFE hFE hFE hFE hFE hFE hFE VCBO 35 50 75 50 100 30 40 60 75 30 40 5 6 0.6 300 300 100 100 100 0.4 0.3 1.6 1 1.3 1.2 2.6 2 8 25 10 25 225 60 V Symbol Min. Max. Unit
VCEO
V
VEBO
V
ICBO IEBO
nA nA
MMBT2222 MMBT2222A MMBT2222 MMBT2222A MMBT2222 MMBT2222A MMBT2222 MMBT2222A
VCE(sat)
V
VBE(sat)
V
Transition Frequency at VCE = 20 V, -IE = 20 mA, f = 100 MHz Collector Output Capacitance at VCB = 10 V, f = 100 KHz Emitter Input Capacitance at VEB = 0.5 V, f = 100 KHz Delay Time at VCC = 30 V, VBE(OFF) = 0.5 V, IC = 150 mA, IB1 = 15 mA Rise Time at VCC = 30 V, VBE(OFF) = 0.5 V, IC = 150 mA, IB1 = 15 mA Storage Time at VCC = 30 V, IC = 150 mA, IB1 = -IB2 = 15 mA Fall Time at VCC = 30 V, IC = 150 mA, IB1 = -IB2 = 15 mA
fT Cob Cib td tr tstg tf
MHz pF pF ns ns ns ns
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 15/03/2006
MMBT2222 / MMBT2222A
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 15/03/2006
MMBT2222 / MMBT2222A
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 15/03/2006


▲Up To Search▲   

 
Price & Availability of MMBT2222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X