![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Surface Mount Zener Diode MM3Z Series A suffix of "-C" specifies halogen & RoHS compliant 200mW, SOD-323(SC-76) Maximum Reverse Current (Note 2) Temperature Coefficient of Zener Voltage @ IZT = 5 mA mV / Electrical Characteristics (TA = 25 C unless otherwise specified) Zener Voltage Range (Note 2) O Type Number Marking Code Min V 1.91 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 Maximum Zener Impedance (Note 3) ZZT@IZT 100 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 ZZK@IZK mA 600 1.0 600 1.0 600 1.0 600 1.0 600 1.0 600 1.0 600 1.0 600 1.0 500 1.0 480 1.0 400 1.0 150 1.0 80 1.0 80 1.0 80 1.0 100 1.0 150 1.0 150 1.0 150 1.0 170 1.0 200 1.0 200 1.0 225 1.0 225 1.0 250 1.0 250 1.0 300 0.5 300 0.5 325 0.5 350 0.5 350 0.5 500 0.5 500 0.5 500 0.5 500 0.5 500 0.5 500 0.5 500 0.5 MM3Z2V0 MM3Z2V4 MM3Z2V7 MM3Z3V0 MM3Z3V3 MM3Z3V6 MM3Z3V9 MM3Z4V3 MM3Z4V7 MM3Z5V1 MM3Z5V6 MM3Z6V2 MM3Z6V8 MM3Z7V5 MM3Z8V2 MM3Z9V1 MM3Z10V MM3Z11V MM3Z12V MM3Z13V MM3Z15V MM3Z16V MM3Z18V MM3Z20V MM3Z22V MM3Z24V MM3Z27V MM3Z30V MM3Z33V MM3Z36V MM3Z39V MM3Z43V MM3Z47V MM3Z51V MM3Z56V MM3Z62V MM3Z68V MM3Z75V 0H , 00 , 01 , 02 , 05 , 06 , 07 , 08 , 09 , 0A , 0C , 0E , 0F , 0G , 0H , 0K , 0L , 0M , 0N , 0P , 0T , 0U , 0W , 0Z , 10 , 11 , 12 , 14 , 18 , 19 , 20 , 21 , 1A , 1C , 1D , 1E , 1F , 1G , WY WX W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WJ WK WL WM WN WO WP WQ WR WS WT WU WV WW 1W 2W 3W 4W VZ Nom V 2.0 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13.3 15 16.2 18 20 22 24.2 27 30 33 36 39 43 47 51 56 62 68 75 Max V 2.09 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 @IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 IR @ VR A V 150 1.0 50 1.0 20 1.0 10 1.0 5 1.0 5 1.0 3 1.0 3 1.0 3 2.0 2 2.0 1 2.0 3 4.0 2 4.0 1 5.0 0.7 5.0 0.5 6.0 0.2 7.0 0.1 8.0 0.1 8.0 0.1 8.0 0.1 10.5 0.1 11.2 0.1 12.6 0.1 14.0 0.1 15.4 0.1 16.8 0.05 18.9 0.05 21.0 0.05 23.2 0.05 25.2 0.05 27.3 0.05 30.1 0.05 32.9 0.05 35.7 0.05 39.2 0.05 43.4 0.05 47.6 0.05 52.5 Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 46.6 52.2 58.8 65.6 73.4 Max 0 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 11 13 14 16 18 20 22 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6 Notes: 1. Valid provided that device terminals are kept at ambient temperature. 2. Test with pulses. period = 5 ms, pulse width = 300 s 3. f = 1 K Hz Maximum Ratings @ T A = 25 Characteristic Power Dissipation (Note 1), Derate above 25 Forward Voltage (Note 2) @ IF = 10 mA Thermal Resistance from Junction to Ambient (Note 1) Operating and Storage Temperature Range Note: 1. Valid provided that device terminals are kept at ambient temperature. 2. Short duration test pulse used in minimize self-heating effect. 3. f = 1 K Hz http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A Symbol Pd VF R JA Tj , TSTG Value 200 1.5 0.9 625 -65 ~ +150 Unit mW mW / V /W Any changing of specification will not be informed individual Page 1 of 3 Features . RoHS Compliant . Standard Zener Breakdown Voltage Range -2.0V to 75V . Steady State Power Rating of 200 mW . Small Body Outline Dimensions: 1.7 mm x 1.25 mm . Low Body Height: 0.9 mm . Package Weight: 4.507 mg/unit . ESD Rating of Class 3 (>16 KV) per Human Body Model Mechanical Data . Case: SOD-323, Void-free, transfer-molded plastic . Finish: All external surfaces are corrosion resistant . Maximum Case Temperature For Soldering Purposes: 260 . Polarity: Cathode indicated by polarity band . Flammability Rating: UL94 V-0 . Mounting Position: Any for 10 Seconds Outline SOD-323 (SC-76) Dim Min Max A 2.30 2.70 B 1.60 1.80 C 1.20 1.40 D 1.05 Typical E 0.25 0.35 G 0.20 0.40 H 0.10 0.15 J 0.05 Typical 0 8 All Dimensions in mm H G A B C E D J Typical Characteristics 1000 Z ZT , DYNAMIC IMPEDANCE ( ) TJ = 25C IZ(AC) = 0.1 IZ(DC) f = 1 kHz 1000 IF, FORWARD CURRENT (mA) 100 100 IZ = 1 mA 10 5 mA 10 150C 75C 1.0 3.0 10 VZ, NOMINAL ZENER VOLTAGE 80 0.4 0.5 25C 0C 1.1 1.2 1.0 0.6 0.7 0.8 0.9 1.0 VF, FORWARD VOLTAGE (V) Figure 1. Effect of Zener Voltage on Zener Impedance Figure 2. Typical Forward Voltage http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual 01-Jun-2002 Rev. A Page 2 of 3 1000 TA = 25C C, CAPACITANCE (pF) 0 V BIAS 1 V BIAS IR, LEAKAGE CURRENT ( A) 1000 100 10 1.0 0.1 0.01 +25C -55C 0 10 20 30 40 50 60 VZ, NOMINAL ZENER VOLTAGE (V) 70 +150C 100 10 BIAS AT 50% OF VZ NOM 0.001 0.0001 1.0 4.0 10 VZ, NOMINAL ZENER VOLTAGE (V) 70 0.00001 Figure 3. Typical Capacitance Figure 4. Typical Leakage Current 100 TA = 25C I Z , ZENER CURRENT (mA) 100 TA = 25C IZ , ZENER CURRENT (mA) 10 10 1.0 1 0.1 0.1 0.01 0.01 0 2.0 4.0 6.0 8.0 VZ, ZENER VOLTAGE (V) 10 12 10 30 50 70 VZ, ZENER VOLTAGE (V) 90 Figure 5. Zener Voltage versus Zener Current (VZ Up to 12 V) Figure 6. Zener Voltage versus Zener Current (12 V to 75 V) 100 80 POWER DISSIPATION (%) 60 40 20 0 0 25 50 75 100 TEMPERATURE (C) 125 150 Figure 7. Steady State Power Derating http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual 01-Jun-2002 Rev. A Page 3 of 3 |
Price & Availability of MM3Z15V
![]() |