Part Number Hot Search : 
4VCXH LA35140 TPC80 75000 LX803DE K2837 SR6A6K12 2SK26
Product Description
Full Text Search
 

To Download MLI0805-100-JBW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
RESISTORS CAPACITORS COILS DELAY LINES
MLI SERIES
RoHS
Term.W is RoHS compliant & 260C compatible
Magnetically self-shielded, eliminates crosstalk & coupling between conductors. Excellent for high density placement. Suitable for either flow or reflow soldering 0.047uH to 33uH, 5mA to 450mA, 13MHz to 680MHz SRF Economical space-saving design Standard inductance tolerance is 10% (20% if <0.1uH) Mini 0402 & 0201 sizes in development
MLI 0603
Ind. (H ) 0.047 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 Test Freq. (MH z ) 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4.0 4.0 4.0 2.0 2.0 1.0 1.0 1.0 1.0 0.4 Q Min. 10 10 10 15 15 15 15 15 15 15 15 15 15 15 15 30 30 30 30 30 30 30 30 30 30 30 30 30 30 20 20 SR F Min. (MH z ) 260 250 245 240 205 180 165 150 136 125 110 105 95 80 75 70 60 55 50 45 40 38 36 33 22 20 18 17 15 14 13 DCR Max. () 0.30 0.30 0.30 0.50 0.50 0.60 0.60 0.80 0.80 0.85 1.0 1.35 1.55 1.70 2.10 0.60 0.80 0.80 0.95 1.15 1.35 1.55 1.70 2.10 1.55 1.70 2.10 2.55 2.75 1.70 1.85 R ated Test C urrent Freq. (mA,D C ) (MH z ) 50 50 50 50 50 50 50 50 50 35 35 35 35 35 35 25 25 25 25 15 15 15 15 15 15 15 15 15 15 15 15 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4.0 4.0 4.0 2.0 2.0 1.0 1.0 1.0 1.0 0.4 Q Min. 15 15 15 20 20 20 20 20 20 20 25 25 25 25 25 45 45 45 45 45 45 45 45 45 45 45 45 45 45 30 30 30 30 30
RCD's MLI inductors feature a monolithic multilayer construction. The structure involves no windings/welds/solder joints, ensuring highest reliability and performance levels over a wide temperature and humidity range. Operating temperature is -55 to +125C (derate current by 2.5%/C above 85C). Applications include noise/EMI elimination for I/O lines in a wide range of computer, telecom, medical, and audio applications.
MLI1008
R ated Test C urrent Freq. (mA,D C ) (MH z ) 300 300 300 250 250 250 250 250 250 250 200 200 150 150 150 50 50 50 50 30 30 30 30 30 15 15 15 15 15 5 5 5 5 5 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 Q Min. 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 25 25 25 25 25 25 25 SR F Min. (MH z ) 680 650 530 520 390 330 310 290 260 230 200 180 150 140 130 120 105 90 80 75 70 60 55 50 30 27 23 22 21 19 17 DCR Max. () 0.21 0.22 0.25 0.29 0.30 0.33 0.39 0.40 0.44 0.49 0.52 0.61 0.75 0.87 1.00 1.10 1.30 1.40 1.60 1.70 1.90 2.20 2.40 2.60 2.20 2.50 2.80 3.20 3.60 4.30 4.70 R ated Test C urrent Freq. (mA,D C ) (MH z ) 450 400 400 370 370 350 350 320 300 250 250 200 150 120 110 100 100 100 80 80 80 80 70 50 30 20 20 20 20 15 15 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4.0 4.0 4.0 2.0 2.0 1.0 1.0 1.0 1.0 0.4 Q Min. 20 20 20 20 20 20 20 20 20 25 25 25 25 25 45 45 45 45 45 45 45 45 45 50 50 50 50 50 35 35 35 35 35
MLI 0805
SR F Min. (MH z ) 320 280 255 235 220 200 185 170 150 145 135 125 115 105 100 75 65 60 55 50 45 41 38 35 32 29 26 24 22 19 18 16 14 13 DCR Max. () 0.20 0.20 0.20 0.30 0.30 0.40 0.40 0.50 0.50 0.55 0.65 0.65 0.75 0.80 1.00 0.40 0.50 0.50 0.60 0.65 0.75 0.80 0.90 1.00 0.90 1.00 1.10 1.15 1.25 0.80 0.90 1.10 1.15 1.25
MLI 1206
SR F Min. (MH z ) 320 280 235 220 200 185 170 150 145 135 125 115 105 100 75 65 60 55 50 45 41 38 35 32 29 26 24 22 19 18 16 14 13 DCR Max. () 0.15 0.25 0.25 0.30 0.30 0.40 0.40 0.50 0.50 0.60 0.60 0.70 0.80 0.90 0.40 0.50 0.50 0.50 0.60 0.60 0.70 0.80 0.90 0.70 0.80 0.90 1.0 1.05 0.70 0.70 0.90 0.90 1.05 R ated C urrent (mA,D C ) 300 300 250 250 250 250 250 250 250 250 200 200 150 150 100 100 50 50 50 50 50 50 50 25 25 25 25 15 5.0 5.0 5.0 5.0 5.0
L t T W RCD Type
P/N DESIGNATION:
MLI1206 -
220 - K T W
DIMENSIONS
Type MLI
0603 0805 1008 1206
L (Length)
.063 .006 [1.6 .15] .079 .008 [2.0 .2] .098 .008 [2.5 .2] .126 .008 [3.2 .2]
W (Width)
.031.006 [0.8 .15] .049 .008 [1.25 .2] .079 .008 [2.0 .2] .063 .008 [1.6 .2]
T Max. (Thickness)
.037 [0.95] .057 [1.45] .073 [1.9] .055 [1.4]
t (Term. Width)
.012 .008 [0.3 .2] .020 .012 [0.5 .3] .020 .012 [0.5 .3] .020 .012 [0.5 .3]
Induc. Code (uH): 2 signif. figures and multiplier (R10=0.1uH, 1R0=1uH, 100=10uH, 101=100uH). Below 0.1uH, use `R' as decimal point (R01, R068, etc.) Tolerance Code: M=20% (std<0.1uH), K=10% (std .1uH), J=5%, S=0.3nH Packaging: B=Bulk, T=Tape & Reel (4K pcs/7"reel 0603 & 0805, 2K 1008, and 3K 1206, 10Kpc 13" reels also avail.) Termination: W= Lead-free (100% Sn)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA 093 Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
97


▲Up To Search▲   

 
Price & Availability of MLI0805-100-JBW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X