Part Number Hot Search : 
4AC14 A1774 SRMB0 293T1 01544 2412E A1774 K4101
Product Description
Full Text Search
 

To Download MJE4350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-3PN package *Respectively complement to type MJE4340/4341/4342/4343 *DC current gain hFE=8(Min)@IC=16A APPLICATIONS *For use in high power audio amplifier and switching regulator circuits PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
MJE4350/4351/4352/4353
Fig.1 simplified outline (TO-3PN) and symbol
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL PARAMETER MJE4350 VCBO Collector-base voltage MJE4351 MJE4352 MJE4353 MJE4350 VCEO Collector-emitter voltage MJE4351 MJE4352 MJE4353 VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE -100 -120 -140 -160 -100 -120 -140 -160 -7 -16 -20 -5 125 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER MJE4350 MJE4351 IC=-100mA ;IB=0 MJE4352 MJE4353 VCE(sat)-1 VCE(sat)-2 VBE(sat) VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter on voltage MJE4350 MJE4351 MJE4352 MJE4353 ICEX ICBO IEBO hFE-1 hFE-2 COB fT Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency IC=-8A ;IB=-0.8A IC=-16A; IB=-2.0A IC=-16A; IB=-2.0A IC=-16A ; VCE=-4V VCE=-50V; IB=0 VCE=-60V; IB=0 SYMBOL
MJE4350/4351/4352/4353
CONDITIONS
MIN -100 -120
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
V -140 -160 -2.0 -3.5 -3.9 -3.9 V V V V
ICEO
Collector cut-off current
-0.75 VCE=-70V; IB=0 VCE=-80V; IB=0 VCE=RatedVCBO; VBE=-1.5V TC=150 VCB=RatedVCB; IE=0 VEB=-7V; IC=0 IC=-8A ; VCE=-2V IC=-16A ; VCE=-4V IE=0 ; VCB=-10V;f=0.1MHz IC=-1A ; VCE=-20V;f=0.5MHz 1.0 15 8 800 -1.0 -5.0 -0.75 -1.0
mA
mA mA mA
pF MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
MJE4350/4351/4352/4353
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of MJE4350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X