Part Number Hot Search : 
OT12N5 KBU1002 GE3012 12864 2412WI WITCH TN6610 0TRPBF
Product Description
Full Text Search
 

To Download MBR0520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR0520
SURFACE MOUNT SCHOTTKY RECTIFIER
PINNING
Features * Very low forward voltage * High Current Capability
PIN 1 2
DESCRIPTION Cathode Anode
2
1
SC
Top View Marking Code: "SC" Simplified outline SOD-123 and symbol
Absolute Maximum Ratings (Ta = 25OC) Parameter DC Reverse Voltage Peak Reverse Voltage Working Peak Reverse Voltage Average Forward Current at DC, TL = 129 OC Peak One Cycle Non-repetitive at 25 C 5 s sine or 3 s rect. pulse
O
Symbol VR VRRM VRWM IF IFSM
1)
Value 20 0.5 55 6.5 150 340 - 65 to + 150 - 65 to + 150
Unit V A A A
O
Surge Current
at 25 C 10 ms sine or 6 ms rect. pulse
O
Thermal Resistance Junction to Lead Thermal Resistance Junction to Ambient Junction Temperature Storage Temperature
1)
RthJL RthJA TJ Tstg
C/W C/W
O
O
C C
O
Following any rated load condition and with rated VRRM applied.
Electrical Characteristics Parameter Forward Voltage at IF = 0.1 A, TJ = 25 OC at IF = 0.5 A, TJ = 25 OC at IF = 0.1 A, TJ = 100 OC at IF = 0.5 A, TJ = 100 OC Reverse Leakage Current at VR = 10 V, TJ = 25 OC at VR = 20 V, TJ = 25 OC at VR = 10 V, TJ = 100 OC at VR = 20 V, TJ = 100 OC Junction Capacitance at VR = 5 VDC (test signal range 100 KHz to 1 MHz), TJ = 25 OC Symbol Max. 0.375 0.44 0.26 0.36 40 150 3 7 110 Unit V V V V A A mA mA pF
VF
IR
CT
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 04/07/2006
MBR0520
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 04/07/2006
MBR0520
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-123
ALL ROUND
HE
A
bp
E
UNIT mm
A
1.15 1.05
b
0.6 0.5
c
0.135 0.127
D
2.7 2.6
E
1.65 1.55
H
3.9 3.7
v
0.2
5
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 04/07/2006
A


▲Up To Search▲   

 
Price & Availability of MBR0520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X