Part Number Hot Search : 
AD779 TFS770 AP9435GK US661EDC 1N5232B KA2206 HP127 178M07
Product Description
Full Text Search
 

To Download LM79L12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Three-terminal Negative Voltage Regulator LM79L12
Features
Maximum Output current IOM : 0.1 A Output voltage Vo: -12 V Continuous total dissipation PD : 0. 5 W
IC
1 GND 2 IN 3 OUT
Absolute Maximum Ratings Ta = 25
Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range Symbol Vl TOPR TSTG Rating -35 -55 to +125 -55 to +150 Unit V
Electrical Characteristics (VI=19V,Io=40mA,0 Parameter Symbol Tj=25 Output voltage Vo -14.5V Vl
,C1=0.33 F,Co=0.1 F, unless otherwise specified) Testconditons Min -11.5 -27V, Io=1mA-40mA -11.4 -11.4 Typ -12 -12 -12 24 15 50 40 Max -12.5 -12.6 -12.6 100 50 250 200 6.5 Vl IO -27V 40mA 80 37 42 1.7 1.5 0.1 Unit V V V mV mV mV mV mA mA mA uV dB V
Io=1mA-70mA Load Regulation Vo Tj=25 Tj=25 Line regulation Quiescent Current Quiescent Current Change Output Noise VoItage Ripple Rejection Dropout Voltage Vo Iq Iq Iq VN RR Vd -14.5 V -16V 25 0 -27V, Tj=25
100KHz,Tj=25 -25V,f=120Hz
Typical Application
LM79L12
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of LM79L12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X