Part Number Hot Search : 
52000 D1005 D4004 SA120 ON2947 ZTX555 23990 LTC2600
Product Description
Full Text Search
 

To Download LESDA6V8V5T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Quad Array for ESD Protection
This quad monolithic silicon voltage suppressor is designed for applications requiring transient overvoltage protection capability. It is intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment, and other applications. Its quad junction common anode design protects four separate lines using only one package. These devices are ideal for situations where board space is at a premium.
LESDA6V8V5T1G
* SOT-553 Package Allows Four Separate Unidirectional * * * *
Configurations Low Leakage < 1 mA @ 3 Volt Breakdown Voltage: 5.6 Volt - 6.8 Volt @ 1 mA ESD Protection Meeting IEC61000-4-2 - Level 4 We declare that the material of product compliance with RoHS requirements.
Specification Features
SOT-553
1 2 3
5
4
* * * * *
Mechanical Characteristics
Void Free, Transfer-Molded, Thermosetting Plastic Case Corrosion Resistant Finish, Easily Solderable Package Designed for Optimal Automated Board Assembly Small Package Size for High Density Applications 100% Lead Free, MSL1 @ 260C Reflow Temperature
ORDERING INFORMATION
Device LESDA5V6V5T1G LESDA6V2V5T1G LESDA6V8V5T1G Package SOT-553 SOT-553 SOT-553 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
1/6
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS
(TA = 25C unless otherwise noted) Symbol IPP VC VRWM IR VBR IT QVBR IF VF ZZT IZK ZZK Parameter Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Maximum Temperature Coefficient of VBR Forward Current Forward Voltage @ IF Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK
LESDA6V8V5T1G
I IF
VC VBR VRWM IR VF IT
V
IPP
Uni-Directional
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Characteristic Peak Power Dissipation (8 X 20 ms @ TA = 25C) (Note 1) Steady State Power - 1 Diode (Note 2) Thermal Resistance Junction to Ambient Above 25C, Derate Maximum Junction Temperature Operating Junction and Storage Temperature Range ESD Discharge MIL STD 883C - Method 3015-6 IEC1000-4-2, Air Discharge IEC1000-4-2, Contact Discharge Symbol PPK PD RqJA TJmax TJ Tstg VPP Value 100 300 370 2.7 150 -55 to +150 16 16 9 260 Unit W mW C/W mW/C C C kV
Lead Solder Temperature (10 seconds duration)
TL
C
ELECTRICAL CHARACTERISTICS (TA = 25C)
Breakdown Voltage VBR @ 1 mA (Volts) Device LESDA5V6V5T1G LESDA6V2V5T1G LESDA6V8V5T1G Min 5.32 5.89 6.46 Nom 5.6 6.2 6.8 Max 5.88 6.51 7.14 Leakage Current IRM @ VRM VRWM 3.0 4.0 4.3 IRWM (mA) 1.0 0.5 0.1 Typ Capacitance @ 0 V Bias (Note 3) (pF) 90 80 70 Max VF @ IF = 200 mA (V) 1.3 1.3 1.3
VC Max @ IPP VC (V) 10.5 11.5 12.5 IPP (A) 10 9.0 8.0
1. Non-repetitive current per Figure 1. 2. Only 1 diode under power. For all 4 diodes under power, PD will be 25%. Mounted on FR-4 board with min pad. 3. Capacitance of one diode at f = 1 MHz, VR = 0 V, TA = 25C
2/6
LESHAN RADIO COMPANY, LTD.
LESDA6V8V5T1G
110 100 90 PERCENT OF IPP 80 70 60 50 40 30 20 10 0 c-t td = IPP/2 % OF RATED POWER OR IPP WAVEFORM PARAMETERS tr = 8 ms td = 20 ms 110 100 90 80 70 60 50 40 30 20 10 0
0
5
10
15 t, TIME (ms)
20
25
30
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (C)
Figure 1. Pulse Waveform
Figure 2. Power Derating Curve
14 VC, CLAMPING VOLTAGE (V) 12 LESDA6V2V5T1G 10 8 6 4 2 0 1 3 5 7 9 10 11 12.5 13.5 LESDA5V6V5T1G LESDA6V8V5T1G C, CAPACITANCE (pF)
100 90 80 70 60 50 40 30 20 10 0 5.3 5.6 5.9 6.2 6.5 6.8 7.1 VBR, BREAKDOWN VOLTAGE (V)
IPP, PEAK PULSE CURRENT (A)
Figure 3. Clamping Voltage versus Peak Pulse Current
Figure 4. Typical Capacitance
3/6
LESHAN RADIO COMPANY, LTD.
LESDA6V8V5T1G
PACKAGE DIMENSIONS
SOT-553, 5-LEAD
A -X-
C K
4
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. MILLIMETERS MIN MAX 1.50 1.70 1.10 1.30 0.50 0.60 0.17 0.27 0.50 BSC 0.08 0.18 0.10 0.30 1.50 1.70 INCHES MIN MAX 0.059 0.067 0.043 0.051 0.020 0.024 0.007 0.011 0.020 BSC 0.003 0.007 0.004 0.012 0.059 0.067
5
1
2
3
B -Y-
S
D G
5 PL M
J XY
0.08 (0.003)
DIM A B C D G J K S
STYLE 1: PIN 1. 2. 3. 4. 5.
BASE 1 EMITTER 1/2 BASE 2 COLLECTOR 2 COLLECTOR 1
STYLE 2: PIN 1. 2. 3. 4. 5.
CATHODE ANODE CATHODE CATHODE CATHODE
4/6
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 13.0mm 0.5mm 1.5mm Min (.512 .002'') (.06'') A
20.2mm Min (.795'')
50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm
A Max 178.0mm (7.0'')
G 8.4mm+1.5mm, -0.0 (.33''+.039'', -0.00)
T Max 10.9mm (.43'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)
LESHAN RADIO COMPANY, LTD.
Shipment Specification
CPN
LABEL LABEL
LABEL 10Reel/Inner Box 30KPCS/Inner Box
Dim(Unit:mm)
195mm*195mm*150mm
10 Reel
3000PCS/Reel 80KPCS/Inner Box (SOT-723,SOD-723,SOD-923) 8000PCS/Reel (SOT-723,SOD-723,SOD-923)
Dim(Unit:mm)
460mm*400mm*420mm
LABEL
MARK
Leshan Radio Company,Ltd.
12 Inner Box/Carton 360KPCS/Carton
960KPCS/Carton (SOT-723,SOD-723,SOD-923)


▲Up To Search▲   

 
Price & Availability of LESDA6V8V5T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X