Part Number Hot Search : 
PC587C2 L53F3BT SDS28381 A1212 CY7C4255 PA2755NL 2SK35 P2804N
Product Description
Full Text Search
 

To Download LESDA6V8AV5T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Low Capacitance Quad Array for ESD Protection
This integrated transient voltage suppressor device (TVS) is designed for applications requiring transient overvoltage protection. It is intended for use in sensitive equipment such as computers, printers, business machines, communication systems, medical equipment, and other applications. Its integrated design provides very effective and reliable protection for four separate lines using only one package. These devices are ideal for situations where board space is at a premium.
Features
LESDA6V8AV5T1G
SOT-553
* ESD Protection: IEC61000-4-2: Level 4 * * * * * * * * * * * * * * * *
MILSTD 883C - Method 3015-6: Class 3 Four Separate Unidirectional Configurations for Protection Low Leakage Current < 1 mA @ 3 Volts Power Dissipation: 380 mW Small SOT-553 SMT Package Low Capacitance Complies to USB 1.1 Low Speed & High Speed Specifications We declare that material of product compliance with ROHS requirements.
1 2 3
5
4
Benefits
Provides Protection for ESD Industry Standards: IEC 61000, HBM Protects Four Lines Against Transient Voltage Conditions Minimize Power Consumption of the System Minimize PCB Board Space
Ordering Information
Device LESDA6V8AV5T1G Package SOT- 553 Shipping 3000/Tape&Reel
Typical Applications
Instrumentation Equipment Serial and Parallel Ports Microprocessor Based Equipment Notebooks, Desktops, Servers Cellular and Portable Equipment
1/4
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS
(TA = 25C unless otherwise noted) Symbol IPP VC VRWM IR VBR IT QVBR IF VF ZZT IZK ZZK Parameter Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Maximum Temperature Coefficient of VBR Forward Current Forward Voltage @ IF Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK
LESDA6V8AV5T1G
I IF
VC VBR VRWM IR VF IT
V
IPP
Uni-Directional
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Characteristic Peak Power Dissipation (8 X 20 ms @ TA = 25C) (Note 1) Steady State Power - 1 Diode (Note 2) Thermal Resistance, Junction-to-Ambient Above 25C, Derate Maximum Junction Temperature Operating Junction and Storage Temperature Range Lead Solder Temperature (10 seconds duration) Symbol PPK PD RqJA TJmax TJ Tstg TL Value 20 380 327 3.05 150 -55 to +150 260 Unit W mW C/W mW/C C C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25C)
Breakdown Voltage VBR @ 1 mA (Volts) Min LESDA6V8AV5T1G 6.47 Nom 6.8 Max 7.14 Leakage Current IRM @ VRM VRWM 4.3 IRWM (mA) 1.0 Typ Capacitance @ 0 V Bias (pF) (Note 3) Typ 12 Max 15 Typ Capacitance @ 3 V Bias (pF) (Note 3) Typ 6.7 Max 9.5
Device
VC Max @ IPP VC (V) 13 IPP (A) 1.6
1. Non-repetitive current per Figure 1. 2. Only 1 diode under power. For all 4 diodes under power, PD will be 25%. Mounted on FR-4 board with min pad. 3. Capacitance of one diode at f = 1 MHz, VR = 0 V, TA = 25C
2/4
LESHAN RADIO COMPANY, LTD.
LESDA6V8AV5T1G
TYPICAL ELECTRICAL CHARACTERISTICS
100 Ppk, PEAK SURGE POWER (W) % OF RATED POWER OR IPP 110 100 90 80 70 60 50 40 30 20 10 0
10
1
1
10 t, TIME (ms)
100
1000
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (C)
Figure 1. Pulse Width
Figure 2. Power Derating Curve
0.16 TYPICAL CAPACITANCE (pF) 1 MHz FREQUENCY IR, REVERSE LEAKAGE (mA) 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 -60 -40 -20 0 20 40 60 80 100 T, TEMPERATURE (C)
14 12 10 8 6 4 2 0 0 1 2 3 4 5 6 BIAS VOLTAGE (V) TA = 25C
Figure 3. Reverse Leakage versus Temperature
Figure 4. Capacitance
100 % OF PEAK PULSE CURRENT 90 80 70 60 50 40 30 20 10 0
tr
PEAK VALUE IRSM @ 8 ms PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAY = 8 ms HALF VALUE IRSM/2 @ 20 ms IF, FORWARD CURRENT (A)
1
0.1
0.01
tP
TA = 25C 0.001 0 20 40 t, TIME (ms) 60 80 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VF, FORWARD VOLTAGE (V)
Figure 5. 8 x 20 s Pulse Waveform
Figure 6. Forward Voltage
3/4
LESHAN RADIO COMPANY, LTD.
LESDA6V8AV5T1G
PACKAGE DIMENSIONS
SOT-553, 5 LEAD
D -X-
A L
4 DIM A b c D E e L HE
5
1
2
3
E -Y-
HE
b e
MILLIMETERS NOM MAX 0.55 0.60 0.22 0.27 0.13 0.18 1.60 1.70 1.20 1.30 0.50 BSC 0.10 0.20 0.30 1.50 1.60 1.70 MIN 0.50 0.17 0.08 1.50 1.10
MIN 0.020 0.007 0.003 0.059 0.043
INCHES NOM 0.022 0.009 0.005 0.063 0.047 0.020 BSC 0.004 0.008 0.059 0.063
MAX 0.024 0.011 0.007 0.067 0.051 0.012 0.067
5 PL M
c XY
0.08 (0.003)
STYLE 2: PIN 1. CATHODE 2. COMMON ANODE 3. CATHODE 2 4. CATHODE 3 5. CATHODE 4
SOLDERING FOOTPRINT*
0.3 0.0118 0.45 0.0177 1.0 0.0394
1.35 0.0531
0.5 0.5 0.0197 0.0197
SCALE 20:1
mm inches
4/4
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 1.5mm Min (.06'') A
20.2mm Min (.795'')
13.0mm 0.5mm (.512 .002'') 50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm
A Max 178.0mm (7.0'')
G 8.4mm+1.5mm, -0.0 (.33''+.039'', -0.00)
T Max 10.9mm (.43'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)
LESHAN RADIO COMPANY, LTD.
Shipment Specification
CPN
LABEL LABEL
LABEL 10Reel/Inner Box 30KPCS/Inner Box
Dim(Unit:mm)
195mm*195mm*150mm
10 Reel
3000PCS/Reel 80KPCS/Inner Box (SOT-723,SOD-723,SOD-923) 8000PCS/Reel (SOT-723,SOD-723,SOD-923)
Dim(Unit:mm)
460mm*400mm*420mm
LABEL
MARK
Leshan Radio Company,Ltd.
12 Inner Box/Carton 360KPCS/Carton
960KPCS/Carton (SOT-723,SOD-723,SOD-923)


▲Up To Search▲   

 
Price & Availability of LESDA6V8AV5T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X