Part Number Hot Search : 
180N0 180N0 22MUD FLLD258 RKP200KP 20100C SAA7327 TSM1013
Product Description
Full Text Search
 

To Download LESDA6V1W6T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
LESDA6V1W6T1G
Transil array for data protection
General Description
The LESDA6V1W6T1G is a monolithic suppressor designed to protect components connected to data and transmission lines against ESD. The device clamp the voltage just above the logic level supply for positive transients, and to a diode drop below ground for negative transients.
Features
4 Unidirectional Transil functions Breakdown voltage: VBR = 6.1 V min. and 25 V min. Low leakage current: < 1 mA Very small PCB area < 4.2 mm2 typically High ESD protection level: up to 25 kV High integration
Applications
Computers Printers Communication systems Cellular phones handsets and accessories Wireline and wireless telephone sets Set top boxes
Complies with the following standards
IEC61000-4-2 Level 4 15 kV (air discharge) 9 kV(contact discharge) MIL STD 883E - Method 3015-7 Class 3 25 kV HBM (Human Body Model)
Functional diagram
LESD6V1W6T1G
Absolute Ratings (Tamb=25C )
Symbol Parameter Value Units
PPP TL Tstg Top
Peak Pulse Power (tp = 8/20s)
LESDA6V1W6T1G
100 260 -40 to +125 -40 to +125
W C C C
Maximum lead temperature for soldering during 10s Storage Temperature Range Operating Temperature Range
1
LESHAN RADIO COMPANY, LTD.
Electrical Parameter
Symbol VRM VBR VCL IRM IPP IR IF T VF C Rd Parameter Stand-off voltage Breakdown voltage Clamping voltage Leakage current Peak pulse current Reverse current Forward current Voltage temperature coefficient Forward voltage drop Capacitance Dynamic
Electrical Characteristics
Part Numbers Min. v
LESDA6V1W6T1G
VBR Max. v 7.2 IR mA 1 VRM v 3 IRM A 1
VF Max. v 1.25 IF mA 200
Rd Typ.(1) 0.61
T Max.(2) 10-4/C 6
C Typ. 0v bias pF 50
6.1
1.Square pulse IPP=15A,tp=2.5s
2.VBR=aT*(Tamb-25C)*VBR(25C)
Typical Characteristics
1000 Ppk , PEAK SURGE POWER (WATTS) % OF PEAK PULSE CURRENT 100 90 80 70 60 50 40 30 20 10 1 1 10 t, TIME (ms) 100 1000 0 0 20 40 t, TIME (ms) 60 80 tP tr PEAK VALUE IRSM @ 8 ms PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAY = 8 ms
100
HALF VALUE IRSM/2@20US
10 NOTE: Non-Repetitive Surge.
Figure 1. Pulse Width
Figure 2. 8 x 20 ms Pulse Waveform
2
LESHAN RADIO COMPANY, LTD.
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ TA = 25 C
100 90 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 175 200 80
100 90 TYPICAL CAPACITANCE (pF) 1 MHz FREQUENCY 80 70 60 50 40 30 20 10 0
0
1.0
2.0
3.0
4.0
5.0
TA, AMBIENT TEMPERATURE (C)
BIAS VOLTAGE (VOLTS)
Figure 3. Pulse Derating Curve
Figure 4. Capacitance
1.0
100 Ipp, PEAK PULSE CURRENT (AMPS)
IF , FORWARD CURRENT (A)
0.1
10
0.01
2.5 ms SQUARE WAVE
0.001
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.0
0
5.0
10
15
20
25
30
VF, FORWARD VOLTAGE (VOLTS)
VC, CLAMPING VOLTAGE (VOLTS)
Figure 5. Forward Voltage
Figure 6. Clamping Voltage versus Peak Pulse Current (Reverse Direction)
3
LESHAN RADIO COMPANY, LTD.
Ipp, PEAK FORWARD PULSE CURRENT (AMPS)
100
10
1.0 2.5 ms SQUARE WAVE
0.1
0
2.0
4.0
6.0
8.0
10
12
VC, FORWARD CLAMPING VOLTAGE (VOLTS)
Figure 7. Clamping Voltage versus Peak Pulse Current (Forward Direction)
Package mechanical data
SOT-363 Package
4


▲Up To Search▲   

 
Price & Availability of LESDA6V1W6T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X