Part Number Hot Search : 
60618 1N58010 K4032 MT3330C4 50A400V 5217A LLZJ20 MXD1816
Product Description
Full Text Search
 

To Download LC87F1D64A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1220
LC87F1D64A
Overview
CMOS IC FROM 64K byte, RAM 4K byte on-chip
8-bit 1-chip Microcontroller with Full-Speed USB
The SANYO LC87F1D64A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time of 62.5ns, integrates on a single chip a number of hardware features such as 64K-byte flash ROM (onboard programmable), 4096-byte RAM, an on-chip debugger, a sophisticated 16-bit timers/counters (may be divided into 8-bit timers), 16-bit timers/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), two 8-bit timers with a prescaler, a base timer serving as a time-of-day clock, a high-speed clock counter, two synchronous SIO interface (with automatic block transmit/ receive function), an asynchronous/synchronous SIO interface, a UART interface (full duplex), a Full-Speed USB interface (function controller), 12-channel 12-bit A/D converter with 12-/8-bit resolution selector, two 12-bit PWM channels, a system clock frequency divider, an infrared remote control receiver circuit, and a 30-source 10vector address interrupt feature.
Features
Flash ROM * Capable of on-board-programming with wide range, 3.0 to 5.5V, of voltage source. * Block-erasable in 128 byte units * Writes data in 2-byte units * 65536 x 8 bits RAM * 4096 x 9 bits Minimum Bus Cycle * 62.5ns (CF=16MHz) Note: The bus cycle time here refers to the ROM read speed.
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by SANYO Semiconductor Co., Ltd.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
Ver.1.01
61808HKIM 20080512-S00001 No.A1220-1/29
LC87F1D64A
Minimum Instruction Cycle Time * 188ns (CF=16MHz) Ports * I/O ports Ports whose I/O direction can be designated in 1 bit units 28 (P10 to P17, P20 to P27, P30 to P34, P70 to P73, PWM0, PWM1, XT2) Ports whose I/O direction can be designated in 4 bit units 8 (P00 to P07) * USB ports 2 (D+, D-) * Dedicated oscillator ports 2 (CF1, CF2) * Input-only port (also used for oscillation) 1 (XT1) * Reset pins 1 (RES) * Power pins 6 (VSS1 to 3, VDD1 to 3) Timers * Timer 0: 16-bit timer/counter with a capture register. Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register) x 2 channels Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register) + 8-bit counter (with an 8-bit capture register) Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register) Mode 3: 16-bit counter (with a 16-bit capture register) * Timer 1: 16-bit timer/counter that supports PWM/toggle outputs Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/counter with an 8-bit prescaler (with toggle outputs) Mode 1: 8-bit PWM with an 8-bit prescaler x 2 channels Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs) (toggle outputs also possible from the lower-order 8 bits) Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs) (The lower-order 8 bits can be used as PWM.) * Timer 6: 8-bit timer with a 6-bit prescaler (with toggle output) * Timer 7: 8-bit timer with a 6-bit prescaler (with toggle output) * Base timer 1) The clock is selectable from the subclock (32.768kHz crystal oscillation), system clock, and timer 0 prescaler output. 2) Interrupts programmable in 5 different time schemes SIO * SIO0: Synchronous serial interface 1) LSB first/MSB first mode selectable 2) Transfer clock cycle: 4/3 to 512/3 tCYC 3) Automatic continuous data transmission (1 to 256 bits, specifiable in 1 bit units, suspension and resumption of data transmission possible in 1 byte units) * SIO1: 8-bit asynchronous/synchronous serial interface Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks) Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates) Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks) Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect) * SIO4: Synchronous serial interface 1) LSB first/MSB first mode selectable 2) Transfer clock cycle: 4/3 to 1020/3 tCYC 3) Automatic continuous data transmission (1 to 4096 bytes, specifiable in 1 byte units, suspension and resumption of data transmission possible in 1 byte or 2 bytes units) 4) Auto-start-on-falling-edge function 5) Clock polarity selectable 6) CRC16 calculator circuit built in
No.A1220-2/29
LC87F1D64A
Full Duplex UART * UART1 1) Data length: 7/8/9 bits selectable 2) Stop bits: 1 bit (2 bits in continuous transmission mode) 3) Baud rate: 16/3 to 8192/3 tCYC * UART2 1) Data length: 7/8/9 bits selectable 2) Stop bits: 1 bit (2 bits in continuous transmission mode) 3) Baud rate: 16/3 to 8192/3 tCYC AD Converter: 12 bits x 12 channels * 12/8 bits AD converter resolution selectable PWM: Multifrequency 12-bit PWM x 2 channels Infrared Remote Control Receiver Circuit 1) Noise reduction function (noise filter time constant: Approx. 120s, when the 32.768kHz crystal oscillator is selected as the reference voltage source.) 2) Supports data encoding systems such as PPM (Pulse Position Modulation) and Manchester encoding 3) X'tal HOLD mode release function USB Interface (function controller) * Compliant with USB 2.0 Full-Speed * Supports a maximum of 4 user-defined endpoints.
Endpoint Transfer Type Control Bulk Interrupt Isochronous Max. payload 64 64 64 64 64 EP0 EP1 EP2 EP3 EP4 -
Watchdog Timer * External RC watchdog timer 1) Interrupt and reset signals selectable * Internal counter watchdog timer 1) Generates an internal reset signal on overflow occurring in a timer that runs on a dedicated low-speed RC oscillator clock (30kHz). 2) Three operating modes are selectable: continues counting, stops counting, or retains count when the CPU Clock Output Function 1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock. 2) Able to output oscillation clock of sub clock.
No.A1220-3/29
LC87F1D64A
Interrupts * 30 sources, 10 vector addresses 1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of the level equal to or lower than the current interrupt are not accepted. 2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector address takes precedence.
No. 1 2 3 4 5 6 7 8 9 10 Vector Address 00003H 0000BH 00013H 0001BH 00023H 0002BH 00033H 0003BH 00043H 0004BH Level X or L X or L H or L H or L H or L H or L H or L H or L H or L H or L INT0 INT1 INT2/T0L/INT4/USB bus active/remote control receiver INT3/INT5/base timer T0H T1L/T1H SIO0/USB bus reset/USB suspend/UART1 receive/UART2 receive SIO1/USB endpoint/USB-SOF/SIO4/UART1 transmit/UART2 transmit ADC/T6/T7 Port 0/PWM0/PWM1 Interrupt Source
* Priority Level: X > H > L * Of interrupts of the same level, the one with the smallest vector address takes precedence. Subroutine Stack Levels: 2048 levels (the stack is allocated in RAM.) High-speed Multiplication/Division Instructions * 16 bits x 8 bits (5 tCYC execution time) * 24 bits x 16 bits (12 tCYC execution time) * 16 bits / 8 bits (8 tCYC execution time) * 24 bits / 16 bits (12 tCYC execution time) Oscillation Circuits * RC oscillation circuit (internal): For system clock (1MHz) * Low-speed RC oscillation circuit (internal): For watchdog timer (30kHz) * CF oscillation circuit: For system clock * Crystal oscillation circuit: For system clock, time-of-day clock * PLL circuit (internal): For USB interface (see Fig.5) Standby Function * HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation. 1) Oscillation is not halted automatically. 2) There are three ways of resetting the HOLD mode. (1) Setting the reset pin to the low level (2) Reset generated by watchdog timer (3) Interrupt generation * HOLD mode: Suspends instruction execution and the operation of the peripheral circuits. 1) The PLL base clock generator, CF, RC and crystal oscillators automatically stop operation. 2) There are five ways of resetting the HOLD mode. (1) Setting the reset pin to the lower level. (2) Reset generated by watchdog timer (3) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level (4) Having an interrupt source established at port 0 (5) Having an bus active interrupt source established in the USB interface circuit
Continued on next page.
No.A1220-4/29
LC87F1D64A
Continued from preceding page.
* X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer and the infrared remote control receiver circuit. 1) The PLL base clock generator, CF and RC oscillator automatically stop operation. 2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained. 3) There are seven ways of resetting the X'tal HOLD mode. (1) Setting the reset pin to the low level (2) Reset generated by watchdog timer (3) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level (4) Having an interrupt source established at port 0 (5) Having an interrupt source established in the base timer circuit (6) Having an bus active interrupt source established in the USB interface circuit (7) Having an interrupt source established in the infrared remote control receiver circuit Package Form * TQFP48J(7x7): Lead-/Halogen-free type Development Tools * On-chip debugger: TCB87 type B + LC87F1D64A Flash ROM Programming Boards
Package TQFP48J(7x7) Programming boards W87F55256SQ
Flash ROM Programmer
Maker Flash Support Group, Inc. (FSG) Flash Support Group, Inc. (FSG) + SANYO (Note 1) Single/Gang SANYO Programmer In-circuit/Gang Programmer In-circuit Programmer Single Programmer Model AF9708 AF9709/AF9709B/AF9709C (Including Ando Electric Co., Ltd. models) AF9101/AF9103 (main body) (FSG models) SIB87 (Inter Face Driver) (SANYO model) SKK/SKK Type B (SANYO FWS) SKK-DBG Type B (SANYO FWS) Application Version 1.04 or later Chip Data Version 2.15 or later LC87F1D64 (Note 2) Rev.03.06 or later LC87F1D64A Supported version Device
Note1: On-board-programmer from FSG (AF9101/AF9103) and serial interface driver from SANYO (SIB87) together can give a PC-less, standalone on-board-programming capabilities. Note2: It needs a special programming devices and applications depending on the use of programming environment. Please ask FSG or SANYO for the information.
No.A1220-5/29
LC87F1D64A
Package Dimensions
unit : mm (typ) 3288
9.0
36 37
25 24
7.0
48 1 0.5 (0.75) 12 0.2
13
9.0
0.125
1.2max
0.1
(1.0)
SANYO : TQFP48J(7X7)
Pin Assignment
P27/INT5/DPUP2 P26/INT5/URX2 P25/INT5/UTX2 P24/INT5/SCK4 P23/INT4/SI4/WR P22/INT4/SO4/RD P21/INT4/URX1 P20/INT4/UTX1 P07/AN7/T7O P06/AN6/T6O P05/AN5/CKO P04/AN4 DD+ VDD3 VSS3 P34/UFILT P33 P32/DBGP2 P31/DBGP1 P30/DBGP0 P70/INT0/T0LCP/AN8/DPUP P71/INT1/T0HCP/AN9 P72/INT2/T0IN 36 35 34 33 32 31 30 29 28 27 26 25
0.5
7.0
37 38 39 40 41 42 43 44 45 46 47 48
LC87F1D64A
24 23 22 21 20 19 18 17 16 15 14 13
P03/AN3 P02/AN2 P01/AN1 P00/AN0 VSS2 VDD2 PWM0 PWM1 P17/T1PWMH/BUZ P16/T1PWML P15/SCK1 P14/SI1/SB1
P73/INT3/T0IN/RMIN RES XT1/AN10 XT2/AN11 VSS1 CF1 CF2 VDD1 P10/SO0 P11/SI0/SB0 P12/SCK0 P13/SO1
1 2 3 4 5 6 7 8 9 10 11 12
Top view
SANYO: TQFP48J(7x7) "Lead-/ Halogen-free Type"
No.A1220-6/29
LC87F1D64A
TQFP48J 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 NAME P73/INT3/T0IN/RMIN RES XT1/AN10 XT2/AN11 VSS1 CF1 CF2 VDD1 P10/SO0 P11/SI0/SB0 P12/SCK0 P13/SO1 P14/SI1/SB1 P15/SCK1 P16/T1PWML P17/T1PWMH/BUZ PWM1 PWM0 VDD2 VSS2 P00/AN0 P01/AN1 P02/AN2 P03/AN3 TQFP48J 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 P04/AN4 P05/AN5/CKO P06/AN6/T6O P07/AN7/T7O P20/INT4/UTX1 P21/INT4/URX1 P22/INT4/SO4/RD P23/INT4/SI4/WR P24/INT5/SCK4 P25/INT5/UTX2 P26/INT5/URX2 P27/INT5/DPUP2 DD+ VDD3 VSS3 P34/UFILT P33 P32/DBGP2 P31/DBGP1 P30/DBGP0 P70/INT0/T0LCP/AN8/DPUP P71/INT1/T0HCP/AN9 P72/INT2/T0IN NAME
No.A1220-7/29
LC87F1D64A
System Block Diagram
Interrupt control IR PLA
Standby control
FROM
CF RC X'tal
USB PLL Clock generator PC
SIO0
Bus interface
ACC
SIO1
Port 0
B register
SIO4
Port 1
C register
Timer 0
Port 2 ALU
Timer 1
Port 3
Timer 6
Port 7 INT0 to 5 Noise rejection filter UART1
PSW
Timer 7
RAR
Base timer
RAM
PWM0
UART2
Stack pointer Watchdog timer
PWM1
ADC Infrared remote control receiver circuit
USB interface
On-chip debugger
No.A1220-8/29
LC87F1D64A
Pin Description
Pin Name VSS1, VSS2, VSS3 VDD1, VDD2 VDD3 Port 0 P00 to P07 I/O +power supply pin USB reference voltage pin * 8-bit I/O port * I/O specifiable in 4-bit units * Pull-up resistors can be turned on and off in 4-bit units. * HOLD reset input * Port 0 interrupt input * Pins functions AD converter input port: AN0 to AN7 (P00 to P07) P05: System Clock Output P06: Timer 6 toggle outputs P07: Timer 7 toggle outputs Port 1 P10 to P17 I/O * 8-bit I/O port * I/O specifiable in 1-bit units * Pull-up resistors can be turned on and off in 1-bit units. * Pin functions P10: SIO0 data output P11: SIO0 data input/bus I/O P12: SIO0 clock I/O P13: SIO1 data output P14: SIO1 data input/bus I/O P15: SIO1 clock I/O P16: Timer 1 PWML output P17: Timer 1 PWMH output/beeper output Port 2 P20 to P27 I/O * 8-bit I/O port * I/O specifiable in 1-bit units * Pull-up resistors can be turned on and off in 1-bit units. * Pin functions P20 to P23: INT4 input/HOLD reset input/timer 1 event input/timer 0L capture input/ timer 0H capture input P24 to P27: INT5 input/HOLD reset input/timer 1 event input/timer 0L capture input/ timer 0H capture input P20: UART1 transmit P21: UART1 receive P22: SIO4 date I/O/parallel interface RD output P23: SIO4 date I/O/parallel interface WR output P24: SIO4 clock I/O P25: UART2 transmit P26: UART2 receive P27: D+ 1.5k pull-up resistor connect pin Interrupt acknowledge type Rising INT4 INT5 enable enable Falling enable enable Rising & Falling enable enable H level disable disable L level disable disable Yes Yes No Yes Yes I/O -power supply pin Description Option No
Continued on next page.
No.A1220-9/29
LC87F1D64A
Continued from preceding page.
Pin Name Port 3 P30 to P34 I/O I/O * 5-bit I/O port * I/O specifiable in 1-bit units * Pull-up resistors can be turned on and off in 1-bit units. * Pin functions P34: USB interface PLL filter pin (see Fig.5) On-chip debugger pins: DBGP0 to DBGP2 (P30 to P32) Port 7 P70 to P73 I/O * 4-bit I/O port * I/O specifiable in 1-bit units * Pull-up resistors can be turned on and off in 1-bit units. * Pin functions P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output/ D+ 1.5k pull-up resistor connect pin P71: INT1 input/HOLD reset input/timer 0H capture input P72: INT2 input/HOLD reset input/timer 0 event input/timer 0L capture input/ high speed clock counter input P73: INT3 input (with noise filter)/timer 0 event input/timer 0H capture input/ infrared remote control receiver input AD converter input port: AN8(P70), AN9(P71) Interrupt acknowledge type Rising INT0 INT1 INT2 INT3 enable enable enable enable Falling enable enable enable enable Rising & Falling disable disable enable enable H level enable enable disable disable L level enable enable disable disable No Description Option Yes
PWM0 PWM1 DD+ RES XT1
I/O I/O I/O Input Input
* PWM0 and PWM1 output port * General-purpose input port * USB data I/O pin D* General-purpose I/O port * USB data I/O pin D+ * General-purpose I/O port Reset pin * 32.768kHz crystal oscillator input pin * Pin functions General-purpose input port AD converter input port: AN10 Must be connected to VDD1 if not to be used. 32.768kHz crystal oscillator output pin * Pin functions General-purpose I/O port AD converter input port: AN11 Must be set for oscillation and kept open if not to be used.
No No No No No
XT2
I/O
No
CF1 CF2
Input Output
Ceramic resonator input pin Ceramic resonator output pin
No No
No.A1220-10/29
LC87F1D64A
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor. Data can be read into any input port even if it is in the output mode.
Port Name P00 to P07 Option Selected in Units of 1 bit Option Type 1 2 P10 to P17 P20 to P27 P30 to P34 P70 P71 to P73 PWM0, PWM1 D+, DXT1 XT2 No No No No No No Nch-open drain CMOS CMOS CMOS Input only 32.768kHz crystal oscillator output (N channel open drain when in generalpurpose output mode) Programmable Programmable No No No No 1 bit 1 2 CMOS Nch-open drain CMOS Nch-open drain Output Type Pull-up Resistor Programmable (Note 1) No Programmable Programmable
Note 1: Programmable pull-up resistors for port 0 are controlled in 4-bit units (P00 to 03, P04 to 07).
User Option Table
Option Name Option to be Applied on Flash-ROM Version Option Selected in Units of CMOS P00 to P07 1 bit Nch-open drain CMOS P10 to P17 Port output type P20 to P27 1 bit Nch-open drain CMOS P30 to P34 Program start address 1 bit Nch-open drain USB Regulator USB Regulator USB Regulator (at HOLD mode) USB Regulator (at HALT mode) 00000h 0FE00h USE NONUSE USE NONUSE USE NONUSE 1 bit Nch-open drain CMOS Option Selection
No.A1220-11/29
LC87F1D64A
Power Pin Treatment
Connect the IC as shown below to minimize the noise input to the VDD1 pin. Be sure to electrically short the VSS1, VSS2, and VSS3 pins. Example 1: When the microcontroller is in the backup state in the HOLD mode, the power to sustain the high level of output ports is supplied by their backup capacitors.
LSI Power supply For backup VDD1 VDD2 VDD3
VSS1 VSS2 VSS3
Example 2: The high level output at ports is not sustained and unstable in the HOLD backup mode.
LSI For backup Power supply VDD1
VDD2 VDD3
VSS1 VSS2 VSS3
No.A1220-12/29
LC87F1D64A
USB Reference Power Option
When a voltage 4.5 to 5.5V is supplied to VDD1 and the internal USB reference voltage circuit is activated, the reference voltage for USB port output is generated. The active/inactive state of reference voltage circuit can be switched by the option select. The procedure for marking the option selection is described below.
(1) Option select USB Regulator USB Regulator at HOLD mode USB Regulator at HALT mode Reference voltage circuit state Normal state HOLD mode HALT mode USE USE USE active active active (2) USE NONUSE NONUSE active inactive inactive (3) USE NONUSE USE active inactive active (4) NONUSE NONUSE NONUSE inactive inactive inactive
* When the USB reference voltage circuit is made inactive, the level of the reference voltage for USB port output is equal to VDD1. * Selection (2) or (3) can be used to set the reference voltage circuit inactive in HOLD or HALT mode. * When the reference voltage circuit is activated, the current drain increase by approximately 100A compared with when the reference voltage circuit is inactive. Example 1: VDD1=VDD2=3.3V * Inactivating the reference voltage circuit (selection (4)). * Connecting VDD3 to VDD1 and VDD2.
LSI P70/P27 1.5k D+ 27 to 33 VDD2 VDD3 D5pF 0 *1: It is necessary to adjust the value with the IC mounted on the board. VSS1 VSS2 VSS3 2.2F To USB connector
Power supply 3.3V
VDD1
2.2F
*1
UFILT
Example 2: VDD1=VDD2=5.0V * Activating the reference voltage circuit (selection (1)). * Isolating VDD3 from VDD1 and VDD2, and connecting capacitor between VDD3 and VSS.
LSI P70/P27 1.5k Power supply 5V VDD1 D+ DVDD2 5pF 2.2F 0.1F VSS1 VSS2 VSS3 2.2F VDD3 UFILT 0 27 to 33 To USB connector
No.A1220-13/29
LC87F1D64A
Absolute Maximum Ratings at Ta = 25C, VSS1 = VSS2 = VSS3 = 0V
Parameter Maximum supply voltage Input voltage Input/output voltage Peak output current IOPH(2) IOPH(3) PWM0, PWM1 Port 3 P71 to P73 Average output current (Note 1-1) IOMH(2) IOMH(3) PWM0, PWM1 Port 3 P71 to P73 Total output current IOAH(1) IOAH(2) IOAH(3) IOAH(4) IOAH(5) Peak output current IOPL(2) IOPL(3) Low level output current Average output current (Note 1-1) IOML(2) IOML(3) Total output current IOAL(1) IOAL(2) IOAL(3) IOAL(4) IOAL(5) Allowable power Dissipation Operating ambient Temperature Storage ambient temperature Tstg Topr -30 -55 Pd max IOML(1) IOPL(1) Ports 0, 2 Port 1 PWM0, PWM1 Ports 0, 1, 2 PWM0, PWM1 Port 3 P71 to P73 D+, DP02 to P07 Ports 1, 2 PWM0, PWM1 P00, P01 Ports 3, 7, XT2 P02 to P07 Ports 1, 2 PWM0, PWM1 P00, P01 Ports 3, 7, XT2 Ports 0, 2 Port 1 PWM0, PWM1 Ports 0, 1, 2 PWM0, PWM1 Ports 3, 7, XT2 D+, DTQFP48J(7x7) Total of all applicable pins Total of all applicable pins Ta=-30 to +70C Total of all applicable pins Per 1 applicable pin Per 1 applicable pin Total of all applicable pins Total of all applicable pins 20 7.5 45 45 80 15 25 190 +70 C +125 mW Per 1 applicable pin Per 1 applicable pin Per 1 applicable pin 15 30 10 Total of all applicable pins Per 1 applicable pin 20 Total of all applicable pins Total of all applicable pins IOMH(1) Ports 0, 1, 2 IOPH(1) VI(1) VIO(1) XT1, CF1 Ports 0, 1, 2, 3, 7 PWM0, PWM1, XT2 Ports 0, 1, 2 * When CMOS output type is selected * Per 1 applicable pin Per 1 applicable pin * When CMOS output type is selected * Per 1 applicable pin High level output current * When CMOS output type is selected * Per 1 applicable pin Per 1 applicable pin * When CMOS output type is selected * Per 1 applicable pin Total of all applicable pins Total of all applicable pins -25 -25 -45 -10 -25 mA -3 -15 -7.5 -5 -20 -10 Symbol VDD max Pin/Remarks VDD1, VDD2, VDD3 Conditions VDD[V] VDD1=VDD2=VDD3 min -0.3 -0.3 -0.3 Specification typ max +6.5 VDD+0.3 VDD+0.3 V unit
Note 1-1: The mean output current is a mean value measured over 100ms.
No.A1220-14/29
LC87F1D64A
Allowable Operating Conditions at Ta = -30C to +70C, VSS1 = VSS2 = VSS3 = 0V
Parameter Operating supply voltage (Note 2-1) Symbol VDD(1) Pin/Remarks VDD1=VDD2=VDD3 Conditions VDD[V] 0.183stCYC200s 0.183stCYC0.383s USB circuit active 0.367stCYC200s Except for onboard programming Memory sustaining supply voltage High level input voltage VIH(1) Ports 0, 1, 2, 3 P71 to P73 P70 port input/ interrupt side PWM0, PWM1 VIH(2) VIH(3) Low level input voltage VIL(2) VIL(3) VIL(4) VIL(5) VIL(6) Instruction cycle time (Note 2-2) tCYC USB circuit active Except for onboard programming External system clock frequency FEXCF(1) CF1 * CF2 pin open * System clock frequency division ratio=1/1 * External system clock duty =505% * CF2 pin open * System clock frequency division ratio=1/1 * External system clock duty =505% Oscillation frequency range (Note 2-3) FmRC FmSLRC FsX'tal XT1, XT2 FmCF(2) CF1, CF2 FmCF(1) CF1, CF2 16MHz ceramic oscillation See Fig. 1. 8MHz ceramic oscillation See Fig. 1. Internal RC oscillation Internal low-speed RC oscillation 32.768kHz crystal oscillation See Fig. 2. 3.0 to 5.5 2.7 to 5.5 2.7 to 5.5 2.7 to 5.5 2.7 to 5.5 0.3 15 16 8 1.0 30 32.768 2.0 60 kHz MHz 2.7 to 5.5 0.1 8 MHz 3.0 to 5.5 0.1 16 Port 70 watchdog timer side XT1, XT2, CF1, RES VIL(1) Port 70 watchdog timer side XT1, XT2, CF1, RES Ports 1, 2,3 P71 to P73 P70 port input/ interrupt side Port 0 PWM0, PWM1 V 2.7 to 5.5 2.7 to 5.5 4.0 to 5.5 2.7 to 4.0 4.0 to 5.5 2.7 to 4.0 2.7 to 5.5 2.7 to 5.5 3.0 to 5.5 3.0 to 5.5 2.7 to 5.5 0.9VDD 0.75VDD VSS VSS VSS VSS VSS VSS 0.183 0.183 0.367 VDD VDD 0.1VDD +0.4 0.2VDD 0.15VDD +0.4 0.2VDD 0.8VDD -1.0 0.25VDD 200 0.383 200 s 2.7 to 5.5 0.3VDD +0.7 VDD VHD VDD1=VDD2=VDD3 RAM and register contents sustained in HOLD mode. 2.0 5.5 min 3.0 3.0 2.7 Specification typ max 5.5 5.5 5.5 unit
Note 2-1: VDD must be held greater than or equal to 3.0V in the flash ROM onboard programming mode. Note 2-2: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at a division ratio of 1/2. Note 2-3: See Tables 1 and 2 for the oscillation constants.
No.A1220-15/29
LC87F1D64A
Electrical Characteristics at Ta = -30C to +70C, VSS1 = VSS2 = VSS3 = 0V
Parameter High level input current Symbol IIH(1) Pin/Remarks Ports 0, 1, 2, 3 Port 7 RES PWM0, PWM1 D+, DIIH(2) IIH(3) Low level input current IIL(1) XT1, XT2 Conditions VDD[V] Output disabled Pull-up resistor off VIN=VDD (Including output Tr's off leakage current) For input port specification VIN=VDD CF1 Ports 0, 1, 2, 3 Port 7 RES PWM0, PWM1 D+, DIIL(2) IIL(3) High level output voltage VOH(1) VOH(2) VOH(3) VOH(4) VOH(5) VOH(6) Low level output voltage VOL(1) VOL(2) VOL(3) VOL(4) VOL(5) VOL(6) VOL(7) VOL(8) Pull-up resistance Rpu(1) Rpu(2) Hysteresis voltage Pin capacitance VHYS CP Ports 0, 1, 2, 3 Port 7 RES Ports 1, 2, 3, 7 All pins For pins other than that under test: VIN=VSS f=1MHz Ta=25C 2.7 to 5.5 10 pF Ports 0, 1, 2 PWM0, PWM1 XT2 Ports 3, 7 PWM0, PWM1 P05 (CK0 when using system clock output function) P00, P01 XT1, XT2 CF1 Ports 0, 1, 2, 3 P71 to P73 VIN=VDD Output disabled Pull-up resistor off VIN=VSS (Including output Tr's off leakage current) For input port specification VIN=VSS VIN=VSS IOH=-1mA IOH=-0.4mA IOH=-0.2mA IOH=-10mA IOH=-1.6mA IOH=-1mA IOL=30mA IOL=5mA IOL=2.5mA IOL=10mA IOL=1.6mA IOL=1mA IOL=1.6mA IOL=1mA VOH=0.9VDD 2.7 to 5.5 2.7 to 5.5 4.5 to 5.5 3.0 to 5.5 2.7 to 5.5 4.5 to 5.5 3.0 to 5.5 2.7 to 5.5 4.5 to 5.5 3.0 to 5.5 2.7 to 5.5 4.5 to 5.5 3.0 to 5.5 2.7 to 5.5 3.0 to 5.5 2.7 to 5.5 4.5 to 5.5 2.7 to 5.5 2.7 to 5.5 15 18 35 50 0.1VDD -1 -15 VDD-1 VDD-0.4 VDD-0.4 VDD-1.5 VDD-0.4 VDD-0.4 1.5 0.4 0.4 1.5 0.4 0.4 0.4 0.4 80 150 V k V 2.7 to 5.5 -1 2.7 to 5.5 2.7 to 5.5 1 15 A 2.7 to 5.5 1 min Specification typ max unit
No.A1220-16/29
LC87F1D64A
Serial I/O Characteristics at Ta = -30C to +70C, VSS1 = VSS2 = VSS3 = 0V
1. SIO0 Serial I/O Characteristics (Note 4-1-1)
Parameter Frequency Low level pulse width High level pulse width tSCKHA(1a) * Continuous data transmission/ reception mode * USB nor SIO4 are not in use simultaneous. * See Fig.8. Input clock * (Note 4-1-2) tSCKHA(1b) * Continuous data transmission/reception mode * USB is in use simultaneous. * SIO4 is not in use simultaneous. * See Fig.8. * (Note 4-1-2) tSCKHA(1c) * Continuous data transmission/ reception mode * USB and SIO4 are in use simultaneous. Serial clock * See Fig.8. * (Note 4-1-2) Frequency Low level pulse width High level pulse width tSCKHA(2a) * Continuous data transmission/ reception mode * USB nor SIO4 are not in use simultaneous. Output clock * CMOS output selected * See Fig.8. tSCKHA(2b) * Continuous data transmission/ reception mode * USB is in use simultaneous. * SIO4 is not in use simultaneous. * CMOS output selected * See Fig.8. tSCKHA(2c) * Continuous data transmission/ reception mode * USB and SIO4 are in use simultaneous. * CMOS output selected * See Fig.8. tSCKH(2) +2tCYC tSCKH(2) +(25/3) tCYC tSCKH(2) +2tCYC tSCKH(2) +(19/3) tCYC tCYC 2.7 to 5.5 tSCKH(2) +2tCYC tSCKH(2) +(10/3) tCYC tSCKH(2) tSCK(2) tSCKL(2) SCK0(P12) * CMOS output selected * See Fig.8. 4/3 1/2 tSCK 1/2 9 7 2.7 to 5.5 tCYC 4 tSCKH(1) Symbol tSCK(1) tSCKL(1) Pin/Remarks SCK0(P12) See Fig.8. Conditions VDD[V] min 2 1 1 Specification typ max unit
Note 4-1-1: These specifications are theoretical values. Add margin depending on its use. Note 4-1-2: To use serial-clock-input in continuous trans/rec mode, a time from SI0RUN being set when serial clock is "H" to the first negative edge of the serial clock must be longer than tSCKHA.
Continued on next page.
No.A1220-17/29
LC87F1D64A
Continued from preceding page.
Parameter Data setup time Serial input Symbol tsDI(1) Pin/Remarks SB0(P11), SI0(P11) Data hold time thDI(1) 2.7 to 5.5 Output delay Input clock time tdD0(2) tdD0(1) SO0(P10), SB0(P11) * Continuous data transmission/reception mode * (Note 4-1-3) * Synchronous 8-bit mode * (Note 4-1-3) tdD0(3) (Note 4-1-3) 2.7 to 5.5 (1/3)tCYC +0.05 2.7 to 5.5 2.7 to 5.5 0.03 Conditions VDD[V] * Must be specified with respect to rising edge of SIOCLK. * See Fig.8. 2.7 to 5.5 0.03 min Specification typ max unit
(1/3)tCYC +0.05 1tCYC +0.05 s
Serial output
Note 4-1-3: Must be specified with respect to falling edge of SIOCLK. Must be specified as the time to the beginning of output state change in open drain output mode. See Fig.8. 2. SIO1 Serial I/O Characteristics (Note 4-2-1)
Parameter Frequency Input clock Low level pulse width High level pulse width Frequency Output clock Low level pulse width High level pulse width Data setup time Serial input tsDI(2) SB1(P14), SI1(P14) Data hold time thDI(2) * Must be specified with respect to rising edge of SIOCLK. * See Fig.8. 2.7 to 5.5 Output delay time Serial output tdD0(4) SO1(P13), SB1(P14) * Must be specified with respect to falling edge of SIOCLK. * Must be specified as the time to the beginning of output state change in open drain output mode. * See Fig.8. 2.7 to 5.5 (1/3)tCYC +0.05 0.03 2.7 to 5.5 0.03 tSCKH(4) 1/2 tSCK(4) tSCKL(4) 2.7 to 5.5 SCK1(P15) * CMOS output selected * See Fig.8. tSCKH(3) Symbol tSCK(3) tSCKL(3) Pin/Remarks SCK1(P15) See Fig.8. Conditions VDD[V] min 2 2.7 to 5.5 1 tCYC 1 2 1/2 tSCK Specification typ max unit
Serial clock
Output clock
s
Note 4-2-1: These specifications are theoretical values. Add margin depending on its use.
No.A1220-18/29
LC87F1D64A
3. SIO4 Serial I/O Characteristics (Note 4-3-1)
Parameter Frequency Low level pulse width High level pulse width tSCKH(5) tSCKHA(5a) * USB nor continuous data transmission/reception mode Of SIO0 are not in use simultaneous. * See Fig.8. Input clock * (Note 4-3-2) tSCKHA(5b) * USB is in use simultaneous. * Continuous data transmission/ reception mode of SIO0 is not in use simultaneous. * See Fig.8. * (Note 4-3-2) tSCKHA(5c) * USB and continuous data transmission/ reception mode of SIO0 are in use simultaneous. Serial clock * See Fig.8. * (Note 4-3-2) Frequency Low level pulse width High level pulse width tSCKHA(6a) * USB nor continuous data transmission/reception mode of SIO0 are not in use simultaneous. Output clock * CMOS output selected * See Fig.8. tSCKHA(6b) * USB is in use simultaneous. * Continuous data transmission/ reception mode of SIO0 is not in use simultaneous. * CMOS output selected * See Fig.8. tSCKHA(6c) * USB and continuous data transmission/reception mode of SIO0 are in use simultaneous. * CMOS output selected * See Fig.8. Data setup time Serial input tsDI(3) SO4(P22), SI4(P23) Data hold time thDI(3) 2.7 to 5.5 Output delay time Serial output tdD0(5) SO4(P22), SI4(P23) * Must be specified with respect to rising edge of SIOCLK. * Must be specified as the time to the beginning of output state change in open drain output mode. * See Fig.8. 2.7 to 5.5 (1/3)tCYC +0.05 s 0.03 * Must be specified with respect to rising edge of SIOCLK. * See Fig.8. 2.7 to 5.5 0.03 s tSCKH(6) +(5/3) tCYC tSCKH(6) +(28/3) tCYC 2.7 to 5.5 tSCKH(6) +(5/3) tCYC tSCKH(6) +(19/3) tCYC tCYC tSCKH(6) +(5/3) tCYC tSCKH(6) +(10/3) tCYC tSCKH(6) tSCK(6) tSCKL(6) SCK4(P24) * CMOS output selected * See Fig.8. 1/2 tSCK 1/2 4/3 10 7 2.7 to 5.5 tCYC 4 Symbol tSCK(5) tSCKL(5) Pin/ Remarks SCK4(P24) See Fig.8. Conditions VDD[V] min 2 1 1 Specification typ max unit
Note 4-3-1: These specifications are theoretical values. Add margin depending on its use. Note 4-3-2: To use serial-clock-input in continuous trans/rec mode, a time from SI4RUN being set when serial clock is "H" to the first negative edge of the serial clock must be longer than tSCKHA.
No.A1220-19/29
LC87F1D64A
Pulse Input Conditions at Ta = -30C to +70C, VSS1 = VSS2 = VSS3 = 0V
Parameter High/low level pulse width Symbol tP1H(1) tP1L(1) Pin/Remarks INT0(P70), INT1(P71), INT2(P72), INT4(P20 to P23), INT5(P24 to P27) tPIH(2) tPIL(2) tPIH(3) tPIL(3) tPIH(4) tPIL(4) tPIL(5) tPIL(6) INT3(P73) when noise filter time constant is 1/1 INT3(P73) when noise filter time constant is 1/32 INT3(P73) when noise filter time constant is 1/128 RMIN(P73) RES * Interrupt source flag can be set. * Event inputs for timer 0 are enabled. * Interrupt source flag can be set. * Event inputs for timer 0 are enabled. * Interrupt source flag can be set. * Event inputs for timer 0 are enabled. Recognized by the infrared remote control receiver circuit as a signal Resetting is enabled. 2.7 to 5.5 2.7 to 5.5 4 200 RMCK (Note 5-1) s 2.7 to 5.5 256 2.7 to 5.5 64 2.7 to 5.5 2 tCYC Conditions VDD[V] * Interrupt source flag can be set. * Event inputs for timer 0 or 1 are enabled. 2.7 to 5.5 1 min Specification typ max unit
Note 5-1: Represents the period of the reference clock (1 tCYC to 128 tCYC or the source frequency of the subclock) for the infrared remote control receiver circuit.
No.A1220-20/29
LC87F1D64A
AD Converter Characteristics at Ta= -30C to +70C, VSS1 = VSS2 = VSS3 = 0V
<12-bits AD Converter Mode>
Parameter Resolution Absolute accuracy Conversion time Symbol N ET TCAD Pin/Remarks AN0(P00) to AN7(P07) AN8(P70) AN9(P71) AN10(XT1) AN11(XT2) Analog input voltage range Analog port input current IAINH IAINL VAIN=VDD VAIN=VSS VAIN (Note 6-1) See conversion time calculation formulas. (Note 6-2) AD division ratio=1/16 Conditions VDD[V] 3.0 to 5.5 3.0 to 5.5 4.0 to 5.5 3.0 to 5.5 3.0 to 5.5 3.0 to 5.5 3.0 to 5.5 3.0 to 5.5 -1 32 64 50 VSS min Specification typ 12 16 115 115 115 VDD 1 V A s max unit bit LSB
<8-bits AD Converter Mode>
Parameter Resolution Absolute accuracy Conversion time Symbol N ET TCAD Pin/Remarks AN0(P00) to AN7(P07) AN8(P70) AN9(P71) AN10(XT1) AN11(XT2) Analog input voltage range Analog port input current IAINH IAINL VAIN=VDD VAIN=VSS VAIN AD division ratio=1/16 (Note 6-1) See conversion time calculation formulas. (Note 6-2) Conditions VDD[V] 3.0 to 5.5 3.0 to 5.5 4.0 to 5.5 3.0 to 5.5 3.0 to 5.5 3.0 to 5.5 3.0 to 5.5 3.0 to 5.5 -1 20 40 31 VSS min Specification typ 8 1.5 90 90 90 VDD 1 V A s max unit bit LSB
12-bits AD Converter Mode: TCAD (Conversion time) = ((52/(AD division ratio))+2) x (1/3) x tCYC 8-bits AD Converter Mode: TCAD (Conversion time) = ((32/(AD division ratio))+2) x (1/3) x tCYC
External oscillator FmCF[MHz] 16 12 Supply Voltage Range VDD[V] 3.0 to 5.5 4.0 to 5.5 3.0 to 5.5 8 4.0 to 5.5 3.0 to 5.5 System Clock Division (SYSDIV) 1/1 1/1 1/1 1/1 1/1 Cycle Time tCYC [ns] 187.5 250 250 375 375 AD Frequency Division Ratio (ADDIV) 1/16 1/8 1/16 1/8 1/16 12-bit AD 52.125 34.8 69.5 52.25 104.25 8-bit AD 32.125 21.5 42.8 32.25 64.25 Conversion Time (TCAD)[s]
Note 6-1: The quantization error (1/2LSB) must be excluded from the absolute accuracy. The absolute accuracy must be measured in the microcontroller's state in which no I/O operations occur at the pins adjacent to the analog input channel. Note 6-2: The conversion time refers to the period from the time an instruction for starting a conversion process till the time the conversion results register(s) are loaded with a complete digital conversion value corresponding to the analog input value. The conversion time is 2 times the normal-time conversion time when: * The first AD conversion is performed in the 12-bit AD conversion mode after a system reset. * The first AD conversion is performed after the AD conversion mode is switched from 8-bit to 12-bit conversion mode.
No.A1220-21/29
LC87F1D64A
Consumption Current Characteristics at Ta = -30C to +70C, VSS1 = VSS2 = VSS3 = 0V
Parameter Normal mode consumption current (Note 7-1) IDDOP(2) Symbol IDDOP(1) Pin/ Remarks VDD1 =VDD2 =VDD3 Conditions VDD[V] * FmCF=12MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 12MHz side * Internal PLL oscillation stopped * Internal RC oscillation stopped * USB circuit stopped * 1/1 frequency division ration IDDOP(3) * FmCF=16MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 16MHz side IDDOP(4) * Internal PLL oscillation stopped * Internal RC oscillation stopped * USB circuit stopped * 1/1 frequency division ration IDDOP(5) * FmCF=12MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 12MHz side IDDOP(6) * Internal PLL oscillation mode * Internal RC oscillation stopped * USB circuit active * 1/1 frequency division ration IDDOP(7) * FmCF=16MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 16MHz side IDDOP(8) * Internal PLL oscillation mode * Internal RC oscillation stopped * USB circuit active * 1/1 frequency division ration IDDOP(9) IDDOP(10) IDDOP(11) IDDOP(12) IDDOP(13) IDDOP(14) IDDOP(15) IDDOP(16) IDDOP(17) IDDOP(18) IDDOP(19) IDDOP(20) HALT mode consumption current (Note 7-1) IDDHALT(2) IDDHALT(1) VDD1 =VDD2 =VDD3 * FmCF=12MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 6MHz side * Internal RC oscillation stopped * 1/2 frequency division ration * FmCF=16MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 8MHz side * Internal RC oscillation stopped * 1/2 frequency division ration * FmCF=0MHz (oscillation stopped) * FsX'tal=32.768kHz crystal oscillation mode * System clock set to internal RC oscillation * 1/2 frequency division ration * FmCF=0MHz (oscillation stopped) * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 32.768kHz side * Internal RC oscillation stopped * 1/2 frequency division ration * HALT mode * FmCF=12MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 12MHz side * Internal PLL oscillation stopped * Internal RC oscillation stopped * USB circuit stopped * 1/1 frequency division ration 3.0 to 3.6 2.6 6.3 4.5 to 5.5 4.9 12 mA 2.7 to 3.0 14 63 3.0 to 3.6 18 86 A 2.7 to 3.0 4.5 to 5.5 0.37 45 1.5 174 2.7 to 3.0 4.5 to 5.5 3.0 to 3.6 4.0 0.73 0.43 9.2 3.5 1.9 3.0 to 3.6 4.7 12 2.7 to 3.0 4.5 to 5.5 3.5 8.2 7.9 20 3.0 to 3.6 4.1 9.7 4.5 to 5.5 6.8 16 3.0 to 3.6 8.8 22 4.5 to 5.5 16 40 3.0 to 3.6 7.7 19 mA 4.5 to 5.5 14 35 3.0 to 3.6 6.8 17 4.5 to 5.5 12 30 3.0 to 3.6 5.7 14 4.5 to 5.5 9.9 25 min Specification typ max unit
Note 7-1: The consumption current value includes none of the currents that flow into the output Tr and internal pull-up resistors.
Continued on next page.
No.A1220-22/29
LC87F1D64A
Continued from preceding page.
Parameter HALT mode consumption current (Note 7-1) IDDHALT(4) Symbol IDDHALT(3) Pin/ Remarks VDD1 =VDD2 =VDD3 * HALT mode * FmCF=16MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 16MHz side * Internal PLL oscillation stopped * Internal RC oscillation stopped * USB circuit stopped * 1/1 frequency division ration IDDHALT(5) * HALT mode * FmCF=12MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 12MHz side IDDHALT(6) * Internal PLL oscillation mode * Internal RC oscillation stopped * USB circuit active * 1/1 frequency division ration IDDHALT(7) * HALT mode * FmCF=16MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 16MHz side IDDHALT(8) * Internal PLL oscillation mode * Internal RC oscillation stopped * USB circuit active * 1/1 frequency division ration IDDHALT(9) IDDHALT(10) IDDHALT(11) IDDHALT(12) IDDHALT(13) IDDHALT(14) IDDHALT(15) IDDHALT(16) IDDHALT(17) IDDHALT(18) IDDHALT(19) IDDHALT(20) HOLD mode consumption current IDDHOLD(1) IDDHOLD(2) IDDHOLD(3) IDDHOLD(4) IDDHOLD(5) IDDHOLD(6) HOLD mode * Internal counter watchdog timer operation mode (internal low-speed RC oscillation circuit operation) * CF1=VDD or open (External clock mode) Timer HOLD mode consumption current IDDHOLD(7) IDDHOLD(8) IDDHOLD(9) VDD1 Timer HOLD mode * CF1=VDD or open (External clock mode) * FsX'tal=32.768kHz crystal oscillation mode 2.7 to 3.0 3.8 34 4.5 to 5.5 3.0 to 3.6 27 6.1 118 51 2.7 to 3.0 1.2 20 VDD1 * HALT mode * FmCF=12MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 6MHz side * Internal RC oscillation stopped * 1/2 frequency division ration * HALT mode * FmCF=16MHz ceramic oscillation mode * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 8MHz side * Internal RC oscillation stopped * 1/2 frequency division ration * HALT mode * FmCF=0MHz (oscillation stopped) * FsX'tal=32.768kHz crystal oscillation mode * System clock set to internal RC oscillation * 1/2 frequency division ration * HALT mode * FmCF=0MHz (oscillation stopped) * FsX'tal=32.768kHz crystal oscillation mode * System clock set to 32.768kHz side * Internal RC oscillation stopped * 1/2 frequency division ration HOLD mode * CF1=VDD or open (External clock mode) 2.7 to 3.0 4.5 to 5.5 3.0 to 3.6 2.7 to 3.0 4.5 to 5.5 3.0 to 3.6 6.0 0.08 0.03 0.02 2.9 1.4 40 30 18 15 38 23 A 2.7 to 3.0 4.5 to 5.5 3.0 to 3.6 0.16 32 8.8 0.69 134 60 3.0 to 3.6 0.20 0.93 2.7 to 3.0 4.5 to 5.5 1.5 0.41 3.5 2.0 2.7 to 3.0 4.5 to 5.5 3.0 to 3.6 1.3 3.5 1.9 2.9 8.6 4.6 4.5 to 5.5 3.0 to 3.6 3.0 1.6 7.2 3.8 3.0 to 3.6 5.0 13 mA 4.5 to 5.5 9.7 24 3.0 to 3.6 4.6 12 4.5 to 5.5 8.9 23 3.0 to 3.6 3.1 7.6 4.5 to 5.5 5.7 14 Conditions VDD[V] min Specification typ max unit
Note 7-1: The consumption current value includes none of the currents that flow into the output Tr and internal pull-up resistors.
No.A1220-23/29
LC87F1D64A
USB Characteristics and Timing at Ta = 0C to +70C, VSS1 = VSS2 = VSS3 = 0V
Parameter High level output Low level output Output signal crossover voltage Differential input sensitivity Differential input common mode range High level input Low level input USB data rise time USB data fall time Symbol VOH(USB) VOL(USB) VCRS VDI VCM VIH(USB) VIL(USB) tR tF * RS=27 to 33,CL=50pF * VDD3=3.0 to 3.6V * RS=27 to 33,CL=50pF * VDD3=3.0 to 3.6V 4 4 * |(D+)-(D-)| Conditions min * 15k5% to GND * 1.5k5% to 3.6 V 2.8 0.0 1.3 0.2 0.8 2.0 0.8 20 20 2.5 Specification typ max 3.6 0.3 2.0 unit V V V V V V V ns ns
F-ROM Programming Characteristics at Ta = +10C to +55C, VSS1 = VSS2= VSS3 =0V
Parameter Onboard programming current Programming time tFW(1) tFW(2) * Erase operation * Write operation 3.0 to 5.5 40 60 20 30 ms s Symbol IDDFW(1) Pin VDD1 Conditions VDD[V] * Excluding power dissipation in the microcontroller block 3.0 to 5.5 5 10 mA min Specification typ max unit
No.A1220-24/29
LC87F1D64A
Characteristics of a Sample Main System Clock Oscillation Circuit
Given below are the characteristics of a sample main system clock oscillation circuit that are measured using a SANYO-designated oscillation characteristics evaluation board and external components with circuit constant values with which the oscillator vendor confirmed normal and stable oscillation. Table 1 Characteristics of a Sample Main System Clock Oscillator Circuit with a Ceramic Oscillator at Ta = 0C to +70C
Nominal Frequency 8MHz 12MHz 16MHz Vendor Name MURATA MURATA MURATA Circuit Constant Oscillator Name C1 [pF] CSTCE8M00G15L**-R0 CSTCE12M0G15L**-R0 CSTCE16M0V13L**-R0 (33) (33) (15) C2 [pF] (33) (33) (15) Rd1 [] 680 470 330 Operating Voltage Range [V] 2.7 to 5.5 3.0 to 5.5 3.0 to 5.5 Oscillation Stabilization Time typ [ms] 0.1 0.1 0.05 max [ms] 0.5 0.5 0.25 C1 and C2 integrated SMD type Remarks
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized in the following cases (see Figure 4): * Till the oscillation gets stabilized after VDD goes above the operating voltage lower limit. * Till the oscillation gets stabilized after the instruction for starting the main clock oscillation circuit is executed * Till the oscillation gets stabilized after the HOLD mode is reset. * Till the oscillation gets stabilized after the X'tal HOLD mode is reset with CFSTOP (OCR register, bit 0) set to 0
Characteristics of a Sample Subsystem Clock Oscillator Circuit
Given below are the characteristics of a sample subsystem clock oscillation circuit that are measured using a SANYOdesignated oscillation characteristics evaluation board and external components with circuit constant values with which the oscillator vendor confirmed normal and stable oscillation. Table 2 Characteristics of a Sample Subsystem Clock Oscillator Circuit with a Crystal Oscillator
Nominal Frequency Vendor Name Circuit Constant Oscillator Name C3 [pF] 32.768kHz EPSON TOYOCOM MC-306 18 C4 [pF] 18 Rf [] OPEN Rd2 [] 560k Operating Voltage Range [V] 2.7 to 5.0 Oscillation Stabilization Time typ [s] 1.1 max [s] Applicable 3.0 CL value=12.5pF SMD type Remarks
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized in the following cases (see Figure 4): * Till the oscillation gets stabilized after the instruction for starting the subclock oscillation circuit is executed * Till the oscillation gets stabilized after the HOLD mode is reset with EXTOSC (OCR register, bit 6) set to 1 Note: The components that are involved in oscillation should be placed as close to the IC and to one another as possible because they are vulnerable to the influences of the circuit pattern.
CF1
CF2
XT1
XT2
Rd1
Rf
Rd2
C1
CF
C2
C3 X'tal
C4
Figure 1 CF Oscillator Circuit
Figure 2 XT Oscillator Circuit
No.A1220-25/29
LC87F1D64A
0.5VDD
Figure 3 AC Timing Measurement Point
VDD Power Supply Reset time Operating VDD lower limit GND
RES
Internal RC oscillation tmsCF
CF1, CF2 tmsX'tal XT1, XT2
Operating mode
Unpredictable
Reset
Instruction execution
Reset Time and Oscillation Stabilization Time
HOLD reset signal
HOLD reset signal valid
Internal RC oscillation tmsCF
CF1, CF2 tmsX'tal
XT1, XT2
Operating mode
HOLD
HALT
HOLD Reset Signal and Oscillation Stabilization Time Figure 4 Oscillation Stabilization Time
No.A1220-26/29
LC87F1D64A
P34/UFILT
Rd 0 + Cd 2.2F
When using the internal PLL circuit to generate the 48MHz clock for USB , it is necessary to connect a filter circuit such as that shown to the left to the P34/UFILT pin.
Figure 5 External Filter Circuit for the Internal USB-dedicated PLL Circuit
VD3OEN/ VD3OEN2 P70/ P27 1.5k
D+ 27 to 33 5pF
Note: It's necessary to adjust the Circuit Constant of the USB Port Peripheral Circuit each mounting board. Make the D+ Pull-up resistors available to control on/off according to the Vbus.
D27 to 33 5pF
Figure 6 USB Port Peripheral Circuit
VDD
RRES
RES CRES
Note: Determine the value of CRES and RRES so that the reset signal is present for a period of 200s after the supply voltage goes beyond the lower limit of the IC's operating voltage.
Figure 7 Reset Circuit
No.A1220-27/29
LC87F1D64A
SIOCLK:
DATAIN:
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
DI8
DATAOUT:
DO0
DO1
DO2
DO3
DO4
DO5
DO6
DO7 Data RAM transfer period (SIO0, 4 only)
DO8
tSCK tSCKL SIOCLK: tsDI DATAIN: tdDO DATAOUT: thDI tSCKH
Data RAM transfer period (SIO0, 4 only)
tSCKL SIOCLK: tsDI DATAIN: tdDO DATAOUT: thDI
tSCKHA
Figure 8 Serial I/O Waveforms
tPIL
tPIH
Figure 9 Pulse Input Timing Signal Waveform
Voh Vcrs
D+
tr 90% 10% 90%
tr
10%
Vol
D-
Figure 10 USB Data Signal Timing and Voltage Level
No.A1220-28/29
LC87F1D64A
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of May, 2008. Specifications and information herein are subject to change without notice.
PS No.A1220-29/29


▲Up To Search▲   

 
Price & Availability of LC87F1D64A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X