Part Number Hot Search : 
SC1062A 56F8011 SK1260C C1909 TC4422CP MM1571G 00001 2SK444
Product Description
Full Text Search
 

To Download KT03EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KT
SPECIFICATIONS
Electrical Ratings Electrical Life Contact Resistance Actuation Force Actuator Travel Dielectric Strength Insulation Resistance Operating Temperature Storage Temperature Switch: 25mA @ 24VDC Carry: 100mA @ 24VDC 2,000 cycles typical < 25 m initial 600 gF max 0.90 mm 500Vrms min > 100M min -40C to 85C -40C to 85C
.100" Pitch Low Profile DIP Switch
MATERIALS RoHS COMPLIANT
Actuator Cover Housing Contacts Terminals Nylon, UL94V-0, White Nylon, UL94V-0, Black Nylon, UL94V-0, Black Beryllium Copper, Gold over Nickel Plated Brass, Gold over Nickel Plated
ORDERING INFORMATION
Series: KT 08 R T KT Number of Positions: 02 = 2 positions 03 = 3 positions 04 = 4 positions 05 = 5 positions 06 = 6 positions 07 = 7 positions 08 = 8 positions 09 = 9 positions 10 = 10 positions 12 = 12 positions Actuator Height: E = Extended R = Recessed Tape Seal: Blank = No Tape Seal T = Tape Seal ** Not available with extended actuator Terminal Options: H = Straight S = Splayed
H
www.citswitch.com
page 121 phone - 763.535.2339 fax - 763.535.2194
KT
DIMENSIONS
Number of Positions 02 03 04 05 06 07 08 09 10 12 "A" mm 6.02 8.56 11.10 13.64 16.18 18.72 21.26 23.80 26.34 31.42 "B" mm 2.54 5.08 7.62 10.16 12.70 15.24 17.78 20.32 22.86 27.94
SCHEMATIC & PC LAYOUT
ACTUATOR OPTIONS
E ACTUATOR
R ACTUATOR
TERMINAL OPTIONS
H = STRAIGHT
S = SPLAYED
PACKAGING SPECIFICATIONS
All switches packaged in OFF position Tube packaging standard
www.citswitch.com
page 122 phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of KT03EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X