Part Number Hot Search : 
D0G6B5 MC74HC1 HF50ACB PD100 MAX6496 2N6287 DS751 D2N103LX
Product Description
Full Text Search
 

To Download JCJ1024D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
10 Watts JCJ10 Series
* * * * * * * 2:1 Input Range DIP-24 Metal Package
xppower.com
Operating Temperature -40 C to +100 C Single & Dual Outputs Continuous Short Circuit Protection 1500 VDC Isolation High Efficiency - Up to 90%
Specification
Input
* 12 V (9-18 VDC) 24 V (18-36 VDC 48 V (36-75 VDC) Input Current * See table Input Filter * Pi network Input Reflected Ripple * 20 mA pk-pk through 12 H inductor, 5 Hz to 20 MHz Input Surge * 12 V models 25 VDC for 100 ms 24 V models 50 VDC for 100 ms 48 V models 100 VDC for 100 ms Input Voltage Range
General
Efficiency Isolation * See tables * 1500 VDC Input to Output 1000 VDC Input to Case 1000 VDC Output to Case * 1000 pF max * 330 kHz typical * >1.1 MHrs to MIL-STD-217F
Isolation Capacitance Switching Frequency MTBF
Environmental
Operating Temperature * -40 C to +100 C, derate from 100% load at +60 C to no load at +100 C Case Temperature * +100 C max Storage Temperature * -40 C to +125 C Humidity * Up to 90%, non-condensing Cooling * Natural convection
Output
Output Voltage Output Voltage Balance Minimum Load Initial Set Accuracy Start Up Delay Start Up Rise Time Line Regulation Load Regulation Cross Regulation Transient Response Ripple & Noise * * * * * * * * * * * See table 1% max, dual output models No minimum load required 1% max <20 ms <10 ms 0.5% max 0.7% for 2.5-3.3 V models, 0.5% for all others, see note 2 5% on dual output models, see note 3 <3% max deviation, recovery to within 1% in 250 s for a 25% load change 85 mV pk-pk, 20 MHz BW, with 1 F ceramic capacitor, see note 4 >150% 2.5-3.3 V models: 3.9 V typical 5 V models: 6.2 V typical 12 V models: 15 V typical 15 V models: 18 V typical 12 V models: 15 V typical 15 V models: 18 V typical Trip & restart (hiccup) with auto recovery See tables
EMC
Emissions ESD Immunity Radiated Immunity EFT/Burst Surge Conducted Immunity Magnetic Field * See note 5. * EN55022 Class A conducted with external components - see application note * EN61000-4-2, 4 kV contact discharge Perf Criteria B * EN61000-4-3, 3 V/m Perf Criteria A * EN61000-4-4, level 3 Perf Criteria B* * EN61000-4-5, level 3 Perf Criteria B* * EN61000-4-6, 3 Vrms Perf Criteria A * EN61000-4-8, 1 A/m Perf Criteria A
Overload Protection * Overvoltage Protection *
Short Circuit Protection * Maximum Capacitive * Load Temperature * 0.02/C max Coefficient
DC-DC
Models and Ratings
Input Voltage Output Voltage
2.5 3.3 5.0 12.0 15.0 12.0 15.0 2.5 3.3 5.0 12.0 15.0 12.0 15.0 2.5 3.3 5.0 12.0 15.0 12.0 15.0 V V V V V V V V V V V V V V V V V V V V V
JCJ10
Output Current
3.000 3.000 2.000 0.833 0.667 0.416 0.333 3.000 3.000 2.000 0.833 0.667 0.416 0.333 3.000 3.000 2.000 0.833 0.667 0.416 0.333 A A A A A A A A A A A A A A A A A A A A A
Input Current(1) No Load Full Load
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA 0.79 1.01 0.99 0.98 0.96 0.98 0.97 0.38 0.50 0.48 0.49 0.49 0.49 0.47 0.19 0.25 0.24 0.25 0.24 0.25 0.25 A A A A A A A A A A A A A A A A A A A A A
Maximum Capacitive Load
2200 2200 2200 820 470 220 150 2200 2200 2200 820 470 220 150 2200 2200 2200 820 470 220 150 F F F F F F F F F F F F F F F F F F F F F
Efficiency
81% 84% 86% 87% 89% 87% 88% 84% 85% 89% 88% 88% 88% 90% 84% 85% 88% 87% 88% 87% 87%
Model Number
JCJ1012S2V5 JCJ1012S3V3 JCJ1012S05 JCJ1012S12 JCJ1012S15 JCJ1012D12 JCJ1012D15 JCJ1024S2V5 JCJ1024S3V3 JCJ1024S05 JCJ1024S12 JCJ1024S15 JCJ1024D12 JCJ1024D15 JCJ1048S2V5 JCJ1048S3V3 JCJ1048S05 JCJ1048S12 JCJ1048S15 JCJ1048D12 JCJ1048D15
9-18 V
18-36 V
36-75 V
Notes
1. Input current measured at nominal input voltage. 2. From 10% to 100% load. 3. When one output is set at 100% and the other varied between 25% and 100% load. 4. Measured with 20 MHz BW and 1 F ceramic capacitor across output rails. 5. External input capacitor required, Nippon Chemi-Con KY series, 220 F/100 V or equivalent.
Mechanical Details
All dimensions are in inches (mm) Weight: 0.04 lbs (20 g) approx. 24 Pin DIL Package - Nickel Coated Copper
1.25 (31.75) 0.08 (2.00) 0.90 (22.86)
Pin Connections Pin Single -Vin -Vin No Pin Not Connected +Vout -Vout +Vin +Vin Dual -Vin -Vin Common -Vout +Vout Common +Vin +Vin
9 11
12
3
2
0.60 (15.24)
0.80 (20.32)
DIA 0.02 (0.50)
23
Bottom View
22 16 14
3 9 11 14 16 22 23
0.10 (2.54)
0.40 (10.40) 0.12 (3.05) Min.
Notes: 1. Pin diameter: 0.02 0.002 (0.5 0.05) 2. Pin pitch tolerance: 0.014 (0.35) 3. Case Tolerance: 0.02 (0.5)
Application Notes
Derating Curve
100
+Vin +Vout
Input Filter
80 Load (%) 60
C1
L
DC/DC Converter
LOAD
40 20 0 -40 -20
-Vin -Vout
0
10
20 30 40 50 60 Ambient Temperature (C)
70
80
90
100
Model 12 V 24 V 48 V
L 12 H 12 H 12 H
C1 100 F, 100 V 100 F, 100 V 100 F, 100 V
27-Nov-08


▲Up To Search▲   

 
Price & Availability of JCJ1024D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X