Part Number Hot Search : 
P6SMB15A 11120 BAV70W 100J2 PE4149 NCE9926 09032 2A222
Product Description
Full Text Search
 

To Download IHB60S4805C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IHB60SC
60 Watt Single Output Half Brick DC/DC Converter
OBSOLETE PRODUCT
Contact factory for replacement model
RoHS Compliant 18 - 40 & 33 - 75V Input Range High Efficiency: 84% Typical 1500VDC Isolation Between Input and Output Operation to 100 C Baseplate Temperature 50 S Transient Recovery, 0-90% Load Step Primary & Secondary Remote On/Off Adjustable Output Voltage IHB60S Series Approved to UL/CUL 1950, EN60950
ISO9001
CERTIFIED
The IHB60SC series standard half-brick modules are designed for today's demanding industrial applications. Available in two wide range inputs, these isolated converters offer many features in the standard models. With a complement of safety agency approvals and low noise operations, the converters respond extremely fast to change in load conditions. Inherent in the design are very well-controlled output voltages and no need for minimum loading.
PRODUCT SELECTION CHART
MODEL IHB60S2403C IHB60S2405C IHB60S4803C IHB60S4805C INPUT VOLTAGE (VDC) 24 (18-40) 24 (18-40) 48 (33-75) 48 (33-75) RATED VOUT (VDC) 3.3 5.1 3.3 5.1 RATED MAXIMUM IOUT (A) 18 12 18 12
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration Continuous Baseplate Temperature Storage Temperature Input to Output Isolation +100C +125C 1500 VDC
EFFICIENCY vs TEMPERATURE
TCASE = +40C, nominal input voltage, nominal load, recommended external components applied, unless otherwise specified.
Change in Efficiency (%)
Case Temperature (C)
SPECIFICATIONS, ALL MODELS
Specifications are at TCASE = +40C nominal input voltage unless otherwise specified.
PARAMETER
Voltage Range IHB60S24XC Series IHB60S48XC Series Reflected Ripple Current Input Ripple Rejection Maximum Input Current IHB60S24XC Series IHB60S48XC Series No Load Power Dissipation Inrush Charge IHB60S24XC Series IHB60S48XC Series Quiescent Operating Current Primary On/Off Disabled Secondary On/Off Disabled
CONDITIONS
MIN
18 33
TYP
24 48 60
MAX
40 75 220
UNITS
VDC VDC mA dB A A W mC mC mA mA
INPUT
Peak - Peak DC to 1KHz Output Power = 60W VIN = 16V VIN = 30V POUT = 0, VIN, Min50
6 3 6 0.29 0.165 7.5 15 10 25
PARAMETER
ISOLATION Input to Output Input to Baseplate Resistance, Input - Output Capacitance, Input - Output Leakage Current GENERAL Set Point Accuracy Turn-on Time Remote On/Off Control Inputs Primary Sink Current-Logic Low Vlow Vhigh Secondary Sink Current-Logic Low Vlow Vhigh External Synchronization Input Frequency Pulse Width Source Impedence Input High Voltage Input Low Voltage Input Impedance Switching Frequency Weight TEMPERATURE Operation/Specification Storage Shutdown Thermal Inpedance
CONDITIONS
Peak Test
MIN
1500 1500 10
TYP
MAX
UNITS
VDC VDC M pF A, rms
VISO = 240VAC, 60Hz VIN = Nominal, IO=INom Within 1% of Nominal VOUT Open Collector/Drain VIN = VMAX
2000 180 1 5
3.5
% mSec
GENERAL
7 0.8 Open Collector 100 0.4 Open Collector 440 150 4 0 470 470 480 520 320 47 5 1 490 3 (85) +100 +125 +115 8.2
mA V
Open Collector/Drain A V
KHz nSec V V KHz oz (g) C C C C/W
Case Temperature -40 -55 +100 Case to Ambient
IHB60SC
REV A (RoHS)
04/2006
2
SPECIFICATIONS, ALL MODELS
Specifications are at TCASE = +40C nominal input voltage unless otherwise specified.
PARAMETER CONDITIONS
60 Watts Max IO Nom 0 DC to 20MHz*
VOUT
Min Nom 30 3.3 9.0 100 .02 Max 60 18.0 200 3.80 .05 UNITS W V A mV V %/C
IHB60SX03C** OUTPUT
Output Power Set Point Voltage Output Current, IOUT Output Ripple, p-p Output Adjust Range Output Temperature Drift Line Regulation
*
VIN, MinVINVIN, Max IO = IO, Nom Min Load to Rated Load Other Outputs Min Load 50 to 100% Load Step VOUT, 1% of VOUT, Nom VIN=NOM, IO=18A
3.15
Load Regulation Current Limit Inception Short-Circuit Current Transient Response Peak Deviation Settling Time Overvoltage Limit Efficiency
0.05 0.50 23 19 150 35 4.2 83 84
0.10 1.00 25 250 50 5.0
% % A A mV Sec V %
PARAMETER
CONDITIONS
60 Watts Max IO Nom
VOUT
Min Nom 30 5.1 6.0 100 .02 Max 60 12 200 5.50 .05 UNITS W V A mV V %/C
IHB60SX05C** OUTPUT
Output Power Set Point Voltage Output Current, IOUT Output Ripple, p-p Output Adjust Range Output Temperature Drift Line Regulation
0 DC to 20MHz*
*
VIN, MinVINVIN, Max IO = IO, Nom Min Load to Rated Load
4.60
Load Regulation Current Limit Inception Short-Circuit Current Transient Response Peak Deviation Settling Time Overvoltage Limit Efficiency
0.05 0.50 16.0 12.6 200 35 6.0 86 87
0.10 1.0 16.0 300 50 6.8
% % A A mV Sec V %
50 to 100% Load Step VOUT, 1% of VOUT, Nom VIN=NOM, IO=12A
*See Application Notes available on the web at www.murata-ps.com **X = Either 24 or 48
THROUGH-HOLE SOLDERING INFORMATION
These devices are intended for wave soldering or manual soldering. They are not intended to be subject to surface mount processes under any circumstances. The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of the device's plastic body will not be compromised and internal temperatures within the converter will not exceed 175C. Care should be taken to control manual soldering limits identical to that of wave soldering.
IHB60SC
REV A (RoHS)
04/2006
3
MECHANICAL
PIN SIDE DOWN SIDE VIEW
PIN CONNECTIONS
1 2 3 4 5 6 7 8 PRIMARY ON/OFF -VIN +VIN SYNC IN TRIM -VOUT +VOUT SECONDARY ON/OFF
PIN SIDE UP
NOTES: All dimensions are in inches (millimeters). PIN PLACEMENT TOLERANCE: 0.005" MECHANICAL TOLERANCE: 0.015" Marked with: specific model ordered, date code, job code. MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range, and good electrical properties under high humidity environments. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is matte tin 100 microinches min., over nickel, 40-80 microinches.
USA: Canada: UK:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2009 Murata Power Solutions, Inc.
France: Japan: China:
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com


▲Up To Search▲   

 
Price & Availability of IHB60S4805C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X