Part Number Hot Search : 
E001099 C1100H EL2140CN UPC831 PE3240 51164 AD9734 34063
Product Description
Full Text Search
 

To Download HD74HC4022FPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC4022
Octal Counters/Dividers
REJ03D0646-0200 (Previous ADE-205-532) Rev.2.00 Mar 30, 2006
Description
The HD74HC4022 is a four-stage Johnson octal counter with built-in code converter. High speed operation and spikefree outputs are obtained by use of a Johnson octal counter design. The eight decoded outputs are normally low, and go high only at their appropriate octal time period. The output changes occur on the positive-going edge of the clock pulse. This part can be used in frequency division application as well as octal counter or octal decode display applications.
Features
* High Speed Operation * High Output Current: Fanout of 10 LSTTL Loads * Wide Operating Voltage: VCC = 2 to 6 V * Low Input Current: 1 A max * Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) * Ordering Information
Part Name HD74HC4022P HD74HC4022FPEL HD74HC4022RPEL Package Type DILP-16 pin SOP-16 pin (JEITA) SOP-16 pin (JEDEC) Package Code (Previous Code) PRDP0016AE-B (DP-16FV) PRSP0016DH-B (FP-16DAV) Package Abbreviation P FP -- EL (2,000 pcs/reel) EL (2,500 pcs/reel) Taping Abbreviation (Quantity)
PRSP0016DG-A RP (FP-16DNV) Note: Please consult the sales office for the above package availability.
Function Table
Clock L X Clock Enable X H L X H X X X: Irrelevant n < 4 *** Carry = H n 4 *** Carry = L X Reset L L L L L L H Output n n n n+1 n n+1 n Q0
Rev.2.00 Mar 30, 2006 page 1 of 6
HD74HC4022
Pin Arrangement
Q1 Q0 Q2 Q5 Q6 NC Q3 GND 1 2 3 4 5 6 7 8 (Top view) Q3 Q0 Q2 Q5 Q6 Q1 R C CE Cout Q4 Q7 16 VCC 15 Reset 14 Clock 13 Clock enable
12 Cout 11 Q4 10 Q7 9 NC
Logic Diagram
D CK R Q Q
Q0 Q1 Q2
D CK R
Q Q
Q3 Q4
D CK R
Q Q
Q5 Q6 Q7
Clock enable Clock
D CK R
Q Q
Cout
Reset
Rev.2.00 Mar 30, 2006 page 2 of 6
HD74HC4022
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Symbol VCC VIN, VOUT IIK, IOK IOUT ICC or IGND PT Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 25 50 500 Unit V V mA mA mA mW
Storage temperature Tstg -65 to +150 C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time Note:
*1
Symbol VCC VIN, VOUT Ta tr , tf
Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500
Unit V V C ns
Conditions
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
0 to 400 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- Ta = 25C Typ Max -- -- -- -- -- -- 2.0 4.5 6.0 -- -- 0.0 0.0 0.0 -- -- -- -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.26 0.26 0.1 4.0 Ta = -40 to+85C Unit Min Max 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.13 5.63 -- -- -- -- -- -- -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 1.0 40 V Test Conditions
VIL
V
Output voltage
VOH
V
Vin = VIH or VIL IOH = -20 A
VOL
V
Vin = VIH or VIL
IOH = -4 mA IOH = -5.2 mA IOL = 20 A
Input current Quiescent supply current
Iin ICC
IOH = 4 mA IOH = 5.2 mA A Vin = VCC or GND A Vin = VCC or GND, Iout = 0 A
Rev.2.00 Mar 30, 2006 page 3 of 6
HD74HC4022
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25C Item Maximum clock frequency Propagation delay time Symbol VCC (V) fmax 2.0 4.5 6.0 tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Pulse width tw 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Hold time th 2.0 4.5 6.0 2.0 4.5 6.0 Output rise/fall time Input capacitance tTLH tTHL Cin 2.0 4.5 6.0 -- Min -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 80 16 14 50 10 9 75 15 13 75 15 13 -- -- -- -- Typ -- -- -- -- 19 -- -- 16 -- -- -- -- -- 13 -- -- 7 -- -- -- -- -- -- -- -- -3 -- -- -- -- 5 Max 6 31 36 230 46 39 230 46 39 230 46 39 230 46 39 -- -- -- -- -- -- -- -- -- -- -- -- 75 15 13 10 Ta = -40 to +85C Min -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 100 20 17 65 13 11 95 19 16 95 19 16 -- -- -- -- Max 5 27 31 290 58 49 290 58 49 290 58 49 290 58 49 -- -- -- -- -- -- -- -- -- -- -- -- 95 19 16 10 ns ns ns ns Clock to Cout ns Clock to Q Unit MHz Test Conditions
ns
Reset to Q
ns
Reset to Cout
Setup time
tsu
ns
Removal time
trem
ns
pF
Rev.2.00 Mar 30, 2006 page 4 of 6
HD74HC4022
Test Circuit
VCC VCC
CE
Output Q0 to Q7
Pulse Generator Zout = 50 Input Pulse Generator Zout = 50
See Function Table
Input
Clock Cout Reset
Output
CL = 50 pF
CL = 50 pF
Note : 1. CL includes probe and jig capacitance.
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
A1
A
E
Reference Symbol
Dimension in Millimeters
Min
e
bp
e1
c
( Ni/Pd/Au plating )
e1 D E A A1 bp b3 c e Z L
Nom Max 7.62 19.2 20.32 6.3 7.4 5.06
L
0.51 0.40 0.48 0.56 1.30 0.19 0.25 0.31 0 15 2.29 2.54 2.79 1.12 2.54
Rev.2.00 Mar 30, 2006 page 5 of 6
HD74HC4022
JEITA Package Code P-SOP16-5.5x10.06-1.27 RENESAS Code PRSP0016DH-B Previous Code FP-16DAV MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
8 bp x M L1
Reference Symbol
c
Dimension in Millimeters
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 10.06 10.5 5.50 0.00 0.10 0.20 2.20 0.34 0.40 0.46 0.15 0.20 0.25 0 8 7.50 7.80 8.00 1.27 0.12 0.15 0.80 0.50 0.70 0.90 1.15
JEITA Package Code P-SOP16-3.95x9.9-1.27
RENESAS Code PRSP0016DG-A
Previous Code FP-16DNV
*1
D 9
A
MASS[Typ.] 0.15g
F
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
E HE
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
c
8 bp x M L1
Reference Symbol
Dimension in Millimeters
A1
L
y
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 9.90 10.30 3.95 0.10 0.14 0.25 1.75 0.34 0.40 0.46 0.15 0.20 0.25 0 8 5.80 6.10 6.20 1.27 0.25 0.15 0.635 0.40 0.60 1.27 1.08
Rev.2.00 Mar 30, 2006 page 6 of 6
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74HC4022FPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X