Part Number Hot Search : 
BSS841 KBPC810 5N06E LT3680I 78L15 DAN212K 8T256160 CY7C149
Product Description
Full Text Search
 

To Download GOB96024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GOB96024
Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
Fuse protection Blown fuse indicators with microswitch Over temperature switches Fan loss detection circuit Snubber for SCR's protections Extractible stacks for easy field service
LINE VOLTAGE UP TO 690V DC OUTPUT CURRENT 2400A
GOB96024
Line to line voltage
690 V
Characteristic
IDC VINS (rms) DC output current Insulation voltage
Conditions
Value
2400 A 3000 V
THYRISTOR CHARACTERISTICS
VGT IGT dV/dt VRRM Gate trigger voltage Gate trigger current Critical rate of rise off-state voltage Blocking Voltage Tj = 25 C, VD = 5 V Tj = 25 C, VD = 5 V Tj= 125 C Tj = 125 C 3V 300 mA 1000 V/us 2200 V
FUSE TYPE 12x 2078132.700
VNF INF PVF It Rated voltage Rated current Power loss Total I2t At rated current At 1000V 1250 V 700 A 131 W
2 640 kA s
MECHANICAL AND THERMAL CHARACTERISTICS
Width Depth Height Mass Ta max Tstg Max amb. op. Temp. Storage temperature 642 mm 427 mm 1330 mm 260 kg 40 C -40/60 C
Document GOB96024T001
THREE PHASE AC-DC BRIDGE
GOB96024
A
A
B
B
The part numbering system is reported at the beginning of the Open Assembly section. Customisations are available on request. Please contact factory.
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without
notice.
Document GOB96024T001
THREE PHASE AC-DC BRIDGE
GOB96024
+
F1
F2
F3
FSW1
TH1 K1 G1 T1 T1 K1 G1 T2 K2 G2 T2 K2 G2 T3 K3 G3 T3 K3 G3 FSW3 U V W FSW4 TH2 FSW2
K4 G4 T4 T4 K4 G4 T5
K5 G5 T5 K5 G5 T6
K6 G6 T6 K6 G6 TH3
FSW5
FSW6 F4 F5 F6
61
62
81
82
TH: THERMOSWITCH FSW: BLOWN FUSE SWITCH
61-62: THERMOSWITCH CIRCUIT CONNECTION 81-82: BLOWN FUSE SWITCH CIRCUIT CONNECTION
FAN BOARD FAN 1 FAN 2
BLUE GREEN/YELLOW
BLUE GREEN/YELLOW
BROWN BLACK
NO COM NC
AC AC
BROWN BLACK
Cooling: Fan type: Number of fans: Voltage: Current: Frequency: Noise: single phase axial 2 230 V 0.6 A 50/60 Hz 62 dBA
FAN CAPACITOR
31
32
U3
PE
V3
U3-V3: MAIN SUPPLY PE: GROUND CONNECTION (GND) 31-32: FAN BOARD CONTACT (CLOSED WHEN FAN RUNNING)
In the interest of product improvement Green Power Ssolutions reserves the right to change any specification given in this data sheet
without notice.
Document GOB96024T001
FAN CAPACITOR
1
2
2
1


▲Up To Search▲   

 
Price & Availability of GOB96024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X