Part Number Hot Search : 
D2118 5KE40 NJU26209 16245MTD DECODER 70106 SY100 SP708R
Product Description
Full Text Search
 

To Download GBJ35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ35005 thru GBJ3510
Single Phase Bridge Rectifiers
Dimensions GBJ(RS6M)
GBJ35005 GBJ3501 GBJ3502 GBJ3504 GBJ3506 GBJ3508 GBJ3510
VRRM V 50 100 200 400 600 800 1000
VRMS V 35 70 140 280 420 560 700
VDC V 50 100 200 400 600 800 1000
Symbol I(AV) IFSM VF IR I2t CJ ROJC TJ TSTG
Characteristics Maximum Average Forward (With Heatsink Note 2) Rectified Current @TC=50oC (Without Heatsink) Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 17.5A DC Maximum DC Reverse Current At Rated DC Blocking Voltage I2t Rating For Fusing (t < 8.3 ms) Typical Junction Capacitance Per Element (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range @TJ=25oC @TJ=125oC
Maximum Ratings 35.0 400 1.1 5.0 500 660 150 1.2 -55 to +150 -55 to +150
Unit A A V uA A2S pF
o
C/W
o o
C C
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Device Mounted On 300mm x 300mm x 1.6mm Cu Plate Heatsink.
FEATURES
* Rating to 1000V PRV * Ideal for printed circuit board * Low forward voltage drop, high current capability * Reliable low cost construction utilizing molded plastic technique results in inexpensive product
MECHANICAL DATA
* Polarity: Symbols molded on body * Weight: 0.23 ounces, 6.6 grams * Mounting position: Any
GBJ35005 thru GBJ3510
Single Phase Bridge Rectifiers


▲Up To Search▲   

 
Price & Availability of GBJ35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X