Part Number Hot Search : 
SB360 30T110 MA244 SB360 1N5240B 2835079 EML3175 SMC51
Product Description
Full Text Search
 

To Download GBJ210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ2005 ~ GBJ210
VOLTAGE 50V ~ 1000V Elektronische Bauelemente 2.0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
FEATURES
* Ideal for printed circuit board * Surge overload rating - 60A peak * The plastic material has UL flammability classification 94V-0 * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load, For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
o
TYPE NUMBER
Maximum Average Forward Rectified o @ TA =50 C Output Current
Maximum RMS Voltage Maximum DC Blocking Voltage
SYMBOL VRRM VRMS VDC I(AV) IFSM VF IR IR TJ TSTG
GBJ2005
50 35 50
GBJ201
100 70 100
GBJ20 2
200 140 200
GBJ204
400 280 400
GBJ206
600 420 600
GBJ208
800 560 800
GBJ210
1000 700 1000
UNITS V V V A A V A mA
o o
2.0 60 1.1 10 1.0 - 55 ~ + 150 - 55 ~ + 150
Peak Forward Surge Current 8.3 ms single half sine-wave super imposed on rated load Maximum Forward Voltage at 1.0A Maximum Reverse Current at Rated DC Blocking Voltage Maximum Reverse Current at Rate o DC Blocking Voltage per element @TA=100C Operating Temperature Range Storage Temperature Range
C C
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
GBJ2005 ~ GBJ210
VOLTAGE 50V ~ 1000V Elektronische Bauelemente 2.0 AMP Glass Passivated Bridge Rectifiers
Characteristics Curve
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of GBJ210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X