Part Number Hot Search : 
4LVX1 MUR810 TMV2412 1ZB22 HYB25 XFATM 2N3642 IDT72V84
Product Description
Full Text Search
 

To Download GBJ20005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 THRU GBJ2010
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 20.0 Amperes
GBJ
O
19.7-20.3
Plastic package has UL Flammability Glassification 94V-0 Glass passivated chip junctions High case dielectric strength of 1500 VRMS High surge current capability High temperature soldering guaranteed 260/10 seconds, 0.375"(9.5mm) lead length
29.7-30.3 3.0x45
O
4.4-4.8 3.4-3.8
- 3 .4
.1 3
5.0
* * * * *
Case: molded plastic body Terminal: Plated leads solderable per MIL-STD-750 Method 2026 Mounting position: Any (Note 3) Mounting Torque: 6 in - 1bs max. Weight: 0.26 ounce, 7.4 gram
3.8-4.2 17.0-18.0
MECHANICAL DATA
2.50.2 2.0-2.4
2.7-3.1
0.9-1.1 9.8-10.2 7.3-7.7 7.3-7.7
0.6-0.8
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% GBJ SYMBOLS GBJ
20005
GBJ
2002
GBJ
2004
GBJ
2006
GBJ
2008
GBJ
2010
2001
Maximum Reverse Peak Repetitive Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At TC=100 (Note 1) Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Rating for Fusing (t8.3ms) Maximum Instantaneous Forward Voltage drop Per bridge element 10.0A Maximum DC Reverse Current at rated DC blocking voltage per element Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range TA=25 TA=125
VRRM VRMS VDC I(AV) IFSM I2 t VF IR RJA TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 20 3.5 240 239 1.0 10 500 22 (-55 to +150) (-55 to +150)
600 420 600
800 560 800
1000 700 100
10.8-11.2
UNIT Volts Volts Volts Amps Amps A2s Volts
A /W
Notes: 1. Unit case mounted on 300mmx300mmx1.6mm A1. Plate heatdink
2. Unit mounted on P.B.C. without heatsink 3. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat Transfer with #6 screws
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 THRU GBJ2010
VOLTAGE RANGE CURRENT
50 to 1000Volts 20.0 Amperes
RATINGS AND CHARACTERISTIC CURVES GB20005 THRU GBJ2010
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
20 400 350 300 200 150 100 50
FIG. 2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
AVERAGE FORWARD OUTPUT CURRENT (A)
15
10
P.C.B. Mounting
5
PEAK FORWARD SURGE, CURRENT,(A)
Heat-Sink Mounting. Tc
1.0 Cycle
0 0 25 50 75 100 125 150 0 1 10 100
TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz FIG. 4- TYPICAL REVERSE CHARACTERISTICS PER LEG
1000
FIG. 3- TYPICAL FORWORD CHARACTERISTICS PER LGE
100
INSTANTANEOUS FORWARD CURRENT, (A)
T A=125
INSTANTANEOUS REVERSE CURRENT, (A)
10
100
1
10
0.1
1
T A=25
0.1 0
0.01 0.6 0.8 1.0 1.2 1.4
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(V) FIG. 6- TYPICAL TRANSIENT THERMAL IMPEDANCE
10
FIG. 5- TYPICAL JUNCTION CAPACITANCE PER LEG
1000
100
TRANSIENT THERMAL IMPEDANCE (/W)
JUNCTION CAPACITANCE, (pF)
1
10
1 1 10 100
0.1 0.01 0.1 1 10
REVRESE VOLTAGE,(V)
T, HEATING TIME (SEC.)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of GBJ20005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X