Part Number Hot Search : 
00400 XN6213 H7468 08126 12011 IDT74A 2N3741A TLP62007
Product Description
Full Text Search
 

To Download FWSF-OADM-W-TAP-4B-1-LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Finisar
Features:
Low Optical Insertion Loss Cost-effective CWDM technology Adds/drops four Wavelengths Monitor Port available Dual LC connectors for interfacing Color Coded for ease of installation Reliable passive WDM optical technology Scales easily for ring networks Low-profile modular design Fits in 1RU 19" rack mount chassis Compliance with RoHS
The Finisar OADM-4 w/TAP plug-in module is a passive optical add/drop multiplexer designed for metro access applications that represents the state of the art in fiber optics design. The OADM-4 w/TAP plug-in module adds/drops one CWDM channel of four wavelengths from network traffic and passes the other channels. These four channel OADMs are transparent to the 1310nm wavelength. These OADM modules are equipped with monitor port that allows our customer connect optical meter or OSA to monitor and troubleshoot the network. Finisar's unique CWDM design maps the channel into separate two-fiber paths, going in opposite directions into the network (East/West). Added/dropped channels are interfaced to any of Finisar's CWDM transceivers on the equipment side. A grid of eight CWDM wavelengths is available from Finisar. The OADM-4 w/TAP plug-in module plugs into one half of a 1RU, 19" rack mount chassis for simple installation and modularity. This Chassis based system allows a network equipment manufacturer to add WDM capability to any existing network device that supports SFP interfaces. The equipment ports of the OADM-4 w/TAP plug-in module are color coded to match the wavelength of Finisar's CWDM transceiver. This allows ease of installation and trouble shooting without having to remove the transceiver from the local equipment. The OADM-4 w/TAP plug-in module delivers dramatic cost savings to network equipment manufacturers, enabling them to develop metro access systems that are lower in cost, easier to provision and simpler to operate.
CWDM OADM-4 w/TAP Plug-in Module
OADM-4 w/TAP Plug-in Module
Specifications
Mechanical
Dimensions:
8.3" x 1.7" x 10.4", 210mm x 43mm x 264mm, plug-in for 1RU rack-mount
Optical
Center wavelengths:
(2 versions): OADM-W/TAP-4B-1 Plug-in
* 1471 nm * 1491 nm * 1511 nm * 1531 nm
Directivity: 50 dB Return Loss: 45 dB Passband Ripple: 0.5dB
PDL:
0.2dB PMD: 0.2ps Environmental: *Operating -5 to 70oC *Relative humidity: 10 to 85% Non-condensing o *Storage - 40 to 85 C
Connectors:
* Network side:2 dual LC/PC * Equipment side: 4 dual LC/PC * Monitor side: 2 dual LC/PC
OADM-W/TAP-4B-2 Plug-in
* 1551 nm * 1571 nm * 1591 nm * 1611 nm All versions is transparent at 12601360 nm
Finisar Shanghai Inc. No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai, China 201201 Main: +86-21-38559200 Fax: +86-21-68919894 Website: www.finisar.com
Finisar Corporation 1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA Main: (408) 548-1000 Fax: (408)543-0083 Email: sales@finisar.com Website: www.finisar.com Jan. 09 Rev. B
Finisar
OADM-4 W/TAP Plug-in Module Parameter Specifications
Max Insertion Loss (dB) Passband Add Center wavelength +/- 6.5 nm 1.8 Drop 1.8 Pass (1550) 2.1 Pass (1310) 2.1 Min Isolation (dB) Add 30 Drop 30 Pass 15 Max Insertion Loss(dB) (Monitor Port) All Ports 23
Note: Connector loss included.
Front Panel
FWSF-OADM-W/TAP-4B-1-LC Front Panel
FWSF-OADM-W/TAP-4B-2-LC Front Panel
Dimensions (Unit: inch)
Ordering Information
Part Number Description FWSF-OADM-W/TAP-4B-1-LC FWSF-OADM-W/TAP-4B-2-LC 4 Wavelengths Add/Drop MUX (1471, 1491, 1511, 1531) with TAP port Plug-in Module for FWSFCHASSIS-2, LC connectors 4 Wavelengths Add/Drop MUX (1551, 1571, 1591, 16131) with TAP port Plug-in Module for FWSFCHASSIS-2, LC connectors
Finisar Shanghai Inc. No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai, China 201201 Main: +86-21-38559200 Fax: +86-21-68919894 Website: www.finisar.com
Finisar Corporation 1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA Main: (408) 548-1000 Fax: (408)543-0083 Email: sales@finisar.com Website: www.finisar.com Jan. 09 Rev. B


▲Up To Search▲   

 
Price & Availability of FWSF-OADM-W-TAP-4B-1-LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X