Part Number Hot Search : 
KL731JT EDZ16 01006 48D05 EDZ16 FSUSB GP1A71A1 4ALVCH1
Product Description
Full Text Search
 

To Download FWSF-OADM-1-47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Finisar
Features: Low Optical Insertion Loss Cost-effective CWDM technology Adds/drops one Wavelength Dual SC or LC connectors for interfacing Color Coded for ease of installation Reliable passive WDM optical Technology Scales easily for ring networks Low-profile modular design Fits in 1RU 19" rack mount chassis Compliance with RoHS
The Finisar OADM-1 plug-in module is a passive optical add/drop multiplexer designed for metro access applications that represents the state of the art in fiber optics design. The OADM-1 plug-in module adds/drops two CWDM channels of the same wavelength from network traffic and passes the other channels. Finisar's unique CWDM design maps the two added/dropped channels into separate two-fiber paths, going in opposite directions into the network (East/West). Added/dropped channels are interfaced to any of Finisar's CWDM transceivers on the equipment side. A grid of eight CWDM wavelengths is available from Finisar. The OADM-1 Plug-in Module plugs into one half of a 1RU, 19" rack mount chassis for simple installation and modularity. This Chassis based system allows a network equipment manufacturer to add WDM capability to any existing network device. The equipment ports of the OADM-1 plug-in module are color coded to match the wavelength of Finisar's CWDM transceiver. This allows ease of installation and trouble shooting without having to remove the transceiver from the local equipment. The Finisar OADM-1 plug-in module delivers dramatic cost savings to network equipment manufacturers, enabling them to develop metro access systems that are lower in cost, easier to provision and simpler to operate.
CWDM OADM-1 Plug-in Module
OADM-1 Plug-in Module
Specifications
Mechanical
Dimensions:
8.3" x 1.7" x 10.4", 210mm x 43mm x 264mm, plug-in for 1RU rack-mount
Optical
Center wavelengths:
(8 versions):
* 1471 nm * 1491 nm * 1511 nm * 1531 nm * 1551 nm * 1571 nm * 1591 nm * 1611 nm
Directivity: 55 dB Return Loss: 45 dB Passband Ripple: 0.5dB
PDL:
0.15dB PMD: 0.2ps Environmental: *Operating 0 to 70C * Relative humidity: 10 to 85%, non-condensing *Storage - 40 to 85C
Connectors:
* Network side: 2 dual SC/PC or LC/PC * Equipment side: 2 dual SC/PC or LC/PC
Finisar Shanghai Inc. No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai, China 201201 Main: +86-21-38559200 Fax: +86-21-68919894 Website: www.finisar.com
Finisar Corporation 1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA Main: (408) 548-1000 Fax: (408)543-0083 Email: sales@finisar.com Website: www.finisar.com Jan. 09 Rev. C
Finisar
OADM-1 Plug-in Module Parameter Specifications Passband +/- 6.5nm Front Panel
SC connector front panel
Max Insertion Loss (dB) Add Drop Pass 1.30 1.30 1.40
Add 30
Min Isolation (dB) Drop Pass 50 28
Note: Connector loss included
LC connector front panel
Dimensions (Unit: inch)
Ordering Information
Part Number Description FWSF-OADM-1-47 Single Wavelength (1471 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors FWSF-OADM-1-49 Single Wavelength (1491 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors FWSF-OADM-1-51 Single Wavelength (1511 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors FWSF-OADM-1-53 Single Wavelength (1531 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors FWSF-OADM-1-55 Single Wavelength (1551 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors FWSF-OADM-1-57 Single Wavelength (1571 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors FWSF-OADM-1-59 Single Wavelength (1591 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors Finisar Shanghai Inc. No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai, China 201201 Main: +86-21-38559200 Fax: +86-21-68919894 Website: www.finisar.com Finisar Corporation 1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA Main: (408) 548-1000 Fax: (408)543-0083 Email: sales@finisar.com Website: www.finisar.com Jan. 09 Rev. C
Finisar
FWSF-OADM-1-61 FWSF-OADM-1-47-LC FWSF-OADM-1-49-LC FWSF-OADM-1-51-LC FWSF-OADM-1-53-LC FWSF-OADM-1-55-LC FWSF-OADM-1-57-LC FWSF-OADM-1-59-LC FWSF-OADM-1-61-LC Single Wavelength (1611 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, SC connectors Single Wavelength (1471 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Single Wavelength (1491 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Single Wavelength (1511 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Single Wavelength (1531 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Single Wavelength (1551 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Single Wavelength (1571 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Single Wavelength (1591 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Single Wavelength (1611 nm) Optical Add/Drop MUX Plug-in Module for FWSF-CHASSIS-2, LC connectors
Finisar Shanghai Inc. No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai, China 201201 Main: +86-21-38559200 Fax: +86-21-68919894 Website: www.finisar.com
Finisar Corporation 1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA Main: (408) 548-1000 Fax: (408)543-0083 Email: sales@finisar.com Website: www.finisar.com Jan. 09 Rev. C


▲Up To Search▲   

 
Price & Availability of FWSF-OADM-1-47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X