Part Number Hot Search : 
OP27GN8 RT33L012 IS357B 663005 PI3B3251 RT33L012 C1317 OP27GN8
Product Description
Full Text Search
 

To Download FWSF-M-D-1550-CWDM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Finisar
Features: Low Optical Insertion Loss Cost-effective WDM technology Terminates 1550 and 5 CWDM Grid Wavelengths Dual SC or LC connectors for interfacing Color Coded for ease of installation Reliable passive WDM optical technology Ring or point to point applications Low-profile modular design Fits in 1RU 19" rack mount chassis Compliance with RoHS
The Finisar 1550/CWDM MUX/DEMUX plug-in module is a passive optical multiplexer/demultiplexer designed to add CWDM wavelengths to an existing 1550nm backbone ring. The 1550/CWDM MUX/DEMUX plug-in module multiplexes and demultiplexes a single banded 1550nm wavelength and five additional standard CWDM wavelengths. This allows existing two-fiber backbone rings to be easily upgraded with wavelengths that are transparent in operation to the existing 1550 wavelength. The 1550/CWDM MUX/DEMUX plug-in module plugs into one half of a 1RU, 19" rack mount chassis for simple installation and modularity. The equipment side SC or LC connector interface allows a network engineer to add/drop CWDM capability to any existing network device that supports GBIC and SFP interfaces. The Finisar MUX/DEMUX plug-in module delivers dramatic cost savings to network equipment manufacturers, enabling them to develop metro access systems that are lower in cost, easier to provision and simpler to operate.
1550/CWDM MUX/DEMUX Plug-in Module
1550/CWDM MUX/DEMUX Plug-in Module
Specifications
Mechanical
Dimensions:
8.3" x 1.7" x 10.4", 210mm x 43mm x 264mm, plug-in for 1RU rack-mount
Optical
Center Wavelengths: MUX/DEMUX-1550/CWDM Plug-in * Banded 1550nm
CWDM Wavelengths
Directivity: 55 dB Return Loss: 45 dB Passband Ripple: 0.5dB
Connectors:
* Network side: 1 dual SC/PC or LC/PC * Equipment side: 6 dual SC/PC or LC/PC
* 1471 nm * 1491 nm * 1511 nm * 1591 nm * 1611 nm
PDL:
0.15dB PMD: 0.2ps Environmental: *Operating 0 to 70oC * Relative humidity: 10 to 85%, non-condensing *Storage - 40 to 85oC
Finisar Shanghai Inc. No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai, China 201201 Main: +86-21-38559200 Fax: +86-21-68919894 Website: www.finisar.com
Finisar Corporation 1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA Main: (408) 548-1000 Fax: (408)543-0083 Email: sales@finisar.com Website: www.finisar.com Jan. 09 Rev. D
Finisar
1550/CWDM MUX/DEMUX Plug-in Module Parameter Specifications 1550 Port Passband +/-25nm CWDM Grid port Passband +/- 6.5nm Max Insertion Loss (dB) Mux Demux 2.0 2.0 Min Isolation (dB) Mux Demux 30 30 Max Insertion Loss (dB) Mux Demux 1.50 1.50 Min Isolation (dB) Mux Demux 30 30
Note: Connector loss included.
Front Panel
SC connector front panel
LC connector front panel
Dimensions (Unit: inch)
Ordering Information
Part Number Description FWSF-M/D-1550/CWDM FWSF-M/D-1550/CWDM-LC 1550/CWDM Wavelength MUX/DEMUX Plug-in Module for FWSF-CHASSIS-2, SC connectors 1550/CWDM Wavelength MUX/DEMUX Plug-in Module for FWSF-CHASSIS-2, LC connectors Finisar Corporation 1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA Main: (408) 548-1000 Fax: (408)543-0083 Email: sales@finisar.com Website: www.finisar.com Jan. 09 Rev. D
Finisar Shanghai Inc. No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai, China 201201 Main: +86-21-38559200 Fax: +86-21-68919894 Website: www.finisar.com


▲Up To Search▲   

 
Price & Availability of FWSF-M-D-1550-CWDM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X