Part Number Hot Search : 
IR2131 C5141 FB4410Z KRC858U TIP563 17A06 JS28F128 27C256
Product Description
Full Text Search
 

To Download FTLF1217P2BTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
Fast Ethernet RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1217P2xTL
PRODUCT FEATURES Up to 200 Mb/s bi-directional data links Hot-pluggable SFP footprint Built-in digital diagnostic functions 1310nm LED-based transmitter Duplex LC connector RoHS Compliant and Lead-Free Up to 2km on 62.5/125m MMF Metal enclosure, for lower EMI Single 3.3V power supply Low power dissipation Industrial operating temperature range: -40C to 85C APPLICATIONS 125 Mb/s 100Base-FX Ethernet / FDDI 200 Mb/s ESCON 155 Mb/s Multimode SONET OC-3 SR-0 51 Mb/s Multimode SONET OC-1 SR-0 Finisar's FTLF1217P2xTL Small Form Factor Pluggable (SFP) transceivers are compatible with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)1. They are simultaneously compatible with 100Base-FX, FDDI, ESCON, and Multimode SONET OC-3 SR-0 and OC-1 SR-0 standards as specified in IEEE Std 802.32, ISO/IEC 9314-33, Enterprise Systems Architecture/3904, and ANSI T1.416.01-19995, respectively. They are RoHS compliant and lead-free per Directive 2002/95/EC4 and Finisar Application Note AN-2038. Digital diagnostics functions are available via the 2-wire serial bus specified in the SFP MSA. PRODUCT SELECTION
FTLF1217P2xTL
x W B Wide Extraction Bail Narrow Extraction Bail
Page 1
(c) Finisar Corporation September 13, 2008 Rev. B
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
I.
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Pin Descriptions
Symbol VEET TFAULT TDIS MOD_DEF(2) MOD_DEF(1) MOD_DEF(0) Rate Select LOS VEER VEER VEER RDRD+ VEER VCCR VCCT VEET TD+ TDVEET Name/Description Transmitter Ground (Common with Receiver Ground) Transmitter Fault. Transmitter Disable. LED output disabled on high or open. Module Definition 2. Data line for Serial ID. Module Definition 1. Clock line for Serial ID. Module Definition 0. Grounded within the module. No connection required Loss of Signal indication. Logic 0 indicates normal operation. Receiver Ground (Common with Transmitter Ground) Receiver Ground (Common with Transmitter Ground) Receiver Ground (Common with Transmitter Ground) Receiver Inverted DATA out. AC Coupled Receiver Non-inverted DATA out. AC Coupled Receiver Ground (Common with Transmitter Ground) Receiver Power Supply Transmitter Power Supply Transmitter Ground (Common with Receiver Ground) Transmitter Non-Inverted DATA in. AC Coupled. Transmitter Inverted DATA in. AC Coupled. Transmitter Ground (Common with Receiver Ground) Ref. 1 2 3 4 4 4 5 1 1 1
1
1
1
Notes: 1. Circuit ground is internally isolated from chassis ground. 2. TFAULT is an open collector/drain output, which should be pulled up with a 4.7k - 10k Ohms resistor on the host board. Pull up voltage should be between 2.0V to Vcc + 0.3V. A high output indicates an LED fault, i.e. LED open or short. Low indicates normal operation. In the low state, the output is pulled to <0.8V. 3. LED output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V. 4. Should be pulled up with 4.7k - 10kohms on host board to a voltage between 2.0V and 3.6V. MOD_DEF(0) pulls line low to indicate module is plugged in. 5. LOS is open collector output. Should be pulled up with 4.7k - 10kohms on host board to a voltage between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
(c) Finisar Corporation September 13, 2008 Rev. B
Page 2
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
VeeT 1 2 3 4 VeeT TDTXFault TD+ TX Disable VeeT MOD-DEF(2) VccT
20 19 18 17 16 15 14 13 12 11
Towards Bezel
5 6 7 8 9 10
MOD-DEF(1) VccR MOD-DEF(0) VeeR Rate Select RD+ LOS RDVeeR VeeR VeeR
Towards ASIC
Diagram of Host Board Connector Block Pin Numbers and Names
(c) Finisar Corporation September 13, 2008 Rev. B
Page 3
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
II.
Absolute Maximum Ratings
Parameter Maximum Supply Voltage Storage Temperature Case Operating Temperature Relative Humidity
Symbol Vcc TS TA RH
Min -0.5 -40 -40 0
Typ
Max 4.0 85 85 85
Unit V C C %
Ref.
1
III.
Electrical Characteristics (TA = -40 to 85 C, VCC = 3.0 to 3.6 Volts)
Symbol Vcc Icc Rin Vin,pp VD VEN Vout,pp tr/tf VLOS fault VLOS norm PSR RX SJ RX DCD RX DDJ RX RJ RX RJ Min 3.0 Typ Max 3.6 300 Unit V mA mV V V mV ns V V mVpp ns ns ns ns ns Ref.
Parameter Supply Voltage Supply Current Transmitter Input differential impedance Single ended data input swing Transmit Disable Voltage Transmit Enable Voltage Receiver Single ended data output swing Data output rise/fall time 155 Mb/s LOS Fault LOS Normal Power Supply Rejection Systematic Jitter Contribution Contributed Duty Cycle Distortion Data Dependent Jitter Contribution Random Jitter Contribution @ OC-3 and OC-1 Random Jitter Contribution @ FE
100 250 2 Vee 250 0.6 2 Vee 100 450 1200 Vcc Vee+ 0.8 900 5.0 VccHOST Vee+0.5 2.0 1.0 1.2 0.6 0.76
2 3 4
5 6 7 7 8 9 10 10 9 10
Notes: 1. Non condensing. 2. Connected directly to TX data input pins. AC coupling from pins into driver IC. 3. We recommend <600mV for best EMI performance. 4. Or open circuit. 5. Into 100 ohms differential termination. 6. 10 - 90 % 7. LOS is an open collector output. Should be pulled up with 4.7k - 10kohms on the host board. Normal operation is logic 0; loss of signal is logic 1. Maximum pull-up voltage is 5.5V. 8. Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to specified value applied through the recommended power supply filtering network. 9. Peak-to-peak measurement for OC-3 SR-0 or OC-1 SR-0 operation measured with a PRBS 223-1 test pattern. 3 10. Peak-to-peak measurement based on 4B/5B encoded Fast Ethernet pattern referenced in FDDI PMD Annex A.5
(c) Finisar Corporation September 13, 2008 Rev. B
Page 4
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
IV.
Optical Characteristics (TOP = -40 to 85 C, VCC = 3. 00 to 3.60 Volts)
Symbol POUT tr/ tf tr/ tf TX SJ TX DCD TX DDJ TX RJ TX RJ ER RxSENS RxSENS RxSENS RxSENS RxMAX C LOSD LOSA Min -20 1280 175 0.6 3.0 1.7 1.6 1.0 0.6 0.6 0.76 10 -30 -30 -31 -29 -14 1600 -33 Typ Max -15 1380 Unit dBm nm nm ns ns ns ns ns ns ns dB dBm dBm dBm dBm dBm nm dBm dBm dB Ref. 1 2 3 4 5 6 6 5 6
Parameter Transmitter Output Opt. Power Optical Wavelength Spectral Width (FWHM) Optical Rise/Fall Time 155 Mb/s Optical Rise/Fall Time = 200 Mb/s Systematic Jitter Contribution Contributed Duty Cycle Distortion Data Dependent Jitter Contribution Random Jitter Contribution @ OC-3 and OC-1 Random Jitter Contribution @ FE Extinction Ratio Receiver Receiver Sensitivity = 51.8 Mb/s Receiver Sensitivity = 155 Mb/s Receiver Sensitivity = 125 Mb/s Receiver Sensitivity = 200 Mb/s Maximum Average Receiver Power Optical Center Wavelength LOS De-Assert LOS Assert LOS Hysteresis
7 7 7 8
1270 -45 1.5
Notes: 1. Measured average power coupled into 62.5/125um fibre with NA = 0.275. Class 1 eye safety per FDA/CDRH, IEC, and EN60825-1 safety standards. 2. Also specified to fall within the extrapolated curves in FDDI PMD3 Figure 9, which allow trade-off between wavelength, spectral width and transmitter rise/fall times. 3. Unfiltered, 10-90%. 4. Unfiltered, 20-80%. 5. Peak-to-peak measurement for OC-3 SR-0 or OC-1 SR-0 operation measured with a PRBS 2^23-1 test pattern. 6. Peak-to-peak measurement based on 4B/5B encoded Fast Ethernet pattern referenced in FDDI PMD3 Annex A.5 7. Specifications are for 50 micro-meter or 62.5 micro-meter fiber. 8. Specifications are for 50 micro-meter or 62.5 micro-meter fiber, based on any valid 8B/10B code pattern and measured at, or extrapolated to, 10-15 BER.
(c) Finisar Corporation September 13, 2008 Rev. B
Page 5
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
V.
General Specifications
Parameter Symbol BR Min Typ 51.8, 155, 125, 200 3 2 2 2 Max Units Ref. Mb/sec 1
Data Rate
Bit Error Rate Max. Supported Link Length on 50/125m or 62.5 m MMF @ OC-1 Max. Supported Link Length on 50/125m or 62.5 m MMF @ OC-3 Max. Supported Link Length on 50/125m or 62.5 m MMF @ FE Max. Supported Link Length on 50/125m or 62.5 m MMF @ ESCON
BER LMAX1 L MAX2 L MAX3 L MAX4
10-10 km km km km 2 3 4 5
Notes: 1. Multimode SONET OC-1 SR-0 and OC-3 SR-0, 100Base-FX and FDDI compliant as specified in ANSI T1.416.01-19995, IEEE Std 802.32, and ISO/IEC 9314-33 respectively. ESCON compatible as specified in Enterprise Systems Architecture/3904. 2. At 51.8 Mb/s data rate per ANSI T1.416.01-19995. 3. At 155 Mb/s data rate per ANSI T1.416.01-19995. 4. At 125 Mb/s data rate per ISO/IEC 9314-33 5. At 200 Mb/s data rate per Enterprise Systems Architecture/3904.
VI.
Environmental Specifications
Finisar 1310nm SFP transceivers have an industrial operating temperature range from -40C to +85C case temperature.
Parameter Case Operating Temperature Storage Temperature Symbol Top Tsto Min -40 -40 Typ Max 85 85 Units C C Ref.
VII.
Regulatory Compliance
Finisar transceivers are Class 1 eye safety products and comply with US FDA regulations. These products are certified by TUV and CSA to meet the Class 1 eye safety requirements of EN (IEC) 60825 and the electrical safety requirements of EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request. Copies of the referenced certificates are available at Finisar Corporation upon request.
(c) Finisar Corporation September 13, 2008 Rev. B
Page 6
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
VIII. Digital Diagnostic Functions Finisar FTLF1217P2xTL SFP transceivers support the 2-wire serial communication protocol as defined in the SFP MSA1. It is very closely related to the E2PROM defined in the GBIC standard, with the same electrical specifications. The standard SFP serial ID provides access to identification information that describes the transceiver's capabilities, standard interfaces, manufacturer, and other information. Additionally, Finisar SFP transceivers provide a unique enhanced digital diagnostic monitoring interface, which allows real-time access to device operating parameters such as transceiver temperature, bias current, transmitted optical power, received optical power and transceiver supply voltage. It also defines a sophisticated system of alarm and warning flags, which alerts end-users when particular operating parameters are outside of a factory set normal range. The SFP MSA defines a 256-byte memory map in E2PROM that is accessible over a 2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally defined serial ID memory map remains unchanged. The interface is identical to, and is thus fully backward compatible with both the GBIC Specification and the SFP Multi Source Agreement. The complete interface is described in Finisar Application Note AN2030: "Digital Diagnostics Monitoring Interface for SFP Optical Transceivers". The operating and diagnostics information is monitored and reported by a Digital Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed through a 2-wire serial interface. When the serial protocol is activated, the serial clock signal (SCL, Mod Def 1) is generated by the host. The positive edge clocks data into the SFP transceiver into those segments of the E2PROM that are not write-protected. The negative edge clocks data from the SFP transceiver. The serial data signal (SDA, Mod Def 2) is bi-directional for serial data transfer. The host uses SDA in conjunction with SCL to mark the start and end of serial protocol activation. The memories are organized as a series of 8-bit data words that can be addressed individually or sequentially. For more information, please see the SFP MSA documentation1,7 or Finisar Application Note AN-2030. Please note that evaluation board FDB-1018 is available with Finisar ModDEMO software that allows simple to use communication over the 2-wire serial interface.
(c) Finisar Corporation September 13, 2008 Rev. B
Page 7
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
IX. Digital Diagnostic Specifications FTLF1217P2xTL transceivers have internally calibrated digital diagnostics.
Parameter Symbol Min Typ Max 3 100 10 3 3 Units C mV % dB dB 1 Ref.
Accuracy DDTemperature Internally measured transceiver temperature DDVoltage Internally measured transceiver supply voltage DDBias Measured TX bias current DDTx-Power Measured TX output power DDRx-Power Measured RX received average optical power Dynamic Range for Rated Accuracy DDTemperature Internally measured transceiver temperature DDVoltage Internally measured transceiver supply voltage DDBias Measured TX bias current DDTx-Power Measured TX output power DDRx-Power Measured RX received average optical power Max Reporting Range DDTemperature Internally measured transceiver temperature DDVoltage Internally measured transceiver supply voltage DDBias Measured TX bias current DDTx-Power Measured TX output power DDRx-Power Measured RX received average optical power
-40 3.0 0 -22 -33
85 3.6 70 -13 -12
C V mA dBm dBm
-40 2.8 0 -24 -35
125 4.0 80 -11 -10
C V mA dBm dBm
Notes: 1. Accuracy of Measured Tx Bias Current is 10% of the actual Bias Current from the driver to the LED.
(c) Finisar Corporation September 13, 2008 Rev. B
Page 8
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
X.
Mechanical Specifications
Finisar's Small Form Factor Pluggable (SFP) transceivers are compatible with the dimensions defined by the SFP Multi-Sourcing Agreement (MSA).
FTLF1217P2BTL
(c) Finisar Corporation September 13, 2008 Rev. B
Page 9
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
FTLF1217P2WTL
(c) Finisar Corporation September 13, 2008 Rev. B
Page 10
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
XI. PCB Layout and Bezel Recommendations
(c) Finisar Corporation September 13, 2008 Rev. B
Page 11
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
(c) Finisar Corporation September 13, 2008 Rev. B
Page 12
FTLF1217P2xTL Pluggable SFP Product Specification - September 2008
XII.
References
1. Small Form-factor Pluggable (SFP) Transceiver Multi-source Agreement (MSA). September 14, 2000. 2. IEEE Std 802.3, 2002 Edition, Clause 38, PMD Type 1000BASE-LX. IEEE Standards Department, 2002. 3. ISO/IEC 9314-3. "Information Processing Systems - Fibre Distributed Data Interface (FDDI), Part 3, Phystical Layer Medium Dependent (PMD)." 1990. 4. Enterprise Systems Architecture/390, ESCON I/O Interface, Physical Layer. IBM Corp., Third Edition, 1996. 5. ANSI T1.416.01-1999. "Network to Customer Installation Interfaces - Synchronous Optical NETwork (SONET) Physical Media Dependent Specification: Multi-Mode Fiber." ANSI, 1999. 6. Directive 2002/95/EC of the European Council Parliament and of the Council, "on the restriction of the use of certain hazardous substances in electrical and electronic equipment." January 27, 2003. 7. "Digital Diagnostics Monitoring Interface for Optical Transceivers". SFF Document Number SFF-8472, Revision 9.3.
XIII. For More Information Finisar Corporation 1389 Moffett Park Drive Sunnyvale, CA 94089-1133 Tel. 1-408-548-1000 Fax 1-408-541-6138 sales@finisar.com www.finisar.com
(c) Finisar Corporation September 13, 2008 Rev. B
Page 13


▲Up To Search▲   

 
Price & Availability of FTLF1217P2BTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X