Part Number Hot Search : 
03800 TC9331 FMKA140 MM1571X C128CPB 6041851 CLL4705 IMN11
Product Description
Full Text Search
 

To Download FR302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR301 THRU FR307
FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Ampere
Features * Plastic package has Underwriters Laboratory * Flammability Classification 94V-0 * Fast switching for high efficiency * Construction utilizes void-free molded plastic technique * 3.0 ampere operation at TA=75oC with no thermal * runaway. * High temperature soldering guaranteed: * 250oC/10 seconds, 0.375"(9.5mm) lead length, * 5 lbs (2.3kg) tension. Mechanical Data * Case: Molded plastic, DO-201AD. * Terminals: Plated axial leads, solderable per * MIL-STD-750, method 2026 * Polarity: Color band denotes cathode end. * Mounting Position: Any.
Absolute Maximum Ratings and Characteristics @ 250C unless otherwise specified.
FR307 -STR 1000 700 1000
Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Average forward rectified current at TA = 75 OC Peak forward surge current 8.3mS single half sine-wave Maximum instantaneous forward voltage at IFM=3.0A , TA=25oC(Note 3) Maximum DC reverse current at rated DC blocking voltage TA = 25 OC TA = 55OC IFSM VF IR Trr CJ TJ ,TS I(AV) VRRM VRMS VDC
FR301 FR302 FR303 FR304 FR305 FR306 FR307 50 35 50 100 70 100 200 140 200 400 280 400 3 200 1.3 10 150 150 65 -65 to +150 250 500 600 420 600 800 560 800 1000 700 1000
Units Volts Volts Volts Amps Amps Volts A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating and storage temperature range
250
nS pF
O
C
1) Reverse recovery test conditions: IF=0.5A, IR=1A, Irr=0.25A 2) Measured at 1MHZ and applied reverse voltage of 4volts 3) Pulse test: pulse width 300 uSec, Duty cycle 1%.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 11/11/2002


▲Up To Search▲   

 
Price & Availability of FR302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X