Part Number Hot Search : 
XZMR65WA S80C51 AM687LMB FRF10A40 00SERI 9913I EP100 F740LC
Product Description
Full Text Search
 

To Download FED20-24S2P5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* 20 WATTS MAXIMUM OUTPUT POWER * OUTPUT CURRENT UP TO 6A * STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE * HIGH EFFICIENCY UP TO 89% * 2:1 WIDE INPUT VOLTAGE RANGE * SIX-SIDED CONTINUOUS SHIELD * FIXED SWITCHING FREQUENCY * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC Negative logic Remote On/Off
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
OPTIONS DESCRIPTION The FED20 series offer 20 watts of output power from a 2 x 1 x 0.4 inch
package. The FED20 series with 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC and features 1600VDC of isolation, short-circuit and over-voltage protection. All specifications are typical at nominal input, full load and 25C otherwise noted
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load Voltage adjustability Line regulation Load regulation Single output LL to HL at Full Load No Load to Full Load Full load and nominal Vin
INPUT SPECIFICATIONS
20 Watts, max. 1% 0% 10% 0.2% 0.5% Input voltage range Input filter Input surge voltage 100mS max 12V nominal input 24V nominal input 48V nominal input 9 - 18VDC 18 - 36VDC 36 - 75VDC L-C type 36VDC 50VDC 100VDC 20mAp-p 10mS, typ. 10mS, typ.
Cross regulation (Dual) Asymmetrical load 25% / 100% FL 5% 20MHz bandwidth Ripple and noise See table (Measured with a 0.1F/50V MLCC) 0.02% / C, max. Temperature coefficient Transient response recovery time 25% load step change 1.5V output 1.8V output 2.5V output Over voltage protection 3.3V output Zener diode clamp 5V output 12V output 15V output Over load protection % of FL at nominal input Short circuit protection 250S 3.9VDC 3.9VDC 3.9VDC 3.9VDC 6.2VDC 15VDC 18VDC 150%, max.
12V input 24V input 48V input Input reflected ripple current Nominal Vin and full load Nominal Vin and Power up Start up time constant resistive load Remote ON/OFF Remote ON/OFF (Note 6) (Positive logic)(Standard) DC-DC ON Open or 3V < Vr < 12V DC-DC OFF Short or 0V < Vr < 1.2V (Negative logic)(Option) DC-DC ON Short or 0V < Vr < 1.2V DC-DC OFF Open or 3V < Vr < 12V Input current of remote control pin Nominal Vin -0.5mA ~ +0.5mA Remote off state input current Nominal Vin 2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Maximum case temperature Storage temperature range Thermal impedance (Note 7) Thermal shock Vibration Relative humidity -40C ~ +85C (with derating) 100C -55C ~ +105C Nature convection Nature convection with heat-sink 12C/Watt 10C/Watt
Hiccup, automatics recovery See table 1600VDC, min. 1600VDC, min. 10 ohms, min. 1000pF, max. 500KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Nickel-coated copper Non-conductive black plastic Epoxy (UL94-V0) 2.00 X 1.00 X 0.40 Inch (50.8 X 25.4 X 10.2 mm) 27g (0.95oz) BELLCORE TR-NWT-000332 MIL-HDBK-217F 1.791 x 10 hrs 5 6.842 x 10 hrs
6
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 1) Input to Output Input(Output) to case
MIL-STD-810F MIL-STD-810F 5% to 95% RH
9
EMC CHARACTERISTICS
EMI (Note 8) ESD Radiated immunity EN55022 EN61000-4-2 EN61000-4-3 Air Contact 8KV 6KV 10 V/m 2KV 1KV 10 Vr.m.s Class A Perf. Criteria B Perf. Criteria A Perf. Criteria A Perf. Criteria B Perf. Criteria A
Fast transient (Note 9) EN61000-4-4 Surge (Note 9) Conducted immunity EN61000-4-5 EN61000-4-6
Page 1 of 3
Issued Date2008/05/21
Model Number
FED20-12S1P5 FED20-12S1P8 FED20-12S2P5 FED20-12S3P3 FED20-12S05 FED20-12S12 FED20-12S15 FED20-12D12 FED20-12D15 FED20-24S1P5 FED20-24S1P8 FED20-24S2P5 FED20-24S3P3 FED20-24S05 FED20-24S12 FED20-24S15 FED20-24D12 FED20-24D15 FED20-48S1P5 FED20-48S1P8 FED20-48S2P5 FED20-48S3P3 FED20-48S05 FED20-48S12 FED20-48S15 FED20-48D12 FED20-48D15
Input Range
9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC
Output Current Input Current Eff (4) Capacitor (5) Output Output (4) No load Full load (%) Load max Voltage Min. load Full load Ripple & Noise (3) (2)
1.5 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12VDC 15VDC 1.5 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12VDC 15VDC 1.5 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12VDC 15VDC 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 6000mA 6000mA 6000mA 5000mA 4000mA 1670mA 1330mA 833mA 667mA 6000mA 6000mA 6000mA 5000mA 4000mA 1670mA 1330mA 833mA 667mA 6000mA 6000mA 6000mA 5000mA 4000mA 1670mA 1330mA 833mA 667mA 60mVp-p 60mVp-p 60mVp-p 60mVp-p 75mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 60mVp-p 60mVp-p 60mVp-p 60mVp-p 75mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 60mVp-p 60mVp-p 60mVp-p 60mVp-p 75mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 70mA 75mA 80mA 115mA 75mA 90mA 35mA 45mA 50mA 35mA 45mA 40mA 30mA 35mA 55mA 40mA 30mA 30mA 15mA 20mA 30mA 15mA 20mA 35mA 50mA 20mA 20mA 1014mA 1200mA 1582mA 1698mA 2008mA 2037mA 2027mA 2032mA 2034mA 493mA 584mA 781mA 838mA 980mA 1006mA 1002mA 1004mA 993mA 247mA 288mA 391mA 414mA 490mA 497mA 501mA 496mA 496mA 78 79 83 85 87 86 86 86 86 80 81 84 86 89 87 87 87 88 80 82 84 87 89 88 87 88 88 65000F 65000F 33000F 13000F 6800F 2200F 755F 680F 450F 65000F 65000F 33000F 13000F 6800F 2200F 755F 680F 450F 65000F 65000F 33000F 13000F 6800F 2200F 755F 680F 450F
Note
1. 2. 3. 4. 5. 6. 7. 8. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment). Maximum value at nominal input voltage and full load. Typical value at nominal input voltage and no load. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load. The ON/OFF control pin voltage is referenced to -Vin. To order negative logic ON-OFF control add the suffix-N (Ex: FED20-24S05-N). Heat sink is optional and P/N: 7G-0020C-F. The FED20 series can meet EN55022 Class A with parallel an external capacitor to the input pins. Recommend: 12Vin : 4.7F/50V 1812 MLCC . 24Vin : 2.2F/50V 1812 MLCC . 48Vin : 2.2F/100V 1812 MLCC. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m.
FED20-48S05 Derating Curve With Heatsink (Note 7 )
OUTPUT POWER(%)
120 100 80 60 40 20 0 -40 -20 0 20 40 60
75 80
9.
OUTPUT POWER (%)
FED20-48S05 Derating Curve
120 100 80 60 40 20 0 -40 -20 0 20 40 60 70 80 100 120
100
120
AMBIENT TEMPERATURE()
AMBIENT TEMPERATURE()
92
FED20-48S05 Efficiency VS Input Voltage
EFFICIENCY(%)
90 88 86 84 82 80 78
36
40
44
48
52
56
60
64
68
72
95 90 85 80 75 70 65 60 55 50 45
FED20-48S05 Efficiency VS Output Load
EFFICIENCY(%)
INPUT VOLTAGE (V)
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Page 2 of 3
Issued Date2008/05/21
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
L1 450H 3.3F/50V 3.3F/50V 1000pF/2KV 1000pF/2KV Common FED20-12xxx 1812 MLCC 1812 MLCC MLCC MLCC Choke PMT-048 450H 4.7F/50V 1000pF/2KV 1000pF/2KV Common FED20-24xxx N/A 1812 MLCC MLCC MLCC Choke PMT-048 325H 2.2F/100V 2.2F/100V 1000pF/2KV 1000pF/2KV Common FED20-48xxx 1812 MLCC 1812 MLCC MLCC MLCC Choke PMT-050 C1 C2 C3 C4
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
PIN CONNECTION
PIN 1 2 3 4 5 6 SINGLE + INPUT - INPUT + OUTPUT TRIM - OUTPUT CTRL DUAL + INPUT - INPUT + OUTPUT COMMON - OUTPUT CTRL
EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by using the method shown below.
TRIM UP TRIM DOWN
5
4
RU
4 3
RD
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3
Issued Date2008/05/21


▲Up To Search▲   

 
Price & Availability of FED20-24S2P5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X