Part Number Hot Search : 
JRC0168 HT82V KSC1070 V585ME42 Z1175 ST62P10C BUF672 SRF04
Product Description
Full Text Search
 

To Download FD1505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FD1505 -- Synchronous Step-Down MOSFET Driver
September 2008
FD1505 -- Synchronous Step-Down MOSFET Driver
1. Overview
1.1. Features
High-speed, High-current Drivers for Synchronous NChannel MOSFETs Adaptive Dead-time Control Optimizes Efficiency When Used with Digital-DCTM Controllers Adjustable Gate Drive Voltage: 4.5V to 7.5V Integrated 30V Bootstrap Schottky Diode Capable of Driving 40A per Phase Supports Switching Frequency up to 1.4MHz >5A Sink Low-side Driver High-side Driver <10ns Rise/Fall Times, Low Propagation Delay Adjustable Gate Drive Strength Optimizes Efficiency for Different VIN, VOUT, IOUT, fSW, and MOSFET Combinations Internal Non-overlap Watchdog Prevents Shootthrough Currents RoHS Compliant, Pb-free Exposed Pad 3 x 3mm DFN-10 Package
1.3. Description
The FD1505 is an integrated high-speed, high-current N-channel MOSFET driver for synchronous step-down DC-DC conversion applications. When used with Digital-DCTM PWM controllers, the FD1505 enables dynamically adaptive dead-time control that optimizes efficiency under all operating conditions. A dual input PWM configuration enables this efficiency optimization while minimizing complexity within the driver. Operating from a 4.5V to 7.5V input, the FD1505 combines a 5A, 0.5 low-side driver and a 3A, 0.8 high-side driver to support high step-down buck applications. A unique adjustable gate drive current scheme allows the user to adjust the drive current on both drivers to optimize performance for a wide range of input/output voltages, load currents, power MOSFETs, and switching frequencies up to 1.4MHz. An integrated 30V bootstrap Schottky diode is used to charge the external bootstrap capacitor. An internal watchdog circuit prevents excessive shoot-through currents and protects the external MOSFET switches. The FD1505 is specified over a wide -40C to 125C junction temperature range and is available in an exposed-pad, DFN-10 package.
HSEL
1.2. Applications
High-Efficiency, High-Current DC-DC Buck Converters with Digital Control and PMBusTM Multi-Phase Digital DC-DC converters with Phase Adding/Dropping Power Train Modules Synchronous Rectification for Secondary Side Isolated Power Converters
VDD PWMH Level shift PWML
Shootthrough Protection
BST GH SW
VDD
GL
FD1505
GND LSEL
IMPORTANT NOTE:
For additional information, please contact digitalpower@fairchildsemi.com. Figure 1.
Block Diagram
(c) 2008 Fairchild Semiconductor Corporation FD1505 * Rev. 1.3.1
www.fairchildsemi.com
FD1505 -- Synchronous Step-Dow MOSFET Driver
Digital-DCTM, and the Zilker Labs Logo are trademarks of Zilker Labs, Inc., used under license by Fairchild Semiconductor. All other products or brand names mentioned herein are trademarks of their respective holders.
(c) 2008 Fairchild Semiconductor Corporation FD1505 * Rev. 1.3.1 www.fairchildsemi.com 14


▲Up To Search▲   

 
Price & Availability of FD1505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X