Part Number Hot Search : 
B66101MA SD350YT SX19V009 14P50 EL4583A 5931B TINY13 SL15T3
Product Description
Full Text Search
 

To Download EM2009-FTXM4-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet
4/8 Fast Ethernet TDM - LambdaDriver(R) Module (EM2009-FXM/FTXM)
Features
4 or 8 SFP based 100BASE-FX ports 4 or 8 copper 10BASE-T or 100BASE-TX ports IEEE 802.3 compliant Auto MDI/MDIX crossover capability. Supports both auto-negotiation systems and legacy systems without auto-negotiation capability. Trunk port data rate 2.5Gbps Loopback on every port Performance monitoring Link Integrity Notification Support of local/remote loopback tests per port SFP Digital Diagnostics monitoring as per SFF-8472 Front panel status LEDs SFP digital diagnostics as per SFF-8472
Applications
Fully separated Ethernet services aggregation Fiber bottleneck relief - 8 times more capacity over the same fiber Private LAN's aggregation over one wavelength in MAN WDM networks
EM2009-FXM/FTXM
Overview
The LambdaDriver(R) EM2009-FXM/ EM2009-FTXM modules use an advanced Time Division Multiplexing (TDM) technology for their Fast Ethernet ports, which can interconnect 10 Mbps and 100 Mbps IEEE 802.3 standard networks over a single Full-Duplex fiberoptic trunk. Trunk lengths can range from a couple of kilometers to hundreds of kilometers. Typical applications include: 1) Point-to-point interconnection of up to 8 LANs, one per port and fully isolated from one another (unlike with a switching technology), over one or two fibers. 2) CWDM/DWDM Ring interconnection using up to 8 FE channels/ services per wavelength while allowing the coexistence of additional services on different wavelengths. Four 4-port models and four 8-port models are currently available: Each model is identified by two options for the access ports (i.e., SFP or RJ45) and two options for the trunk ports (i.e., SFP or fixed transceiver). A unique feature enables the auto-negotiation function to be
applicable across the whole trunk, not just locally. This means that in case a 10 Mbps LAN is connected on one side of the link and a100 Mbps LAN is connected on the other side of the link, the auto negotiation will work over the whole link to reduce the 100 Mbps speed to 10 Mbps speed on the appropriate side. SFP-based ports support any Fast Ethernet SFP. The 4-port models occupy one slot space. The 8-port models occupy two slot spaces. The aggregate trunk speed is 2.5 Gbps (even in the 4-port models) so that these modules can use regular OC48 SFPs, providing distances of up to 80 km without power or dispersion compensation. They can also use CWDM/DWDM SFPs to allow higher service aggregation over a single fiber or MMX SFP's for a transport distance of up to 2 km over Multimode fibers. For distances greater than 80 km, models with a fixed trunk port can be used (instead of SFP based trunk ports) to support distances of up to 400 km (600 km optional) without the need for DCM's (Dispersion Compensation Modules).



Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
The Link Integrity Notification (LIN) functionality is fully supported only in SFP-based models (EM2009-FXM). On all modules (including the EM2009-FTXM), the access ports are disabled when there is no reception on the trunk port. When combined with the LambdaDriver(R) Element Management module, full monitoring and configuration capabilities become available locally at a craft terminal via the RS-232 interface and remotely at a TELNET or SNMP station via an Ethernet/Fast Ethernet interface. MRV's MegaVision Web(R)-based SNMP management application provides remote control, thus reducing the costly need for many in-field services. The LambdaDriver(R) EM2009-FXM/EM2009-FTXM modules fully support Digital Diagnostics provided by the SFPs per Multi-Source Agreement (SFF-8472), including Optical Transmit Power, Optical Receive Power, and Temperature Measurements. Each port possesses the loopback functionality for maintenance purposes. On the aggregation port, a BER counter is provided for improved link performance monitoring. The modules are hot-swappable and supported by all models of the LambdaDriver chassis.
Technical Specifications
Connectors EM2009-FXM8: 8 x FE- SFP on the access side, Trunk - OC48 SFP EM2009-FXM4: 4 x FE- SFP on the access side, Trunk - OC48 SFP EM2009-FTXM8: 8 x RJ48 on the access side, Trunk - OC48 SFP EM2009-FTXM4: 4 x RJ48 on the access side, Trunk - OC48 SFP TM-FXxxx: 2xMu on the Trunk side -5 to 45 o C -10 to 70 o C 85% maximum, non-condensing Model with 4 ports: 26.93 mm (1.06 in) x 130.7 mm (5.145 in) x 227.5 mm (8.956 in) Model with 8 ports: 54.18 mm ( 2.13 in) x 130.7 mm (5.145 in) x 227.5 mm (8.956 in) 0.7 kg (1.5 lb) DWDM: ITU - T- G.694.1 CWDM: ITU - T- G.694.2 +1.5 dBm -32 dBm +/- 1 dBm DL3TYPE : 2dB at 5,400 ps/nm DL4TYPE : 2dB at 6,500 ps/nm DL6TYPE : 2dB at 12,800 ps/nm
Operating Temperature Storage Temperature Relative Humidity Dimensions (W x H x D) Weight WDM grid Minimum laser power* Minimum receiver power* Dispersion penaly
* For SFP based (on trunk) modules, please refer to appropriate SFP datasheet.
Ordering Information
EM2009-FXM4/P EM2009-FTXM4/P EM2009-FXM8/P EM2009-FTXM8/P TM-FXM4DL3/xx TM-FTXM4DL3/xx TM-FXM8DL3/xx
4 FE SFP ports TDM Multiplexer channel card with SFP trunk interface 4 10/100BaseTX ports TDM Multiplexer channel card with SFP trunk interface 8 FE SFP ports TDM Multiplexer channel card with SFP trunk interface 8 10/100BaseTX ports TDM Multiplexer channel card with SFP trunk interface 4 FE SFP ports TDM Multiplexer channel card with DWDM trunk interface up to 300km 4 10/100BaseTX ports TDM Multiplexer channel card with DWDM trunk interface up to 300km 8 FE SFP ports TDM Multiplexer channel card with DWDM trunk interface up to 300kmbda Driver800, 8 slot Chassis with single DC power supply (48V DC)
TM-FTXM8DL3/xx 8 interface up to 300km 10/100BaseTX ports TDM Multiplexer channel card with DWDM trunk Multiplexer channel card with DWDM trunk interface up to 400km TM-FXM4DL4/xx 4 FE SFP ports TDM TM-FTXM4DL4/xx 4 10/100BaseTX ports TDM card with DWDM trunk interface up to 400km Multiplexer channel
TM-FXM8DL4/xx 8 FE SFP ports TDM Multiplexer channel card with DWDM trunk interface up to 400kmbda Driver 800, 8 slot Chassis with single DC power supply (48V DC)
TM-FXM8DL4/xx
8 10/100BaseTX ports TDM Multiplexer channel card with DWDM trunk interface up to 400km


MRV-FXM/FTXM Rev.1 08 -05
Copyright (c)2005 MRV Communications, Inc. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of EM2009-FTXM4-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X