Part Number Hot Search : 
40T03GH 08M41VSA CX550 HAF1009 RB151 24L15 EPE6210S 3329H203
Product Description
Full Text Search
 

To Download EKLG201ESS271MM45S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Overvoltage-proof design, 105C
@No sparks against DC over-voltage @Endurance with ripple current : 105C 2000 hours @Non solvent-proof type @Pb-free design
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -25 to +105C 200 & 400Vdc P20% (M) I=0.04CV+100 Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) 200V 400V Rated voltage (Vdc) 0.20 0.24 tanE (Max.) 200V 400V Rated voltage (Vdc) 4 6 Z(-25C)/Z(+20C)
Characteristics
(at 20C, 120Hz) (at 20C after 1 minute) (at 20C, 120Hz)
Shelf Life
(at 120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated ripple current is applied for 2000 hours at 105C. Capacitance change [P20% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C without voltage applied. Capacitance change [P20% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [500% of the initial specified value
?DIMENSIONS [mm]
Sleeve (PET) FD+0.5max. 7.5P0.5 4min.
Gas escape end seal
15 16 17 18
@Terminal Code : E
F0.8 15min.
8 9 10 11 12 13 14
L+1.5max. Vent
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7
E KLG AAA E AA AAA M AAA S
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 47MF:470,100MF:101) Lead forming*taping code Terminal code Voltage code (ex. 200V:201,400V:401) Series code Category
Please refer to "A guide to global code (radial lead type)"
(1/2)
CAT. No. E1001E
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Overvoltage-proof design, 105C
?STANDARD RATINGS
WV (Vdc) Cap (mF) 82 100 100 120 120 130 150 150 150 180 180 220 220 270 330 Case size fDbL(mm) 16 B 20 16 B 25 18 B 20 16 B 31.5 18 B 25 18 B 20 16 B 31.5 18 B 20 18 B 25 16 B 40 18 B 31.5 18 B 35.5 18 B 40 18 B 45 18 B 45 tane Rated ripple current (mArms/ 105c,120Hz) 230 425 250 500 475 285 560 315 530 645 630 725 735 830 920 Part No. WV (Vdc) Cap (mF) 22 22 33 33 39 39 47 47 56 56 68 82 100 Case size fDbL(mm) 16 B 20 16 B 25 16 B 25 18 B 20 16 B 31.5 18 B 25 16 B 31.5 18 B 25 16 B 40 18 B 31.5 18 B 35.5 18 B 40 18 B 40 tane Rated ripple current (mArms/ 105c,120Hz) 145 200 220 225 245 250 275 280 350 315 350 395 450 Part No.
200
0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20
EKLG201ESS820ML20S EKLG201ESS101ML25S EKLG201ESS101MM20S EKLG201ESS121MLN3S EKLG201ESS121MM25S EKLG201ESS131MM20S EKLG201ESS151MLN3S EKLG201ESS151MM20S EKLG201ESS151MM25S EKLG201ESS181ML40S EKLG201ESS181MMN3S EKLG201ESS221MMP1S EKLG201ESS221MM40S EKLG201ESS271MM45S EKLG201ESS331MM45S
400
0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24 0.24
EKLG401ESS220ML20S EKLG401ESS220ML25S EKLG401ESS330ML25S EKLG401ESS330MM20S EKLG401ESS390MLN3S EKLG401ESS390MM25S EKLG401ESS470MLN3S EKLG401ESS470MM25S EKLG401ESS560ML40S EKLG401ESS560MMN3S EKLG401ESS680MMP1S EKLG401ESS820MM40S EKLG401ESS101MM40S
SS : Lead forming / Taping code
?DC OVERVOLTAGE TEST CONDITIONS
The vent will be operated and the capacitor shall become an open circuit without burning materials when the following excess DC voltage is applied. @Test DC voltage
Rated voltage 200Vdc 400Vdc Current limit 4A 2A Test DC voltage 300/375Vdc 500/600Vdc
+
@Test circuit
AC input SW CX
-
Constant DC voltage/current power supply
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
Frequency (Hz) 50 22 to 47mF 0.75 56 to 220mF 0.80 120 1.00 1.00 300 1.25 1.15 1k 1.50 1.30 10k 1.75 1.40 50k 1.80 1.50 100k 1.85 1.60
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EKLG201ESS271MM45S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X